Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73216MDBVREP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73216MDBVREP
Description  CAP-FREE NMOS 250-mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73216MDBVREP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS73216MDBVREP Datasheet HTML 6Page - Texas Instruments TPS73216MDBVREP Datasheet HTML 7Page - Texas Instruments TPS73216MDBVREP Datasheet HTML 8Page - Texas Instruments TPS73216MDBVREP Datasheet HTML 9Page - Texas Instruments TPS73216MDBVREP Datasheet HTML 10Page - Texas Instruments TPS73216MDBVREP Datasheet HTML 11Page - Texas Instruments TPS73216MDBVREP Datasheet HTML 12Page - Texas Instruments TPS73216MDBVREP Datasheet HTML 13Page - Texas Instruments TPS73216MDBVREP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
www.ti.com
10
µs/div
50mV/tick
50mV/tick
50mV/tick
50mA/tick
V
IN = 3.8V
C
OUT = 0µF
C
OUT = 1µF
C
OUT = 10µF
10mA
250mA
V
OUT
V
OUT
V
OUT
I
OUT
10
µs/div
50mV/div
50mV/div
1V/div
V
OUT
V
OUT
V
IN
I
OUT = 250mA
5.5V
4.5V
dV
IN
dt
= 0.5V/
µs
C
OUT = 0µF
C
OUT = 100µF
100
µs/div
1V/div
1V/div
R
L = 20Ω
C
OUT = 10µF
2V
0V
R
L = 1kΩ
C
OUT = 0µF
R
L = 20Ω
C
OUT = 1µF
V
OUT
V
EN
100
µs/div
1V/div
1V/div
R
L = 20Ω
C
OUT = 10µF
2V
0V
R
L = 1kΩ
C
OUT = 0µF
R
L = 20Ω
C
OUT = 1µF
V
OUT
V
EN
6
5
4
3
2
1
0
−1
−2
50ms/div
V
IN
V
OUT
10
1
0.1
0.01
−50
−25
0
25
50
75
100
125
Temperature (
°C)
TPS73201-EP
,, TPS73215-EP
TPS73216-EP, TPS73218-EP, TPS73225-EP
TPS73230-EP, TPS73233-EP, TPS73250-EP
SGLS346 – JUNE 2006
TYPICAL CHARACTERISTICS (continued)
For all voltage versions at T
J = 25°C, VIN = VOUT(nom) + 0.5 V, IOUT = 10 mA, VEN = 1.7 V, and COUT = 0.1 µF, unless otherwise
noted.
TPS73233
TPS73233
LOAD TRANSIENT RESPONSE
LINE TRANSIENT RESPONSE
Figure 22.
Figure 23.
TPS73233
TPS73233
TURN-ON RESPONSE
TURN-OFF RESPONSE
Figure 24.
Figure 25.
TPS73233
POWER UP / POWER DOWN
IENABLE vs TEMPERATURE
Figure 26.
Figure 27.
10
Submit Documentation Feedback


Similar Part No. - TPS73216MDBVREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73216MDBVREP TI1-TPS73216MDBVREP Datasheet
918Kb / 22P
[Old version datasheet]   CAP-FREE NMOS 250-mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
More results

Similar Description - TPS73216MDBVREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73250-Q1 TI1-TPS73250-Q1 Datasheet
732Kb / 20P
[Old version datasheet]   Cap-Free, NMOS, 250-mA Low-Dropout Regulator with Reverse Current Protection
TPS732-Q1 TI1-TPS732-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Cap-Free NMOS 250-mA Low-Dropout Regulator With Reverse-Current Protection
TPS73201-EP TI1-TPS73201-EP_15 Datasheet
918Kb / 22P
[Old version datasheet]   CAP-FREE NMOS 250-mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73201-Q1 TI1-TPS73201-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   CAP-FREE NMOS 250-mA LOW-DROPOUT REGULATOR WITH REVERSE-CURRENT PROTECTION
TPS73101-EP TI1-TPS73101-EP Datasheet
623Kb / 22P
[Old version datasheet]   CAP-FREE NMOS 150 mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73115-EP TI-TPS73115-EP_15 Datasheet
503Kb / 23P
[Old version datasheet]   CAP-FREE NMOS 150 mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73101-EP TI1-TPS73101-EP_15 Datasheet
605Kb / 23P
[Old version datasheet]   CAP-FREE NMOS 150 mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS736 TI-TPS736_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS736xx Cap-Free, NMOS, 400-mA Low-Dropout Regulator with Reverse Current Protection
TPS73101 TI-TPS73101 Datasheet
348Kb / 16P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73201 TI-TPS73201 Datasheet
427Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com