Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS72719YFFT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS72719YFFT
Description  250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS72719YFFT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS72719YFFT Datasheet HTML 3Page - Texas Instruments TPS72719YFFT Datasheet HTML 4Page - Texas Instruments TPS72719YFFT Datasheet HTML 5Page - Texas Instruments TPS72719YFFT Datasheet HTML 6Page - Texas Instruments TPS72719YFFT Datasheet HTML 7Page - Texas Instruments TPS72719YFFT Datasheet HTML 8Page - Texas Instruments TPS72719YFFT Datasheet HTML 9Page - Texas Instruments TPS72719YFFT Datasheet HTML 10Page - Texas Instruments TPS72719YFFT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
1.90
1.88
1.86
1.84
1.82
1.80
1.78
1.76
1.74
1.72
1.70
-40 -25 -10
5
20
35
50
65
80
95
110 125
Temperature(
)
C
°
I
=10mA
OUT
I
=200mA
OUT
12.0
11.5
11.0
10.5
10.0
9.5
9.0
8.5
8.0
7.5
7.0
2.1
2.6
3.1
3.6
4.1
4.6
5.1
5.6
V
(V)
IN
+125 C
°
+25 C
°
+85 C
°
-40 C
°
I
=0mA
OUT
140
120
100
80
60
40
20
0
0
25
50
75
100
125
150
175
250
200
225
I
(mA)
OUT
0mA
I
250mA
OUT
£
£
+125 C
+85 C
+25 C
40 C
-
°
°
°
°
-40 -25 -10
5
20
35
50
65
80
95
110 125
Temperature(
)
C
°
15
12
9
6
3
0
V
=2.1V
I
=0mA
IN
OUT
2.0
1.6
1.2
0.8
0.4
0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
V
(V)
IN
+125 C
°
+25 C
°
+85 C
°
-40 C
°
550
500
450
400
350
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
V
(V)
IN
TPS727xx
www.ti.com
SBVS128C – JUNE 2009 – REVISED JANUARY 2011
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(TYP) + 0.3V or 2.0V, whichever is greater; IOUT = 10mA,
VEN = VIN, and COUT = 1.0mF, unless otherwise noted. Typical values are at TJ = +25°C.
OUTPUT VOLTAGE vs TEMPERATURE
GROUND PIN CURRENT vs INPUT VOLTAGE
(TPS72718)
(TPS72718)
Figure 8.
Figure 9.
GROUND PIN CURRENT vs LOAD
GROUND PIN CURRENT vs TEMPERATURE
(TPS72718)
(TPS72718)
Figure 10.
Figure 11.
SHUTDOWN CURRENT vs INPUT VOLTAGE
CURRENT LIMIT vs INPUT VOLTAGE
(TPS72718)
(TPS72718)
Figure 12.
Figure 13.
Copyright © 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7


Similar Part No. - TPS72719YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72719YFFT TI-TPS72719YFFT Datasheet
841Kb / 21P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS72719YFFT TI1-TPS72719YFFT Datasheet
1Mb / 36P
[Old version datasheet]   Ultralow IQ Fast Transient Response RF Low-Dropout Linear Regulator
TPS72719YFFT TI-TPS72719YFFT Datasheet
1Mb / 36P
[Old version datasheet]   TPS727 250-mA, Ultralow IQ, Fast Transient Response, RF Low-Dropout Linear Regulator
More results

Similar Description - TPS72719YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS727XX TI-TPS727XX Datasheet
711Kb / 22P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS727XX TI1-TPS727XX_11 Datasheet
681Kb / 23P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
JANUARY2011
TPS727XX TI-TPS727XX_1 Datasheet
546Kb / 20P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS72718DSEEVM-406 TI-TPS72718DSEEVM-406 Datasheet
841Kb / 21P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS727 TI1-TPS727_15 Datasheet
1Mb / 36P
[Old version datasheet]   Ultralow IQ Fast Transient Response RF Low-Dropout Linear Regulator
TPS727 TI-TPS727 Datasheet
1Mb / 37P
[Old version datasheet]   TPS727xx 250-mA, Ultralow IQ, Fast Transient Response,RF Low-Dropout Linear Regulator
TPS727 TI-TPS727_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TPS727 250-mA, Ultralow IQ, Fast Transient Response, RF Low-Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS2115 ADMOS-AMS2115 Datasheet
209Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
AMS2115 ADMOS-AMS2115_07 Datasheet
213Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
logo
Monolithic Power System...
EVQ20056-G-00A MPS-EVQ20056-G-00A Datasheet
696Kb / 6P
   Fast Transient Response, Ultra-Small 250mA Linear Regulator EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com