Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73601MDBVREP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73601MDBVREP
Description  CAP-FREE NMOS 400 mA LOW-DROPOUT REGULATORS WITH REVERSE CURRENT PROTECTION
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73601MDBVREP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS73601MDBVREP Datasheet HTML 4Page - Texas Instruments TPS73601MDBVREP Datasheet HTML 5Page - Texas Instruments TPS73601MDBVREP Datasheet HTML 6Page - Texas Instruments TPS73601MDBVREP Datasheet HTML 7Page - Texas Instruments TPS73601MDBVREP Datasheet HTML 8Page - Texas Instruments TPS73601MDBVREP Datasheet HTML 9Page - Texas Instruments TPS73601MDBVREP Datasheet HTML 10Page - Texas Instruments TPS73601MDBVREP Datasheet HTML 11Page - Texas Instruments TPS73601MDBVREP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
1000
900
800
700
600
500
400
300
200
100
0
−50
−25
0
25
50
75
100
125
VIN = 5.5 V
VIN = 3 V
VIN = 2 V
IOUT = 400 mA
Temperature (
°C)
1000
900
800
700
600
500
400
300
200
100
0
0
100
200
300
400
IOUT (mA)
VIN = 5.5 V
VIN = 4 V
VIN = 2 V
1
0.1
0.01
−50
−25
0
25
50
75
100
125
VENABLE = 0.5 V
VIN = VO + 0.5 V
Temperature (
°C)
800
700
600
500
400
300
200
100
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
V
OUT (V)
TPS73633
I
CL
I
SC
800
750
700
650
600
550
500
450
400
−50
−25
0
25
50
75
100
125
Temperature (
°C)
800
750
700
650
600
550
500
450
400
1.5
2.5
3.0
3.5
4.0
4.5
5.0
2.0
5.5
V
IN (V)
TPS73601-EP, TPS73615-EP, TPS73618-EP
TPS73625-EP, TPS73630-EP, TPS73632-EP, TPS73633-EP
SGLS326C – APRIL 2006 – REVISED FEBRUARY 2009 .................................................................................................................................................. www.ti.com
TYPICAL CHARACTERISTICS (continued)
For all voltage versions, TJ = 25°C, VIN = VOUT(nom) + 0.5 V, IOUT = 10 mA, VEN = 1.7 V, and COUT = 0.1 µF
(unless otherwise noted)
GROUND-PIN CURRENT vs OUTPUT CURRENT
GROUND PIN CURRENT vs TEMPERATURE
Figure 10.
Figure 11.
CURRENT LIMIT vs VOUT
GROUND PIN CURRENT in SHUTDOWN
(FOLDBACK)
vs TEMPERATURE
Figure 12.
Figure 13.
CURRENT LIMIT vs VIN
CURRENT LIMIT vs TEMPERATURE
Figure 14.
Figure 15.
8
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): TPS73601-EP TPS73615-EP TPS73618-EP TPS73625-EP TPS73630-EP TPS73632-EP
TPS73633-EP


Similar Part No. - TPS73601MDBVREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73601MDBVREP TI1-TPS73601MDBVREP Datasheet
1Mb / 27P
[Old version datasheet]   CAP-FREE NMOS 400 mA LOW-DROPOUT REGULATORS WITH REVERSE CURRENT PROTECTION
More results

Similar Description - TPS73601MDBVREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73601-EP TI1-TPS73601-EP_15 Datasheet
1Mb / 27P
[Old version datasheet]   CAP-FREE NMOS 400 mA LOW-DROPOUT REGULATORS WITH REVERSE CURRENT PROTECTION
TPS736 TI-TPS736_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS736xx Cap-Free, NMOS, 400-mA Low-Dropout Regulator with Reverse Current Protection
TPS73601-Q1 TI1-TPS73601-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   TPS736xx-Q1, Cap-Free, NMOS, 400-mA Low-Dropout Regulator With Reverse Current Protection
TPS73250-Q1 TI1-TPS73250-Q1 Datasheet
732Kb / 20P
[Old version datasheet]   Cap-Free, NMOS, 250-mA Low-Dropout Regulator with Reverse Current Protection
TPS732-Q1 TI1-TPS732-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Cap-Free NMOS 250-mA Low-Dropout Regulator With Reverse-Current Protection
TPS73101-EP TI1-TPS73101-EP Datasheet
623Kb / 22P
[Old version datasheet]   CAP-FREE NMOS 150 mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73115-EP TI-TPS73115-EP_15 Datasheet
503Kb / 23P
[Old version datasheet]   CAP-FREE NMOS 150 mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73201-EP TI1-TPS73201-EP_15 Datasheet
918Kb / 22P
[Old version datasheet]   CAP-FREE NMOS 250-mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73101-EP TI1-TPS73101-EP_15 Datasheet
605Kb / 23P
[Old version datasheet]   CAP-FREE NMOS 150 mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73201-EP TI1-TPS73201-EP Datasheet
567Kb / 21P
[Old version datasheet]   CAP-FREE NMOS 250-mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com