Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9285FXX Datasheet(PDF) 11 Page - Rohm

Part # BD9285FXX
Description  Boost 1channel white LED driver For large LCDs
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9285FXX Datasheet(HTML) 11 Page - Rohm

Back Button BD9285FXX Datasheet HTML 7Page - Rohm BD9285FXX Datasheet HTML 8Page - Rohm BD9285FXX Datasheet HTML 9Page - Rohm BD9285FXX Datasheet HTML 10Page - Rohm BD9285FXX Datasheet HTML 11Page - Rohm BD9285FXX Datasheet HTML 12Page - Rohm BD9285FXX Datasheet HTML 13Page - Rohm BD9285FXX Datasheet HTML 14Page - Rohm BD9285FXX Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
Datasheet
11/36
TSZ02201-0F1F0C100030-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
11.Jul.2012 Rev.001
www.rohm.com
TSZ22111
15
001
BD9285F
is decreased, on the other hand, the transient response is delayed.
And please keep in mind the error voltage if the pull down resistor of ADIM pin will be connected.
Pin9: ADIM_P
The pulse signal input pin for analog dimming. Please pull up the voltage level more than 4.2V(typ.), when DC signal is
used for the analog dimming. In normal operation, please set the input voltage under 5.6V. For more details, please refer
to <ADIM> pin descriptions.
The input frequency of this pin assumed from 2kHz to 100kHz. Please keep in mind that the capacitor of ADIM pin is
small considering of this input frequency, the error of LED current can be cause.
Pin10: GND
GND pin of IC.
Pin11: DIMOUT
This is the output pin for external NMOS of dimming. The below table shows the rough output logic of each operation
state, and the output H level is VCC. Please refer to the time chart in the section 3.7 for detail explanations, because The
DIMOUT logic has the exceptional behavior. Please insert the resistance between the dimming MOS gate to improve the
over shoot of LED current, as PWM turns from low to high.
Status
DIMOUT output
Normal
PWM1 and PWM2
Abnormal
GND Level
Pin12: GATE
This is the output terminal for driving the gate of the boost MOSFET. The high level is VCC of IC. Frequency can be set
by the resistor connected to RT. Please refer to the <RT> pin description for the frequency setting.
Pin13: STB
ON/OFF setting terminal for IC, which can be used to perform a reset at shutdown. Please reset this pin after latch off.
Regarding of the sequence of turning on, if the input logic STB turns from low to high, the internal power supply is
activated. After the positive edge of PWM is input , BD9285 starts the boost operation.
The input voltage of STB pin toggles the IC state(IC ON/OFF). Please avoid the use of the intermediate level (from
0.8V to 2.2V).
Regarding of the power down sequence, while STB=L and TC54UVLO=H, in order to discharge the output voltage,
DIMOUT logic can assert high, depending on the PWM logic. This discharge behavior is separately described in the time
chart in the section 3.7.3, or in the section 3.4.2, ”how to shutdown and set TC54 capacitance”
Pin14: VCC
Power supply pin of IC. Input range is from 9V to 18.0V.
The operation starts more than 7.5 V(TYP.) and shuts down less than 7.2 V(TYP.).
Pin15: ISENSE
This is the input terminal for the current detection. The error amplifier compares
the lower voltage the analog dimming pin ADIM and 3.5V. The abnormal voltage
of this pin activates the protection function of LED, such as LEDOCP, OPEN.
[LED OCP Protection Function]
More than ISENSE = 4.0V (typ.), the over current of LED (LEDOCP) will be
detected. If that states continues 4096 clock of GATE pin, IC will latch off.
(Please refer to the time chart in the section 3.7.8.)
[LED OPEN Protection Function]
If OPEN state (ISENSE<0.1V) continues during 4 clocks interval of GATE
terminal, BD9285 starts to count the interval of the abnormal state. In that
counting state, DIMOUT logic keeps high output no matter what PWM logic so
that the OPEN abnormal state can be detected continuously. If the abnormal
condition continues by the completion of counting, BD9285 will be latched off.
(Please refer to the time chart in the section 3.7.7.)
Exceptionally the OPEN protect detection are masked in the following conditions,
CASE1.
When PWM = L. ISENSE is less than 0.1V even in normally, because
DIMOUT = L.
CASE2.
In the soft-start interval. ISENSE is less than 0.1V, because of the
insufficient output voltage Vout
.
Pin16: FB
This is the output terminal of error amplifier. Monitoring the ISENSE terminal voltage, this pin outputs the error signal with
the analog dimming signal (pin ADIM) or 3.5V.
After the completion of the SS, this pin outputs high impedance as the logic “PWM1 and PWM2” asserts low. FB voltage
3.5V
Vout
ISENSE
FB
Error
AMP
ADIM
DIMOUT
Figure 14. ISENSE pin circuit


Similar Part No. - BD9285FXX

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9202EFS ROHM-BD9202EFS Datasheet
520Kb / 20P
   White backlight LED drivers for medium to large LCD panels (SWREG type)
BD9203EFV ROHM-BD9203EFV Datasheet
190Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9204F ROHM-BD9204F Datasheet
187Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9206EFV ROHM-BD9206EFV Datasheet
416Kb / 13P
   Simple Structure Constant Current Backlight Driver for LCD panels (Non-step type)
BD9206EFV-E2 ROHM-BD9206EFV-E2 Datasheet
1Mb / 21P
   Simple Structure Constant Current Backlight Driver for LCD panels
More results

Similar Description - BD9285FXX

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9488F ROHM-BD9488F Datasheet
1Mb / 39P
   Boost 1channel white LED driver For large LCDs
BD9488F ROHM-BD9488F_14 Datasheet
1Mb / 42P
   Boost 1channel white LED driver For large LCDs
BD9413F ROHM-BD9413F Datasheet
1Mb / 37P
   1ch Boost up type White LED Driver for large LCD
BD9489F ROHM-BD9489F_16 Datasheet
1Mb / 40P
   1ch Boost up type White LED Driver for large LCD
BD9486F ROHM-BD9486F Datasheet
896Kb / 37P
   1ch Boost up type White LED Driver for large LCD
BD9486F ROHM-BD9486F_16 Datasheet
1Mb / 38P
   1ch Boost up type White LED Driver for large LCD
BD9409F ROHM-BD9409F Datasheet
2Mb / 37P
   1ch Boost up type White LED Driver for large LCD
BD9411F ROHM-BD9411F Datasheet
1Mb / 38P
   1ch Boost up Type White LED Driver for large LCD
BD9408FV ROHM-BD9408FV Datasheet
1Mb / 37P
   1ch Boost Up Type White LED Driver for Large LCD
BD9271KUT ROHM-BD9271KUT Datasheet
1Mb / 38P
   White LED Diver for Backlight of Medium/Large-sized LCDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com