Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9478F-XX Datasheet(PDF) 8 Page - Rohm

Part # BD9478F-XX
Description  PWM pulse Generator for LCD Panels
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9478F-XX Datasheet(HTML) 8 Page - Rohm

Back Button BD9478F-XX Datasheet HTML 4Page - Rohm BD9478F-XX Datasheet HTML 5Page - Rohm BD9478F-XX Datasheet HTML 6Page - Rohm BD9478F-XX Datasheet HTML 7Page - Rohm BD9478F-XX Datasheet HTML 8Page - Rohm BD9478F-XX Datasheet HTML 9Page - Rohm BD9478F-XX Datasheet HTML 10Page - Rohm BD9478F-XX Datasheet HTML 11Page - Rohm BD9478F-XX Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8/12
Datasheet
BD9478F
TSZ02201-0F1F0C100010-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
24. Jul.2012 Rev.002
www.rohm.com
TSZ22111
・15・001
●About Dimming Function
Burst Frequency Free Run Function
Because PLL is incorporated, Free Run operation is possible for burst frequency.
PLL circuit will operate like it synchronizes with the frequency of signal input to VSYNC pin.
Then, the voltage that is in proportion to the frequency will be generated in LPF pin.
When LPF pin voltage becomes 0.35V or lower, it will judge the external burst frequency is abnormal and clumps with the
frequency of fPLLmin. Then, PLL frequency is changed to Free Run frequency. (note1)
When the burst frequency becomes normal and LPF pin becomes over 0.9V, it will return to the state that synchronizes
with the burst frequency.(note2)
In the same way, when LPF pin becomes 2.75V or more, it will clump with the frequency of fPLLmax.
When the burst frequency becomes normal and LPF2 pin becomes 2.65V or lower, it will return to the state that
synchronizes with the burst frequency.
When LPF pin becomes 0.15V or lower, it will judge the external burst frequency is not inputted and switches to the
frequency of fPLLtyp.(Free Run mode)
Note1
If fVSYNC is less than fPLLmin, the input of VCO is fixed to 0.36V inside IC, and PWM frequency is fixed
to fPLLmin. However, since it is fVSYNC<fPLLmin, a LPF terminal approaches 0V.
Then, it is set to LPF<0.15V, and it shifts to Free Run mode and PWM frequency is set to fPLLtyp.
Note2
In order to shift to PLL mode, it is necessary to input bigger frequency than Free Run frequency into VSYNC.
Figure 13.


Similar Part No. - BD9478F-XX

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD947 ISC-BD947 Datasheet
192Kb / 2P
   isc Silicon NPN Power Transistor
logo
Rohm
BD9470AEFV ROHM-BD9470AEFV Datasheet
1Mb / 39P
   White LED driver for medium sized and large sized LCD back light
BD9470AEFV ROHM-BD9470AEFV Datasheet
1Mb / 38P
   White LED driver for medium sized and large sized LCD back light
19.Oct.2013 Rev.003
BD9470AEFV-E2 ROHM-BD9470AEFV-E2 Datasheet
1Mb / 39P
   White LED driver for medium sized and large sized LCD back light
BD9470AEFVE2 ROHM-BD9470AEFVE2 Datasheet
1Mb / 38P
   White LED driver for medium sized and large sized LCD back light
19.Oct.2013 Rev.003
More results

Similar Description - BD9478F-XX

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2412AQ SONY-CXD2412AQ Datasheet
1Mb / 36P
   Timing Generator for LCD Panels
CXD2442Q SONY-CXD2442Q Datasheet
9Mb / 70P
   Timing Generator for LCD Panels
CXD2453Q SONY-CXD2453Q Datasheet
997Kb / 21P
   Timing Generator for LCD Panels
CXD3500R SONY-CXD3500R Datasheet
792Kb / 73P
   Timing Generator for LCD Panels
CXD2436Q SONY-CXD2436Q Datasheet
2Mb / 34P
   Timing Generator for LCD Panels
CXD2443Q SONY-CXD2443Q Datasheet
8Mb / 57P
   Timing Generator for LCD Panels
CXD2464R SONY-CXD2464R Datasheet
4Mb / 97P
   Timing Generator for LCD Panels
CXD2458AR SONY-CXD2458AR Datasheet
1Mb / 56P
   Timing Generator for Color LCD Panels
CXD2411AR SONY-CXD2411AR Datasheet
1Mb / 42P
   Timing Generator for Color LCD Panels
logo
Richtek Technology Corp...
RT8901 RICHTEK-RT8901 Datasheet
182Kb / 10P
   35V Gate Pulse Modulator for LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com