Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9479FV-XX Datasheet(PDF) 3 Page - Rohm

Part # BD9479FV-XX
Description  White LED Driver for large LCD Panels (DCDC Converter type)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9479FV-XX Datasheet(HTML) 3 Page - Rohm

  BD9479FV-XX Datasheet HTML 1Page - Rohm BD9479FV-XX Datasheet HTML 2Page - Rohm BD9479FV-XX Datasheet HTML 3Page - Rohm BD9479FV-XX Datasheet HTML 4Page - Rohm BD9479FV-XX Datasheet HTML 5Page - Rohm BD9479FV-XX Datasheet HTML 6Page - Rohm BD9479FV-XX Datasheet HTML 7Page - Rohm BD9479FV-XX Datasheet HTML 8Page - Rohm BD9479FV-XX Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
3/26
Datasheet
BD9479FV
TSZ02201-0F1F0C100020-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
9.Aug.2012 Rev.001
www.rohm.com
TSZ22111
15
001
Electrical Characteristics (Unless otherwise noted, Ta = 25
oC, VCC=24V)
Parameter
Symbol
Limit
Unit
Condition
Min.
Typ.
Max.
[Whole Device]
Operation current
ICC
8.7
14.0
mA
STB=3V, PWM1-8=0V
Standby current
IST
12
24
uA
STB=0V
[UVLO Block]
Operation Voltage
VCC
VUVLO_VCC
6.5
7.5
8.5
V
VCC=SWEEP UP
Hysteresis Voltage
VCC
VUHYS_VCC
150
300
600
mV
VCC=SWEEP DOWN
Operation Voltage
UVLO
VUVLO
2.91
3.00
3.09
V
UVLO=SWEEP UP
Hysteresis Voltage
UVLO
VUHYS
170
210
250
mV
UVLO=SWEEP DOWN
[DC/DC Block]
Error amp Base Voltage
VEAMP
0.55
0.60
0.65
V
BSx pin, VREF=0.9V
Oscillation frequency
FCT
142.5
150.0
157.5
kHz
RT=100kΩ
N pin MAX DUTY output
NMAX_DUT
Y
90
95
99
%
RT=100kΩ
N pin source ON resistor
RNSO
0.5
1
2
N pin sink ON resistor
RNSI
0.5
1
2
RT pin Voltage
VRT
1.00
1.50
2.00
V
RT=100kΩ
SS pin source current
ISSSO
-2.4
-2.0
-1.6
uA
Soft start ended Voltage
VSS_ED
3.6
4.0
4.4
V
FB pin source current
IFBSO
-110
-100
-90
uA
FB pin sink current
IFBSI
85
100
115
uA
Over current detect Vlotage
VCS
0.35
0.40
0.45
V
[DC/DC Protection Block]
CP pin source current
ICPSO
-2.4
-2.0
-1.6
uA
CP pin detect Voltage
VCP
2.375
2.500
2.625
V
OVP High detect voltage
VOVPH
2.137
2.250
2.363
V
OVP Feedback Voltage
VOVPFB
2.375
2.500
2.625
V
OVP Low detect Voltage
VOVPL
0.14
0.20
0.30
V
[LED PNP Driver Block]
CL pin current setting Voltage
VRCL
295.5
300.0
304.5
mV
VREF=0.9V
CL pin current setting Voltage
(Analog MAX)
VRCLMAX
-3%
1.0
+3%
V
VREF max=3.0V
CL pin current setting Voltage
(Analog MIN)
VRCLMIN
-3%
200.0
+3%
mV
VREF min=0.6V
PNP Driver output sink resistor
RBS
55
80
120
PWMx=High, VCL=Low
VREF pin input current
IVREF
-1.0
0.0
1.0
uA
VREF=1V


Similar Part No. - BD9479FV-XX

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9479FV-XX ROHM-BD9479FV-XX Datasheet
1Mb / 30P
   White LED Driver for large LCD Panels (DCDC Converter type)
More results

Similar Description - BD9479FV-XX

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9428 ROHM-BD9428 Datasheet
759Kb / 29P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD9420F ROHM-BD9420F Datasheet
1Mb / 31P
   White LED Driver for large LCD Panels (DCDC Converter Type)
BD9421F ROHM-BD9421F_15 Datasheet
1Mb / 31P
   White LED Driver for large LCD Panels (DCDC Converter Type)
BD93941EFV ROHM-BD93941EFV_15 Datasheet
1Mb / 31P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD9394FP ROHM-BD9394FP Datasheet
1Mb / 31P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD9421F ROHM-BD9421F Datasheet
1Mb / 30P
   White LED Driver for large LCD Panels (DCDC Converter Type)
BD9479FV ROHM-BD9479FV_15 Datasheet
1Mb / 30P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD93942F ROHM-BD93942F Datasheet
1Mb / 30P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD9420F ROHM-BD9420F_15 Datasheet
1Mb / 32P
   White LED Driver for large LCD Panels (DCDC Converter Type)
BD9483F ROHM-BD9483F Datasheet
1Mb / 32P
   White LED Driver for large LCD Panels (DCDC Converter type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com