Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS76901SHKJ Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76901SHKJ
Description  ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76901SHKJ Datasheet(HTML) 2 Page - Texas Instruments

  TPS76901SHKJ Datasheet HTML 1Page - Texas Instruments TPS76901SHKJ Datasheet HTML 2Page - Texas Instruments TPS76901SHKJ Datasheet HTML 3Page - Texas Instruments TPS76901SHKJ Datasheet HTML 4Page - Texas Instruments TPS76901SHKJ Datasheet HTML 5Page - Texas Instruments TPS76901SHKJ Datasheet HTML 6Page - Texas Instruments TPS76901SHKJ Datasheet HTML 7Page - Texas Instruments TPS76901SHKJ Datasheet HTML 8Page - Texas Instruments TPS76901SHKJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
a
b
c
d
Origin
TPS76901-HT
SLVS959C – JUNE 2009 – REVISED APRIL 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
BARE DIE INFORMATION
BACKSIDE
BOND PAD
DIE THICKNESS
BACKSIDE FINISH
POTENTIAL
METALLIZATION COMPOSITION
15 mils.
Silicon with backgrind
GND
Al-Si-Cu (0.5%)
Table 1. BOND PAD COORDINATES
DESCRIPTION(1)
PAD NUMBER
a
b
c
d
IN
1
91.55
764.45
176.55
849.45
OUT
2
130.10
91.50
215.10
176.50
DNC
3
177.10
91.50
253.10
176.50
FB
4
1130.75
91.50
1215.75
176.50
DNC
5
1180.00
229.00
1256.00
305.00
DNC
6
1180.00
330.00
1256.00
406.00
DNC
7
1180.00
431.00
1256.00
507.00
DNC
8
1180.00
532.00
1256.00
608.00
DNC
9
1180.00
633.00
1256.00
709.00
DNC
10
1180.00
734.00
1256.00
810.00
EN
11
1058.50
864.50
1143.50
949.50
GND
12
700.00
881.00
785.00
966.00
IN
13
202.50
864.50
287.50
949.50
(1)
DNC = Do not connect
2
Submit Documentation Feedback
Copyright © 2009–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS76901-HT


Similar Part No. - TPS76901SHKJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76901SHKJ TI-TPS76901SHKJ Datasheet
879Kb / 22P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - TPS76901SHKJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76901-Q1 TI-TPS76901-Q1 Datasheet
243Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76912QDBVRG4Q1 TI-TPS76912QDBVRG4Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901 TI-TPS76901 Datasheet
235Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901 TI1-TPS76901_16 Datasheet
893Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS769-Q1 TI-TPS769-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76930QDBVRQ1 TI1-TPS76930QDBVRQ1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901 TI1-TPS76901_13 Datasheet
927Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901-EP TI1-TPS76901-EP Datasheet
429Kb / 15P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS78930DBVTG4 TI-TPS78930DBVTG4 Datasheet
481Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS78915 TI-TPS78915 Datasheet
300Kb / 16P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com