Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79301DBVREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79301DBVREP
Description  ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79301DBVREP Datasheet(HTML) 1 Page - Texas Instruments

  TPS79301DBVREP Datasheet HTML 1Page - Texas Instruments TPS79301DBVREP Datasheet HTML 2Page - Texas Instruments TPS79301DBVREP Datasheet HTML 3Page - Texas Instruments TPS79301DBVREP Datasheet HTML 4Page - Texas Instruments TPS79301DBVREP Datasheet HTML 5Page - Texas Instruments TPS79301DBVREP Datasheet HTML 6Page - Texas Instruments TPS79301DBVREP Datasheet HTML 7Page - Texas Instruments TPS79301DBVREP Datasheet HTML 8Page - Texas Instruments TPS79301DBVREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
www.ti.com
FEATURES
3
2
4
5
DBV PACKAGE
(TOP VIEW)
1
IN
GND
EN
OUT
BYPASS
Fixed Option
3
2
4
6
DBV PACKAGE
(TOP VIEW)
1
IN
GND
EN
OUT
BYPASS
5
FB
Adjustable Option
DESCRIPTION
APPLICATIONS
TPS79301-EP,, TPS79318-EP,, TPS79325-EP,, TPS79328-EP
TPS793285-EP, TPS79330-EP, TPS79333-EP, TPS793475-EP
SGLS163B – APRIL 2003 – REVISED NOVEMBER 2006
ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA
LOW-DROPOUT LINEAR REGULATORS
• Controlled Baseline
One Assembly/Test Site, One Fabrication
Site
• Enhanced Diminishing Manufacturing Sources
(DMS) Support
• Enhanced Product-Change Notification
• Qualification Pedigree (1)
• 200-mA Low-Dropout Regulator With EN
• Available in 1.8 V, 2.5 V, 2.8 V, 2.85 V, 3 V,
3.3 V, 4.75 V, and Adjustable
• High PSRR (70 dB at 10 kHz)
• Ultralow Noise (32 µV)
• Fast Start-Up Time (50 µs)
• Stable With a 2.2-µF Ceramic Capacitor
• Excellent Load/Line Transient
• Very Low Dropout Voltage
The
TPS793xx
family
of
low-dropout
(LDO)
low-power linear voltage regulators features high
(112 mV at Full Load, TPS79330)
power-supply rejection ratio (PSRR), ultralow noise,
• 5-Pin SOT23 (DBV) Package
fast start-up, and excellent line and load transient
responses in a small-outline SOT23 package. Each
device in the family is stable, with a small 2.2-
µF
• VCOs
ceramic capacitor on the output. The TPS793xx
• RF
family uses an advanced, proprietary, BiCMOS
fabrication process to yield extremely low dropout
• Bluetooth™, Wireless LAN
voltages (e.g., 112 mV at 200 mA, TPS79330). Each
device achieves fast start-up times (approximately
50
µs with a 0.001-µF bypass capacitor), while
consuming very low quiescent current (170
µA
typical). Moreover, when the device is placed in
standby mode, the supply current is reduced to less
(1)
Component qualification in accordance with JEDEC and
than 1
µA. The TPS79328 exhibits approximately
industry standards to ensure reliable operation over specified
32
µV
RMS
of output voltage noise with a 0.1-
µF
temperature range. This includes, but is not limited to, Highly
Accelerated Stress Test (HAST) or biased 85/85, temperature
bypass
capacitor.
Applications
with
analog
cycle, autoclave or unbiased HAST, electromigration, bond
components that are noise sensitive, such as
intermetallic life, and mold compound life. Such qualification
portable RF electronics, benefit from the high PSRR
testing should not be viewed as justifying use of this
and low-noise features, as well as the fast response
component beyond specified performance and environmental
limits.
time.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Bluetooth is a trademark of Bluetooth SIG, Inc.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS79301DBVREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79301DBVREP TI1-TPS79301DBVREP Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS79301DBVREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS793-Q1 TI1-TPS793-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast RF 200-mA Low-Dropout Linear Regulators
TPS79301DBVRG4Q1 TI-TPS79301DBVRG4Q1 Datasheet
879Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79501 TI-TPS79501 Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795XX TI-TPS795XX Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS79133-EP TI-TPS79133-EP Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79147-EP TI-TPS79147-EP_15 Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-EP TI1-TPS79101-EP_16 Datasheet
1,015Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com