Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79633-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79633-Q1
Description  Ultralow-Noise, High-PSRR, Fast, RF, 1-A LOW-DROPOUT LINEAR REGULATORS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79633-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS79633-Q1 Datasheet HTML 7Page - Texas Instruments TPS79633-Q1 Datasheet HTML 8Page - Texas Instruments TPS79633-Q1 Datasheet HTML 9Page - Texas Instruments TPS79633-Q1 Datasheet HTML 10Page - Texas Instruments TPS79633-Q1 Datasheet HTML 11Page - Texas Instruments TPS79633-Q1 Datasheet HTML 12Page - Texas Instruments TPS79633-Q1 Datasheet HTML 13Page - Texas Instruments TPS79633-Q1 Datasheet HTML 14Page - Texas Instruments TPS79633-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
P
D
+ VIN * VOUT
I
OUT
R
q
JA
+
()125OC * TA)
P
D
160
140
120
100
80
60
40
20
0
0
1
2
3
4
5
6
7
8
9
10
Board Copper Area (
)
in
2
DCQ
DRB
TPS796xx-Q1
www.ti.com
SBVS154 – MARCH 2012
THERMAL INFORMATION
POWER DISSIPATION
Knowing the device power dissipation and proper sizing of the thermal plane that is connected to the tab or pad
is critical to avoiding thermal shutdown and ensuring reliable operation.
Power dissipation of the device depends on input voltage and load conditions and can be calculated using
Equation 1:
(1)
Power dissipation can be minimized and greater efficiency can be achieved by using the lowest possible input
voltage necessary to achieve the required output voltage regulation.
On the SON (DRB) package, the primary conduction path for heat is through the exposed pad to the PCB. The
pad can be connected to ground or be left floating; however, it should be attached to an appropriate amount of
copper PCB area to ensure the device does not overheat. On the SOT-223 (DCQ) package, the primary
conduction path for heat is through the tab to the PCB. That tab should be connected to ground. The maximum
junction-to-ambient thermal resistance depends on the maximum ambient temperature, maximum device junction
temperature, and power dissipation of the device and can be calculated using Equation 2:
(2)
Knowing the maximum RθJA, the minimum amount of PCB copper area needed for appropriate heatsinking can
be estimated using Figure 22.
Note:
θJA value at board size of 9 in
2 (that is, 3 in × 3 in) is a JEDEC standard.
Figure 22.
θJA vs Board Size
Figure 22 shows the variation of
θJA as a function of ground plane copper area in the board. It is intended only as
a guideline to demonstrate the effects of heat spreading in the ground plane and should not be used to estimate
actual thermal performance in real application environments.
NOTE: When the device is mounted on an application PCB, it is strongly recommended to use
ΨJT and ΨJB, as
explained in the Estimating Junction Temperature section.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11


Similar Part No. - TPS79633-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79633 TI-TPS79633 Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS79633 TI1-TPS79633 Datasheet
1Mb / 30P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79633DCQ TI-TPS79633DCQ Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS79633DCQ TI-TPS79633DCQ Datasheet
997Kb / 33P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79633DCQG4 TI-TPS79633DCQG4 Datasheet
997Kb / 33P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS79633-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79601 TI-TPS79601 Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS796 TI-TPS796_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS796xx Ultralow-Noise, High PSRR, Fast, RF, 1-A Low-Dropout Linear Regulators
TPS78601 TI-TPS78601 Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS78601DRBR TI1-TPS78601DRBR Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS786 TI1-TPS786_16 Datasheet
1Mb / 37P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS786XX TI-TPS786XX Datasheet
752Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79118-Q1 TI-TPS79118-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE,HIGH PSRR,FAST RF 100MA LOW-DROPOUT LINEAR REGULATORS
TPS796 TI1-TPS796_14 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79601DRBR TI1-TPS79601DRBR Datasheet
1Mb / 30P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com