Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1209(X)T-1W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # A1209(X)T-1W
Description  1W, FIXED INPUT, ISOLATED & UNREGULATED DUAL OUTPUT DC-DC CONVERTER ULTRAMINIATURE SMD PACKAGE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

A1209(X)T-1W Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  A1209(X)T-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. A1209(X)T-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. A1209(X)T-1W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. A1209(X)T-1W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. A1209(X)T-1W Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
A_(X)T-1W
B/2-2012
Page 1 of 5
A_(X)T-1W Series
1W, FIXED INPUT, ISOLATED & UNREGULATED
DUAL OUTPUT DC-DC CONVERTER
ULTRAMINIATURE SMD PACKAGE
Patent Protection
RoHS
MODEL SELECTION
A0505(X)T-1W
Pro duct Series
In put Volt age
Ou tp ut Vo ltage
Package Style
Ra te d Pow er
PRODUCT FEATURES
● Small Footprint
● SMD Package
● High Efficiency up to 79%
● 1KVDC Isolation
● Temperature Range: -40°C ~ +85°C
● Industry Standard Pinout
● No Heatsink Required
● Internal SMD construction
● No External Component Required
● RoHS Compliance
APPLICATIONS
The A_(X)T-1W series are specially designed for
applications where a group of polar power supplies are
isolated from the input power supply in a distributed power
supply system on a circuit board. These products apply to:
1) Where the voltage of the input power supply is fixed
(voltage variation
≤ ±10%);
2) Where isolation is necessary between input and output
(isolation voltage
≤1000VDC);
3) Where the regulation of the output voltage and the
output ripple noise are not demanding.
Such as: purely digital circuits, ordinary low frequency
analog circuits, and IGBT power device driving circuits.
PRODUCT PROGRAM
Input
Voltage(VDC)
Output Current
(mA)
Input Current
(mA)(typ.)
Model Number
Nominal
(Range)
Output
Voltage
(VDC)
Max.
Min.
@Max.
Load
@No
Load
Reflected
Ripple
Current
(mA,typ.)
Max.
Capacitive
Load(
µF)
Efficiency
(%, typ.)
@Max. Load
Approval
A0305(X)T-1W
±5
±100
±10
427
44
19
71
A0312(X)T-1W
±12
±42
±5
368
33
29
79
A0315(X)T-1W
3.3
(2.97-3.63)
±15
±33
±4
361
27.4
45
79
A0505(X)T-1W
±5
±100
±10
280
34
20
71
UL
A0509(X)T-1W
±9
±56
±6
249
27
20
77
UL
A0512(X)T-1W
±12
±42
±5
258
33
19
78
UL
A0515(X)T-1W
5
(4.5-5.5)
±15
±33
±4
250
31
19
78
UL
A1205(X)T-1W
±5
±100
±10
112
11
18
71
UL
A1209(X)T-1W
±9
±56
±6
112
17
17
73
UL
A1212(X)T-1W
±12
±42
±5
109
18
19
74
UL
A1215(X)T-1W
12
(10.8-13.2)
±15
±33
±4
110
22
16
74
UL
A1515(X)T-1W
15(13.5-16.5)
±15
±33
±4
80
11
14
79
A2405(X)T-1W
±5
±100
±10
57
7
14
72
A2409(X)T-1W
±9
±56
±6
53
7
18
74
A2412(X)T-1W
±12
±42
±5
51
7
20
76
A2415(X)T-1W
±15
±33
±4
51
7
16
77
A2424(X)T-1W
24
(21.6-26.4)
±24
±21
±2
49
6
20
100
78
Note: 1. The A_XT-1W series have no 3,6,8,9 pin. For example A0505XT-1W.
2. A_XT-1W series: UL-609501 Pending.


Similar Part No. - A1209(X)T-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
A1209(X)T-1W MORNSUN-A1209(X)T-1W Datasheet
164Kb / 4P
   DC/DC Converter
More results

Similar Description - A1209(X)T-1W

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
D050505T-1W CRYSTEKCRYSTAL-D050505T-1W_12 Datasheet
292Kb / 3P
   1W, FIXED INPUT, ISOLATED & UNREGULATED TWIN OUTPUT ULTRAMINIATURE SMD PACKAGE DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
2T8A GAPTEC-2T8A Datasheet
1Mb / 4P
   2W- Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated ULTRAMINIATURE SMD PACKAGE
logo
Microdc power Technolog...
2D-NXT MICRODC-2D-NXT Datasheet
582Kb / 4P
   2W, FIXED INPUT, ISOLATED & UNREGULATED TWIN OUTPUT ULTRAMINIATURE SMD PACKAGE DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1T10A-3UP GAPTEC-1T10A-3UP Datasheet
823Kb / 4P
   1W - Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T10A GAPTEC-1T10A Datasheet
800Kb / 4P
   1W - Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
logo
RSG Electronic Componen...
B0303XT-1W RSG-B0303XT-1W Datasheet
206Kb / 2P
   1W,FIXED INPUT, ISOLATED & UNREGULATED single OUTPUT, SMD DC-DC CONVERTER
logo
Crystek Corporation
F0505T-1W CRYSTEKCRYSTAL-F0505T-1W_10 Datasheet
327Kb / 3P
   1W, FIXED INPUT, ISOLATED & UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1S7E GAPTEC-1S7E Datasheet
1Mb / 5P
   1W - Dual/Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7E-3UP GAPTEC-1S7E-3UP Datasheet
1Mb / 4P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7B GAPTEC-1S7B Datasheet
2Mb / 4P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com