Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1515(X)T-1W Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # A1515(X)T-1W
Description  1W, FIXED INPUT, ISOLATED & UNREGULATED DUAL OUTPUT DC-DC CONVERTER ULTRAMINIATURE SMD PACKAGE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

A1515(X)T-1W Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  A1515(X)T-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. A1515(X)T-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. A1515(X)T-1W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. A1515(X)T-1W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. A1515(X)T-1W Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
A_(X)T-1W
B/2-2012
Page 2 of 5
INTPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Units
3.3VDC Input Models
-0.7
--
5
5VDC Input Models
-0.7
--
9
12VDC Input Models
-0.7
--
18
15VDC Input Models
-0.7
--
21
Input Surge Voltage (1sec. max.)
24VDC Input Models
-0.7
--
30
VDC
Reverse Polarity Input Current*
--
--
0.4
A
Input Filter
C Filter
Note: *If the product reverse did not seek to limit current, may result in injury or permanent damage, testing is not recommended.
OUTPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Units
Output Power
0.1
--
1
W
Output Voltage Accuracy
See tolerance envelope graph
Output Voltage Balance
Dual Output, Balanced Loads
--
±0.5
±1.0
Line Regulation
For Vin change of
±1%
--
--
±1.2
5V output
--
12.8
15
9V output
--
8.3
10
12V output
--
6.8
10
15V output
--
6.3
10
Load Regulation
10% to 100% load
24V output
--
6.0
10
%
Temperature Drift
100% full load
--
--
±0.03
%/
°C
Ripple & Noise*
20MHz Bandwidth
--
50
75
mVp-p
Short Circuit Protection**
--
--
1
s
Note: Dual output models unbalanced load:
±5%.
*Test ripple and noise by “parallel cable” method. See detailed operation instructions at Testing of Power Converter section, application notes.
**Supply voltage must be discontinued at the end of short circuit duration.
COMMON SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
Tested for 1 minute and 1mA max
1000
--
--
VDC
Isolation Resistance
Test at 500VDC
1000
--
--
M
Ω
A2424(X)T-1W
100
--
Isolation Capacitance
Input/Output,100KHz/1V
Other Models
--
30
--
pF
Full load, nominal input (5V/12V)
--
100
--
Switching Frequency
Full load, nominal input (15V/24V)
--
500
--
KHz
MTBF
MIL-HDBK-217F@25℃
3500
--
--
K hours
Case Material
Epoxy Resin (UL94-V0)
Weight
--
1.70
--
g
ENVIRONMENTAL SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Units
Storage Humidity
--
--
95
%
Operating Temperature
Power derating (above 85℃)
-40
--
85
Storage Temperature
-55
--
125
Temp. rise at full load
--
25
--
Lead Temperature
1.5mm from case for 10 seconds
--
--
300
°C
Cooling
Free air convection
EMC SPECIFICATIONS
EMI
CE
CISPR22/EN55022
CLASS A(External Circuit Refer to Figure1)
EMS
ESD
IEC/EN61000-4-2
Contact
±8KV perf. Criteria B


Similar Part No. - A1515(X)T-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
A1515(X)T-1W MORNSUN-A1515(X)T-1W Datasheet
164Kb / 4P
   DC/DC Converter
More results

Similar Description - A1515(X)T-1W

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
D050505T-1W CRYSTEKCRYSTAL-D050505T-1W_12 Datasheet
292Kb / 3P
   1W, FIXED INPUT, ISOLATED & UNREGULATED TWIN OUTPUT ULTRAMINIATURE SMD PACKAGE DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
2T8A GAPTEC-2T8A Datasheet
1Mb / 4P
   2W- Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated ULTRAMINIATURE SMD PACKAGE
logo
Microdc power Technolog...
2D-NXT MICRODC-2D-NXT Datasheet
582Kb / 4P
   2W, FIXED INPUT, ISOLATED & UNREGULATED TWIN OUTPUT ULTRAMINIATURE SMD PACKAGE DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1T10A-3UP GAPTEC-1T10A-3UP Datasheet
823Kb / 4P
   1W - Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T10A GAPTEC-1T10A Datasheet
800Kb / 4P
   1W - Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
logo
RSG Electronic Componen...
B0303XT-1W RSG-B0303XT-1W Datasheet
206Kb / 2P
   1W,FIXED INPUT, ISOLATED & UNREGULATED single OUTPUT, SMD DC-DC CONVERTER
logo
Crystek Corporation
F0505T-1W CRYSTEKCRYSTAL-F0505T-1W_10 Datasheet
327Kb / 3P
   1W, FIXED INPUT, ISOLATED & UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1S7E GAPTEC-1S7E Datasheet
1Mb / 5P
   1W - Dual/Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7E-3UP GAPTEC-1S7E-3UP Datasheet
1Mb / 4P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7B GAPTEC-1S7B Datasheet
2Mb / 4P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com