Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS84320 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS84320
Description  4.5-V to 14.5-V Input, 3-A Synchronous Buck, Integrated Power Solution
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS84320 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS84320 Datasheet HTML 6Page - Texas Instruments TPS84320 Datasheet HTML 7Page - Texas Instruments TPS84320 Datasheet HTML 8Page - Texas Instruments TPS84320 Datasheet HTML 9Page - Texas Instruments TPS84320 Datasheet HTML 10Page - Texas Instruments TPS84320 Datasheet HTML 11Page - Texas Instruments TPS84320 Datasheet HTML 12Page - Texas Instruments TPS84320 Datasheet HTML 13Page - Texas Instruments TPS84320 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
40
45
50
55
60
65
70
75
80
85
90
95
100
0
0.5
1
1.5
2
2.5
3
Output Current (A)
VOUT = 5.0 V,fSW = 780 kHz
VOUT = 3.3 V,fSW = 630 kHz
VOUT = 2.5 V,fSW = 480 kHz
VOUT = 1.8 V,fSW = 480 kHz
VOUT = 1.2 V,fSW = 480 kHz
VOUT = 0.8 V,fSW = 330 kHz
G000
10
20
30
40
50
60
70
80
0
0.5
1
1.5
2
2.5
3
Output Current (A)
VOUT = 5.0 V,fSW = 780 kHz
VOUT = 3.3 V,fSW = 630 kHz
VOUT = 2.5 V,fSW = 480 kHz
VOUT = 1.8 V,fSW = 480 kHz
VOUT = 1.2 V,fSW = 480 kHz
VOUT = 0.8 V,fSW = 330 kHz
G000
0
0.4
0.8
1.2
1.6
2
0
0.5
1
1.5
2
2.5
3
Output Current (A)
VOUT = 5.0 V,fSW = 780 kHz
VOUT = 3.3 V,fSW = 630 kHz
VOUT = 2.5 V,fSW = 480 kHz
VOUT = 1.8 V,fSW = 480 kHz
VOUT = 1.2 V,fSW = 480 kHz
VOUT = 0.8 V,fSW = 330 kHz
G000
20
30
40
50
60
70
80
90
0
0.5
1
1.5
2
2.5
3
Output Current (A)
Natural Convection
All Output Voltages
G000
1000
10000
100000
400000
−40
−30
−20
−10
0
10
20
30
40
−120
−90
−60
−30
0
30
60
90
120
Frequency (Hz)
Gain
Phase
G000
TPS84320
SLUSAH7
– SEPTEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS (PVIN = 12 V, VIN = 5 V)(1) (2)
Figure 11. Efficiency vs. Output Current
Figure 12. Voltage Ripple vs. Output Current
Figure 13. Power Dissipation vs. Output Current
Figure 14. Safe Operating Area
Figure 15. VOUT=2.5 V, IOUT=3 A, COUT1= 100 µF ceramic,
COUT2= 100 µF ceramic, fSW= 480 kHz
(1)
The electrical characteristic data has been developed from actual products tested at 25
°C. This data is considered typical for the
converter. Applies to Figure 11, Figure 12, and Figure 13.
(2)
The temperature derating curves represent the conditions at which internal components are at or below the manufacturer
's maximum
operating temperatures. Derating limits apply to devices soldered directly to a 100 mm
× 100 mm double-sided PCB with 1 oz. copper.
Applies to Figure 14.
10
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - TPS84320

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPS843 TOSHIBA-TPS843 Datasheet
225Kb / 6P
   Silicon Epitaxial Planar
TPS843F TOSHIBA-TPS843F Datasheet
225Kb / 6P
   Silicon Epitaxial Planar
More results

Similar Description - TPS84320

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS84620 TI1-TPS84620 Datasheet
885Kb / 33P
[Old version datasheet]   4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84621 TI1-TPS84621 Datasheet
993Kb / 30P
[Old version datasheet]   4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84410 TI1-TPS84410 Datasheet
962Kb / 28P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Synchronous Buck, Integrated Power Solution
SEPTEMBER2011
TPS84410 TI1-TPS84410_14 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Synchronous Buck, Integrated Power Solution
TPS84610 TI1-TPS84610 Datasheet
967Kb / 27P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84A20 TI-TPS84A20 Datasheet
878Kb / 30P
[Old version datasheet]   2.95-V to 17-V Input, 10-A Synchronous Buck, Integrated Power Solution
TPS84210 TI1-TPS84210 Datasheet
1Mb / 29P
[Old version datasheet]   2.95-V to 6-V Input, 2-A Synchronous Buck, Integrated Power Solution
logo
Vishay Siliconix
SIP12110 VISHAY-SIP12110 Datasheet
374Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 15-Sep-14
SIC462 VISHAY-SIC462 Datasheet
1Mb / 23P
   4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
Rev. D, 13-Mar-17
logo
Texas Instruments
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com