Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM6201FS-E2 Datasheet(PDF) 3 Page - Rohm

Part # BM6201FS-E2
Description  600V PrestoMOS??built-in Three phase brushless fan motor driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM6201FS-E2 Datasheet(HTML) 3 Page - Rohm

  BM6201FS-E2 Datasheet HTML 1Page - Rohm BM6201FS-E2 Datasheet HTML 2Page - Rohm BM6201FS-E2 Datasheet HTML 3Page - Rohm BM6201FS-E2 Datasheet HTML 4Page - Rohm BM6201FS-E2 Datasheet HTML 5Page - Rohm BM6201FS-E2 Datasheet HTML 6Page - Rohm BM6201FS-E2 Datasheet HTML 7Page - Rohm BM6201FS-E2 Datasheet HTML 8Page - Rohm BM6201FS-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3/19
Datasheet
Datasheet
BM6201FS
TSZ02201-0828AB400010-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
26.MAR.2012 Rev.001
http://www.rohm.com
TSZ22111 · 15 · 001
Functional descriptions
1) Control input pins (UH, UL, VH, VL, WH, WL)
The input threshold voltage of the control pins are 2.5V and 0.8V, with a hysteresis
voltage of approximately 0.4V. The IC will accept input voltages up to the VCC voltage.
When the same phase control pins are input high at the same time, the high side and low
side gate driver outputs low. However, it wishes measures as the dead time is installed in
the control signals. The control input pins are connected internally to pull-down resistors
(100kΩ nominal). However, when the switching noise on the output stage may affect the
input on these pins and cause undesired operation. In such cases, attaching an external
pull-down resistor (10kΩ recommended) between each control pin and ground, or
connecting each pin to an input voltage of 0.8V or less (preferably GND), is
recommended.
2) Under voltage lock out (UVLO) circuit
To secure the lowest power supply voltage necessary to operate the driver, and to prevent under voltage malfunctions,
the UVLO circuits are independently built into the upper side floating driver and the lower side driver. When the supply
voltage falls to VUVL or below, the controller forces driver outputs low. When the voltage rises to VUVH or above, the UVLO
circuit ends the lockout operation and returns the chip to normal operation. Even if the controller returns to normal
operation, the output begins from the following control input signal.
Fig.4 Low voltage monitor - UVLO - timing chart
Truth table
HIN
LIN
HO
LO
L
L
L
L
H
L
H
L
L
H
L
H
H
H
Inhibition
VCC
HIN
LIN
HO
LO
VB
HIN
LIN
HO
LO
VCCUVH
VCCUVL
VBUVH
VBUVL


Similar Part No. - BM6201FS-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM6202FS ROHM-BM6202FS Datasheet
663Kb / 23P
   3-Phase Brushless Fan Motor Driver
BM6202FS-E2 ROHM-BM6202FS-E2 Datasheet
663Kb / 23P
   3-Phase Brushless Fan Motor Driver
logo
Bookly Micro electronic
BM6203 BOOKLY-BM6203 Datasheet
5Mb / 12P
   LDO
logo
Rohm
BM6203FS ROHM-BM6203FS Datasheet
688Kb / 24P
   3-Phase Brushless Fan Motor Driver
BM6203FS-E2 ROHM-BM6203FS-E2 Datasheet
688Kb / 24P
   3-Phase Brushless Fan Motor Driver
More results

Similar Description - BM6201FS-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD62013FS ROHM-BD62013FS Datasheet
950Kb / 23P
   Three phase brushless fan motor controller
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
   Three-Phase Brushless Motor Driver
September, 2013
logo
Sanyo Semicon Device
LB1955 SANYO-LB1955 Datasheet
127Kb / 7P
   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com