Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS728185315DRVRG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS728185315DRVRG4
Description  200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS728185315DRVRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS728185315DRVRG4 Datasheet HTML 4Page - Texas Instruments TPS728185315DRVRG4 Datasheet HTML 5Page - Texas Instruments TPS728185315DRVRG4 Datasheet HTML 6Page - Texas Instruments TPS728185315DRVRG4 Datasheet HTML 7Page - Texas Instruments TPS728185315DRVRG4 Datasheet HTML 8Page - Texas Instruments TPS728185315DRVRG4 Datasheet HTML 9Page - Texas Instruments TPS728185315DRVRG4 Datasheet HTML 10Page - Texas Instruments TPS728185315DRVRG4 Datasheet HTML 11Page - Texas Instruments TPS728185315DRVRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
www.ti.com
300
250
200
150
100
50
0
0
20
40
60
80
100
120 140
160 180
200
I
(mA)
OUT
T = 40
-
°
J
C
T =+25 C
°
J
T =+85 C
°
J
T =+125 C
°
J
V
=3.6V(nom)
V
=V
0.1V
OUT
IN
OUT -
3
2
1
0
-1
-2
-3
-40 -25 -10
5
20
35
50
65
80
95
110 125
T ( C)
°
J
I
=0.1mA
OUT
I
=5mA
OUT
I
=200mA
OUT
V
=0.9V
OUT
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
-40 -25 -10
5
20
35
50
65
80
95
110 125
T
J (°C)
I
=0.1mA
OUT
I
=5mA
OUT
I
=200mA
OUT
V
=3.6V
OUT
50
45
40
35
30
25
T = 40
-
°
J
C
T =+25 C
J
°
T =+85 C
J
°
T =+125 C
J
°
2.5
3.0
3.5
4.0
4.5
V
(V)
IN
5.0
5.5
6.0
6.5
I
=0mA
OUT
150
130
110
90
70
50
30
0
20
40
60
80
100
120 140
160 180
200
I
(mA)
OUT
T = 40
-
J
°C
T =+25°
J
C
T =+85°
J
C
T =+125°
J
C
60
55
50
45
40
35
30
-40 -25 -10
5
20
35
50
65
80
95
110 125
T ( C)
J °
I
=0mA
OUT
TPS728xx Series
SBVS095 – AUGUST 2007
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(TYP) + 0.5V or 2.7V, whichever is greater;
IOUT = 0.5mA, VEN = VSET = VIN, COUT = 1.0μF, unless otherwise noted. Typical values are at TJ = +25°C.
DROPOUT VOLTAGE
OUTPUT VOLTAGE
vs OUTPUT CURRENT
vs TEMPERATURE
Figure 14.
Figure 15.
OUTPUT VOLTAGE
GROUND PIN CURRENT
vs TEMPERATURE
vs INPUT VOLTAGE
Figure 16.
Figure 17.
GROUND PIN CURRENT
GROUND PIN CURRENT
vs OUTPUT CURRENT
vs TEMPERATURE
Figure 18.
Figure 19.
8
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated


Similar Part No. - TPS728185315DRVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS728185315DRVRG4 TI-TPS728185315DRVRG4 Datasheet
955Kb / 22P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728185315DRVRG4 TI-TPS728185315DRVRG4 Datasheet
1Mb / 23P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728185315DRVRG4 TI1-TPS728185315DRVRG4 Datasheet
1Mb / 26P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728185315DRVRG4 TI1-TPS728185315DRVRG4 Datasheet
1Mb / 26P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
More results

Similar Description - TPS728185315DRVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS728XX TI-TPS728XX_09 Datasheet
1Mb / 23P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI1-TPS728XX_V01 Datasheet
2Mb / 31P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI-TPS728XX_10 Datasheet
548Kb / 16P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728 TI-TPS728_15 Datasheet
1Mb / 24P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI1-TPS728XX_16 Datasheet
1Mb / 26P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728180285 TI1-TPS728180285 Datasheet
1Mb / 26P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728330180 TI1-TPS728330180 Datasheet
1Mb / 26P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI-TPS728XX Datasheet
955Kb / 22P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI1-TPS728XX_18 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
logo
E-Tech Electronics LTD
UR132 ETL-UR132 Datasheet
176Kb / 5P
   200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com