Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24G32FVM-3AGT Datasheet(PDF) 3 Page - Rohm

Part # BR24G32FVM-3AGT
Description  High Reliability Serial EEPROMs I2C BUS BR24xxxxfamily
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24G32FVM-3AGT Datasheet(HTML) 3 Page - Rohm

  BR24G32FVM-3AGT Datasheet HTML 1Page - Rohm BR24G32FVM-3AGT Datasheet HTML 2Page - Rohm BR24G32FVM-3AGT Datasheet HTML 3Page - Rohm BR24G32FVM-3AGT Datasheet HTML 4Page - Rohm BR24G32FVM-3AGT Datasheet HTML 5Page - Rohm BR24G32FVM-3AGT Datasheet HTML 6Page - Rohm BR24G32FVM-3AGT Datasheet HTML 7Page - Rohm BR24G32FVM-3AGT Datasheet HTML 8Page - Rohm BR24G32FVM-3AGT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
3/34
Datasheet
Datasheet
BR24G32-3A
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.co
TSZ22111・15・001
TSZ02201-0R2R0G100050 -1-2
15.May.2012 REV.001
●Action Timing Characteristics (Unless otherwise specified, Ta=-40 to +85℃, VCC=1.7V to 5.5V)
Limits
Parameter
Symbol
Min.
Typ.
Max.
Unit
Clock Frequency
fSCL
1000
kHz
Data Clock “HIGH“ Period
tHIGH
0.30
µs
Data Clock “LOW“ Period
tLOW
0.5
µs
SDA, SCL (INPUT) Rise Time
*1
tR
0.12
µs
SDA, SCL (INPUT) Fall Time
*1
tF1
0.12
µs
SDA (OUTPUT) Fall Time
*1
tF2
0.12
µs
Start Condition Hold Time
tHD:STA
0.25
µs
Start Condition Setup Time
tSU:STA
0.25
µs
Input Data Hold Time
tHD:DAT
0
ns
Input Data Setup Time
tSU:DAT
50
ns
Output Data Delay Time
tPD
0.05
0.45
µs
Output Data Dold Time
tDH
0.05
µs
Stop Condition Setup Time
tSU:STO
0.25
µs
Bus Free Time
tBUF
0.5
µs
Write Cycle Time
tWR
5
ms
Noise Spike Width (SDA, SCL)
tI
0.05
µs
WP Hold Time
tHD:WP
1.0
µs
WP Setup Time
tSU:WP
0.1
µs
WP High Period
tHIGH:WP
1.0
µs
*1 Not 100% tested
●Action Timing Characteristics Condition
Parameter
Symbol
Condition
Unit
Load Capacitance
CL
100
pF
SDA, SCL (INPUT) Rise Time
tR
20
ns
SDA, SCL (INPUT) Fall Time
tF1
20
ns
Input Data Level
VIL1/VIH1
0.2Vcc/0.8Vcc
V
Input/Output Data Timing Reference Level
-
0.3Vcc/0.7Vcc
V


Similar Part No. - BR24G32FVM-3AGT

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G32FVM-3AGTTR ROHM-BR24G32FVM-3AGTTR Datasheet
2Mb / 41P
   I2C BUS EEPROM (2-Wire)
More results

Similar Description - BR24G32FVM-3AGT

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G64-3A ROHM-BR24G64-3A Datasheet
949Kb / 37P
   High Reliability Serial EEPROMs I2C BUS BR24xxxxfamily
BR25L010F-WE2 ROHM-BR25L010F-WE2 Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
BR24A01AFJ-WM ROHM-BR24A01AFJ-WM Datasheet
456Kb / 18P
   High Reliability Series EEPROMs I2C BUS
BR24L01AFV-WE2 ROHM-BR24L01AFV-WE2 Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01A-W ROHM-BR24L01A-W_09 Datasheet
773Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01AFVM-WTR ROHM-BR24L01AFVM-WTR Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01AF-WE2 ROHM-BR24L01AF-WE2 Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01A-W ROHM-BR24L01A-W_07 Datasheet
1Mb / 17P
   I2C BUS Serial EEPROMs
BR24A ROHM-BR24A Datasheet
449Kb / 18P
   High Reliability Series EEPROMs I2C BUS
BR24LXX-W ROHM-BR24LXX-W Datasheet
881Kb / 33P
   I2C BUS Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com