Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU34DV7NUX-E2 Datasheet(PDF) 7 Page - Rohm

Part # BU34DV7NUX-E2
Description  1.8V to 5.5V, 300mA 1ch Synchronous Boost DC/DC Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU34DV7NUX-E2 Datasheet(HTML) 7 Page - Rohm

Back Button BU34DV7NUX-E2 Datasheet HTML 3Page - Rohm BU34DV7NUX-E2 Datasheet HTML 4Page - Rohm BU34DV7NUX-E2 Datasheet HTML 5Page - Rohm BU34DV7NUX-E2 Datasheet HTML 6Page - Rohm BU34DV7NUX-E2 Datasheet HTML 7Page - Rohm BU34DV7NUX-E2 Datasheet HTML 8Page - Rohm BU34DV7NUX-E2 Datasheet HTML 9Page - Rohm BU34DV7NUX-E2 Datasheet HTML 10Page - Rohm BU34DV7NUX-E2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Datasheet
Datasheet
.
7/24
TSZ02201-0Q1Q0AH00100-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
02.Aug.2012 Rev.001
TSZ22111・15・001
www.rohm.com
BU34DV7NUX
●Electrical characteristic curves (Reference data) - Continued
Efficiency - Continued
Efficiency VIN=3.3V
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0.1
1
10
100
1000
Iout [mA]
Efficiency VIN=1.8V
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0.1
1
10
100
1000
Iout [mA]
Efficiency VIN=2.4V
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0.1
1
10
100
1000
Iout [mA]
Figure 13. Efficiency PFM VIN=1.8V
Figure 14. Efficiency PFM VIN=2.4V
Figure 15. Efficiency PFM VIN=3.3V
Ta=-40℃
Ta=25℃
Ta=85℃
Ta=-40℃
Ta=25℃
Ta=85℃
Ta=-40℃
Ta=25℃
Ta=85℃


Similar Part No. - BU34DV7NUX-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU34381 ROHM-BU34381 Datasheet
211Kb / 10P
   Single-chip 4-bit microcontroller for
BU34440 ROHM-BU34440 Datasheet
148Kb / 7P
   Single-chip 4-bit microcontroller for
BU34675 ROHM-BU34675 Datasheet
148Kb / 7P
   Single-chip 4-bit microcontroller for
BU34TA2WHFV ROHM-BU34TA2WHFV Datasheet
1Mb / 30P
   1ch 200mA CMOS LDO Regulators
BU34TA2WHFV-TR ROHM-BU34TA2WHFV-TR Datasheet
1Mb / 28P
   High-speed Load Response FULL CMOS LDO Regulators
More results

Similar Description - BU34DV7NUX-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU33DV7NUX ROHM-BU33DV7NUX Datasheet
979Kb / 27P
   1.8V to 5.5V, 300mA 1ch Synchronous Boost DC/DC Converter
BU33DV5G ROHM-BU33DV5G Datasheet
699Kb / 17P
   1.75V to 4.5V, 10mA 1ch Synchronous Boost DC/DC Converter
logo
ON Semiconductor
LV56351JA ONSEMI-LV56351JA Datasheet
212Kb / 8P
   1ch DC/DC boost converter
August, 2013
logo
Sanyo Semicon Device
LV56351HA SANYO-LV56351HA Datasheet
206Kb / 9P
   1ch DC/DC boost converter
logo
ON Semiconductor
LV56351HA ONSEMI-LV56351HA Datasheet
193Kb / 9P
   1ch DC/DC boost converter
August, 2013
logo
ams AG
AS1331 AMSCO-AS1331_07 Datasheet
2Mb / 17P
   300mA Buck-Boost Synchronous DC/DC Converters
AS1331 AMSCO-AS1331 Datasheet
2Mb / 16P
   300mA Buck-Boost Synchronous DC/DC Converters
logo
Rohm
BU33UV7NUX ROHM-BU33UV7NUX Datasheet
1Mb / 24P
   Synchronous Boost DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6385 HMSEMI-HM6385 Datasheet
1Mb / 8P
   Synchronous boost DC-DC converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3602 FOSLINK-FSP3602 Datasheet
176Kb / 5P
   SYNCHRONOUS BOOST DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com