Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU1852GUW Datasheet(PDF) 1 Page - Rohm

Part # BU1852GUW
Description  Keyencoder IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU1852GUW Datasheet(HTML) 1 Page - Rohm

  BU1852GUW Datasheet HTML 1Page - Rohm BU1852GUW Datasheet HTML 2Page - Rohm BU1852GUW Datasheet HTML 3Page - Rohm BU1852GUW Datasheet HTML 4Page - Rohm BU1852GUW Datasheet HTML 5Page - Rohm BU1852GUW Datasheet HTML 6Page - Rohm BU1852GUW Datasheet HTML 7Page - Rohm BU1852GUW Datasheet HTML 8Page - Rohm BU1852GUW Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
BU1852GXW
1/25
www.rohm.com
2012.08 - Rev.B
© 2012 ROHM Co., Ltd. All rights reserved.
GPIO ICs
Keyencoder IC
BU1852GUW, BU1852GXW
Description
Keyencoder IC BU1852 can monitor up to 8x12 matrix (96 keys), which means to be adaptable to Qwerty keyboard. We
adopt the architecture that the information of the only key which status is changed, like push or release, is encoded into the
8 bits data. This can greatly reduce the CPU load which tends to become heavier as the number of keys increase.
(Previously, all key's status is stored in the registers.) When the number of keys is small, the extra ports can be used as
GPIO. Furthermore, auto sleep function contributes to low power consumption, when no keys are pressed. It is also
equipped with the various functions such as ghost key rejection, N-key Rollover, Built-in power on reset and oscillator.
Features
1) Monitor up to 96 matrix keys.
2) Under 3µA Stand-by Current
3) Built-in Power on Reset.
4) Ghost key rejection.
5) Keyscan / GPIO selectable
6) 3 volt tolerant Input
Absolute maximum ratings (Ta=25℃)
Parameter
Symbol
Ratings
Unit
Conditions
Supply Voltage
VDD
-0.3 ~ +2.5
V
VDD≦VDDIO
VDDIO
-0.3 ~ +4.5
V
Input voltage
VI1
-0.3 ~ VDD +0.3
1
V
XRST, XI, TW, PORENB
VI2
-0.3 ~ VDDIO +0.3
1
V
ADR
VIT
-0.3 ~ +4.5
V
XINT, SCL, SDA,
COL[11:0], ROW[7:0]
Storage temperature range
Tstg
-55 ~ +125
Package power
PD
272
2
mW
This IC is not designed to be X-ray proof.
1
It is prohibited to exceed the absolute maximum ratings even including +0.3 V.
2
Package dissipation will be reduced each 2.72mW/℃ when the ambient temperature increases beyond 25℃.
Operating conditions
Parameter
Symbol
Ratings
Unit
Conditions
Min.
Typ.
Max.
Supply voltage range
(VDD)
VDD
1.65
1.80
1.95
V
Supply voltage range
(VDDIO)
VDDIO
1.65
1.80
3.60
V
Input voltage range
VI1
-0.2
-
VDD+0.2
V
XRST, XI, TW, PORENB
VI2
-0.2
-
VDDIO+0.2
V
ADR
VIT
-0.2
-
3.60
V
XINT, SCL, SDA,
COL[11:0], ROW[7:0]
Operating temperature range
Topr
-30
25
+85
No.11098EBT04


Similar Part No. - BU1852GUW

ManufacturerPart #DatasheetDescription
logo
Rohm
BU1852GUW ROHM-BU1852GUW Datasheet
489Kb / 25P
   Keyencoder IC
BU1852GUW ROHM-BU1852GUW Datasheet
492Kb / 26P
   Keyencoder IC
BU1852GUW-E2 ROHM-BU1852GUW-E2 Datasheet
489Kb / 25P
   Keyencoder IC
BU1852GUW-E2 ROHM-BU1852GUW-E2 Datasheet
492Kb / 26P
   Keyencoder IC
BU1852GUW ROHM-BU1852GUW_11 Datasheet
489Kb / 25P
   Keyencoder IC
More results

Similar Description - BU1852GUW

ManufacturerPart #DatasheetDescription
logo
Rohm
BU1852GUW ROHM-BU1852GUW_11 Datasheet
489Kb / 25P
   Keyencoder IC
BU1852GUW ROHM-BU1852GUW_12 Datasheet
492Kb / 26P
   Keyencoder IC
logo
NXP Semiconductors
SAA4995WP PHILIPS-SAA4995WP Datasheet
107Kb / 16P
   PANorama-IC PAN-IC
1997 Jun 10
logo
Seiko Instruments Inc
S5841 SII-S5841 Datasheet
449Kb / 26P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
logo
Mitsumi Electronics, Co...
MM1100 MITSUMI-MM1100 Datasheet
113Kb / 5P
    Compander IC Monolithic IC MM1100
MM1424 MITSUMI-MM1424 Datasheet
59Kb / 5P
   IC for XO Monolithic IC
logo
Seiko Instruments Inc
S5843A SII-S5843A Datasheet
478Kb / 21P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
S5844A SII-S5844A Datasheet
629Kb / 28P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
logo
Mitsumi Electronics, Co...
MM1458 MITSUMI-MM1458 Datasheet
127Kb / 6P
   RegulatorReset IC Monolithic IC
logo
Sanyo Semicon Device
LC709201F SANYO-LC709201F Datasheet
158Kb / 10P
   CMOS IC Battery Monitor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com