Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1608X7R1E104K Datasheet(PDF) 9 Page - Texas Instruments

Part # C1608X7R1E104K
Description  Contains all support circuitry needed
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

C1608X7R1E104K Datasheet(HTML) 9 Page - Texas Instruments

Back Button C1608X7R1E104K Datasheet HTML 5Page - Texas Instruments C1608X7R1E104K Datasheet HTML 6Page - Texas Instruments C1608X7R1E104K Datasheet HTML 7Page - Texas Instruments C1608X7R1E104K Datasheet HTML 8Page - Texas Instruments C1608X7R1E104K Datasheet HTML 9Page - Texas Instruments C1608X7R1E104K Datasheet HTML 10Page - Texas Instruments C1608X7R1E104K Datasheet HTML 11Page - Texas Instruments C1608X7R1E104K Datasheet HTML 12Page - Texas Instruments C1608X7R1E104K Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
www.ti.com
ADS7953EVM-PDK Kit Operation
Figure 3. MMB0 Initial Setup
Step 3. Plug the ADS7953EVM into the MMB0. The female portion of P1, P2 and P3 on the EVM align
with male connectors J7, J4 and J5 respective on the MMB0.
CAUTION Do not misalign the pins when plugging the ADS7953EVM into the MMB0. Check the pin
alignment of P1, P2, and P3 carefully before applying power to the PDK.
Step 4. Verify the jumpers on the ADS7953EVM are as shown in Figure 2 (note that these settings are the
factory-configured settings for the EVM).
7.2.1
About the MMB0
The MMB0 is a Modular EVM System motherboard. It is designed around the TMS320VC5507, a DSP
with an onboard USB interface from Texas Instruments. The MMB0 also has 16MB of SDRAM installed.
The MMB0 is not intended to be used as a DSP development board, and it is not available separately. TI
cannot offer support for the MMB0 except as part of an EVM-PDK kit. For schematics or other information
about the MMB0, contact Texas Instruments.
7.3
Connecting the Power Supply
The ADS7953EVM-PDK can be operated with a unipolar +5V supply or a combination of +5V and +3.3V
supplies.
When the MMB0 DSP is powered properly, LED D2 glows green. The green light indicates that the 3.3V
supply for the MMB0 is operating properly. (It does not indicate that the EVM power supplies are
operating properly.)
9
SLAU262C
– January 2009 – Revised May 2011
ADS79xxEVM and ADS79xxEVM-PDK
Submit Documentation Feedback
Copyright
© 2009–2011, Texas Instruments Incorporated


Similar Part No. - C1608X7R1E104K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
C1608X7R1E104K TI1-C1608X7R1E104K Datasheet
1Mb / 26P
[Old version datasheet]   INA223EVM User?셲 Guide and Software Tutorial
C1608X7R1E104K TI1-C1608X7R1E104K Datasheet
713Kb / 27P
[Old version datasheet]   INA230EVM Evaluation Board and Software Tutorial
logo
TDK Electronics
C1608X7R1E104K TDK-C1608X7R1E104K Datasheet
70Kb / 7P
   Ceramic Capacitors For General Use SMD
logo
International Rectifier
C1608X7R1E104K IRF-C1608X7R1E104K Datasheet
909Kb / 22P
   6A Highly Integrated SupIRBuck Input Voltage Range: 3V to 27V
C1608X7R1E104K IRF-C1608X7R1E104K Datasheet
922Kb / 22P
   10A Highly Integrated SupIRBuck Constant On.Time Control
More results

Similar Description - C1608X7R1E104K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1146EVM TI1-ADS1146EVM Datasheet
2Mb / 27P
[Old version datasheet]   Contains all support circuitry needed for the ADS1146/ADS1246
July2009
ADS1174EVM TI1-ADS1174EVM Datasheet
2Mb / 48P
[Old version datasheet]   Contains all support circuitry needed for the ADS1174/ADS1274
May2009
ADS1148EVM TI1-ADS1148EVM Datasheet
1Mb / 34P
[Old version datasheet]   Contains all support circuitry needed for the ADS1148/ADS1248
logo
Silicon Laboratories
SI3401 SILABS-SI3401 Datasheet
458Kb / 20P
   Support non-isolated and isolated switching topologies Comprehensive protection circuitry
logo
STMicroelectronics
AN2149 STMICROELECTRONICS-AN2149 Datasheet
133Kb / 7P
   INTEGRATED BUSHOLD CIRCUITRY
logo
Altera Corporation
DE2-115 ALTERA-DE2-115 Datasheet
8Mb / 116P
   The DE2-115 package contains all components needed to use the DE2-115 board in conjunction with a computer that runs the Microsoft Windows OS.
logo
Analog Devices
EVAL-ADUM4135EBZ AD-EVAL-ADUM4135EBZ Datasheet
470Kb / 6P
   Desaturation protection circuitry
logo
Integrated Silicon Solu...
IS31AP4915A ISSI-IS31AP4915A Datasheet
315Kb / 9P
   Pop reduction circuitry
logo
Molex Electronics Ltd.
106401-0000 MOLEX-106401-0000 Datasheet
2Mb / 4P
   FlexPlaneTM Optical Circuitry
logo
TT Electronics.
OCB100 TTELEC-OCB100 Datasheet
446Kb / 4P
   Automatic Calibration Circuitry
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com