Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSW-105-22-F-DVS-K Datasheet(PDF) 24 Page - Texas Instruments

Part # SSW-105-22-F-DVS-K
Description  Contains all support circuitry needed
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SSW-105-22-F-DVS-K Datasheet(HTML) 24 Page - Texas Instruments

Back Button SSW-105-22-F-DVS-K Datasheet HTML 20Page - Texas Instruments SSW-105-22-F-DVS-K Datasheet HTML 21Page - Texas Instruments SSW-105-22-F-DVS-K Datasheet HTML 22Page - Texas Instruments SSW-105-22-F-DVS-K Datasheet HTML 23Page - Texas Instruments SSW-105-22-F-DVS-K Datasheet HTML 24Page - Texas Instruments SSW-105-22-F-DVS-K Datasheet HTML 25Page - Texas Instruments SSW-105-22-F-DVS-K Datasheet HTML 26Page - Texas Instruments SSW-105-22-F-DVS-K Datasheet HTML 27Page - Texas Instruments SSW-105-22-F-DVS-K Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
Evaluating Performance with the ADCPro Software
www.ti.com
8.1.4
GPIO Function Tab
The GPIO0, GPIO1, GPIO2 and GPIO3 pins on the ADS7953 can function as simple general purpose
inputs/outputs or as specialized control and monitor functions. The alarm function described in the
previous section is processed by GPIO0 and GPIO1. Refer to the data sheet for specific details on GPIO0
and GPIO1 options. GPIO2 can be used to configure the input range of the ADS7953 (2.5V max or 5.0V
max), and GPIO3 can be used as a power down input pin.
Figure 23. GPIO and System Monitor Control options
24
ADS79xxEVM and ADS79xxEVM-PDK
SLAU262C
– January 2009 – Revised May 2011
Submit Documentation Feedback
Copyright
© 2009–2011, Texas Instruments Incorporated


Similar Part No. - SSW-105-22-F-DVS-K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SSW-105-22-F-D-VS-K TI1-SSW-105-22-F-D-VS-K Datasheet
3Mb / 60P
[Old version datasheet]   TLV320AIC3104EVM and TLV320AIC3104EVM-PDK
SSW-105-22-F-D-VS-K TI1-SSW-105-22-F-D-VS-K Datasheet
2Mb / 47P
[Old version datasheet]   Performance Demonstration Kit for the ADS130E08
SSW-105-22-F-D-VS-K TI1-SSW-105-22-F-D-VS-K Datasheet
3Mb / 68P
[Old version datasheet]   EEG Front-End Performance Demonstration Kit
SSW-105-22-F-D-VS-K TI1-SSW-105-22-F-D-VS-K Datasheet
2Mb / 48P
[Old version datasheet]   Contains all support circuitry needed for the ADS1174/ADS1274
May2009
SSW-105-22-F-D-VS-K TI1-SSW-105-22-F-D-VS-K Datasheet
2Mb / 27P
[Old version datasheet]   Contains all support circuitry needed for the ADS1146/ADS1246
July2009
More results

Similar Description - SSW-105-22-F-DVS-K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1146EVM TI1-ADS1146EVM Datasheet
2Mb / 27P
[Old version datasheet]   Contains all support circuitry needed for the ADS1146/ADS1246
July2009
ADS1174EVM TI1-ADS1174EVM Datasheet
2Mb / 48P
[Old version datasheet]   Contains all support circuitry needed for the ADS1174/ADS1274
May2009
ADS1148EVM TI1-ADS1148EVM Datasheet
1Mb / 34P
[Old version datasheet]   Contains all support circuitry needed for the ADS1148/ADS1248
logo
Silicon Laboratories
SI3401 SILABS-SI3401 Datasheet
458Kb / 20P
   Support non-isolated and isolated switching topologies Comprehensive protection circuitry
logo
STMicroelectronics
AN2149 STMICROELECTRONICS-AN2149 Datasheet
133Kb / 7P
   INTEGRATED BUSHOLD CIRCUITRY
logo
Altera Corporation
DE2-115 ALTERA-DE2-115 Datasheet
8Mb / 116P
   The DE2-115 package contains all components needed to use the DE2-115 board in conjunction with a computer that runs the Microsoft Windows OS.
logo
Analog Devices
EVAL-ADUM4135EBZ AD-EVAL-ADUM4135EBZ Datasheet
470Kb / 6P
   Desaturation protection circuitry
logo
Integrated Silicon Solu...
IS31AP4915A ISSI-IS31AP4915A Datasheet
315Kb / 9P
   Pop reduction circuitry
logo
Molex Electronics Ltd.
106401-0000 MOLEX-106401-0000 Datasheet
2Mb / 4P
   FlexPlaneTM Optical Circuitry
logo
TT Electronics.
OCB100 TTELEC-OCB100 Datasheet
446Kb / 4P
   Automatic Calibration Circuitry
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com