Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB41BA3A-EP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3A-EP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB41BA3A-EP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TSB41BA3A-EP Datasheet HTML 4Page - Texas Instruments TSB41BA3A-EP Datasheet HTML 5Page - Texas Instruments TSB41BA3A-EP Datasheet HTML 6Page - Texas Instruments TSB41BA3A-EP Datasheet HTML 7Page - Texas Instruments TSB41BA3A-EP Datasheet HTML 8Page - Texas Instruments TSB41BA3A-EP Datasheet HTML 9Page - Texas Instruments TSB41BA3A-EP Datasheet HTML 10Page - Texas Instruments TSB41BA3A-EP Datasheet HTML 11Page - Texas Instruments TSB41BA3A-EP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
TSB41BA3A-EP
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
SGLS253B—OCTOBER 2004—REVISED MAY 2011
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
NAME
TYPE
PFP
NO.
I/O
DESCRIPTION
AGND
Supply 21, 40, 43,
50, 61, 62
Analog circuit ground terminals. These terminals must be tied together to the low-impedance
circuit board ground plane.
AVDD
Supply 24, 39, 44,
51, 57, 63
Analog circuit power terminals. A combination of high-frequency decoupling capacitors near each
terminal are suggested, such as paralleled 0.1 μF and 0.001 μF. Lower frequency 10-μF filtering
capacitors are also recommended. These supply terminals are separated from the
PLLVDD-CORE, PLLVDD-3.3, DVDD-CORE, and DVDD-3.3 terminals internal to the device to
provide noise isolation. The PLLVDD-3.3, AVDD, and DVDD-3.3 terminals must be tied together
with a low dc impedance connection on the circuit board.
BMODE
CMOS
74
I
Beta-mode input. This terminal determines the PHY-link interface connection protocol. When
logic high (asserted), the PHY-link interface complies with the 1394b-2002 B PHY-link interface.
When logic low (deasserted), the PHY-link interface complies with the legacy 1394a-2000
standard. When using an LLC such as the 1394b-2002 TSB82AA2, this terminal must be pulled
high. When using an LLC such as the 1394a-2000 TSB12LV26, this terminal must be tied low.
NOTE: The PHY-link interface cannot be changed between the different protocols during
operation.
CPS
CMOS
34
I
Cable power status input. This terminal is normally connected to cable power through a 400-kΩ
resistor. This circuit drives an internal comparator that detects the presence of cable power. This
transition from cable power sensed to cable power not sensed can be used to generate an
interrupt to the LLC.
CTL0
CTL1
CMOS
9
10
I/O
Control I/Os. These bidirectional signals control communication between the TSB41BA3A-EP
and the LLC. Bus holders are built into these terminals.
D0−D7
CMOS
11, 12, 13,
15, 16, 17,
19, 20
I/O
Data I/Os. These are bidirectional data signals between the TSB82BA3 and the LLC. Bus holders
are built into these terminals.
If power management control (PMC) is selected using LCLK_PMC, then some of these terminals
can be used for PMC. See the LCLK_PMC terminal description for more information.
DGND
Supply
4, 14, 38,
64, 72, 76
Digital circuit ground terminals. These terminals must be tied together to the low-impedance
circuit board ground plane.
DVDD-CORE Supply
8, 37, 65,
71
Digital core circuit power terminals. A combination of high-frequency decoupling capacitors near
each terminal are suggested, such as paralleled 0.1 μF and 0.001 μF. An additional 1-μF capacitor
is required for voltage regulation. These supply terminals are separated from the DVDD-3.3,
PLLVDD-CORE, PLLVDD-3.3, and AVDD terminals internal to the device to provide noise
isolation.
DVDD-3.3
Supply
6, 18, 69,
70
Digital 3.3-V circuit power terminals. A combination of high-frequency decoupling capacitors near
each terminal is suggested, such as paralleled 0.1 μF and 0.001 μF. Lower frequency 10-μF
filtering capacitors are also recommended. The DVDD-3.3 terminals must be tied together at a
low-impedance point on the circuit board. These supply terminals are separated from the
PLLVDD-CORE, PLLVDD-3.3, DVDD-CORE, and AVDD terminals internal to the device to
provide noise isolation. The PLLVDD-3.3, AVDD, and DVDD-3.3 terminals must be tied together
with a low dc impedance connection on the circuit board.


Similar Part No. - TSB41BA3A-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB41BA3A-EP TI1-TSB41BA3A-EP Datasheet
768Kb / 69P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A-EP TI1-TSB41BA3A-EP_14 Datasheet
768Kb / 69P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
More results

Similar Description - TSB41BA3A-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB81BA3IPFPEP TI1-TSB81BA3IPFPEP Datasheet
711Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B TI-TSB41BA3B Datasheet
1Mb / 67P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3 TI-TSB81BA3 Datasheet
810Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A TI1-TSB41BA3A_16 Datasheet
222Kb / 11P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3D TI-TSB41BA3D Datasheet
875Kb / 59P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3D TI1-TSB41BA3D_14 Datasheet
754Kb / 60P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A-EP TI1-TSB41BA3A-EP_14 Datasheet
768Kb / 69P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B-EP TI1-TSB41BA3B-EP Datasheet
1,023Kb / 67P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER  
TSB81BA3D TI1-TSB81BA3D_12 Datasheet
682Kb / 61P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3E TI-TSB81BA3E Datasheet
887Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3-EP TI-TSB81BA3-EP Datasheet
764Kb / 56P
[Old version datasheet]   IEEE 1394B THREE-PORT CABLE TRANSCEIVER/ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com