Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1148IRHBR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1148IRHBR
Description  16-Bit Analog-to-Digital Converters for Temperature Sensors
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1148IRHBR Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS1148IRHBR Datasheet HTML 7Page - Texas Instruments ADS1148IRHBR Datasheet HTML 8Page - Texas Instruments ADS1148IRHBR Datasheet HTML 9Page - Texas Instruments ADS1148IRHBR Datasheet HTML 10Page - Texas Instruments ADS1148IRHBR Datasheet HTML 11Page - Texas Instruments ADS1148IRHBR Datasheet HTML 12Page - Texas Instruments ADS1148IRHBR Datasheet HTML 13Page - Texas Instruments ADS1148IRHBR Datasheet HTML 14Page - Texas Instruments ADS1148IRHBR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
ADS1146
ADS1147
ADS1148
www.ti.com
SBAS453F – JULY 2009 – REVISED APRIL 2012
ADS1148 (TSSOP-28) PIN DESCRIPTIONS
NAME
PIN NO.
FUNCTION
DESCRIPTION
DVDD
1
Digital
Digital power supply
DGND
2
Digital
Digital ground
CLK
3
Digital input
External clock input. Tie this pin to DGND to activate the internal oscillator.
RESET
4
Digital input
Chip reset (active low). Returns all register values to reset values.
REFP0/GPIO0
5
Analog input
Positive external reference input 0, or general-purpose digital input/output pin 0
REFN0/GPIO1
6
Analog input
Negative external reference 0 input, or general-purpose digital input/output pin 1
REFP1
7
Analog input
Positive external reference 1 input
REFN1
8
Analog input
Negative external reference 1 input
VREFOUT
9
Analog output
Positive internal reference voltage output
Negative internal reference voltage output. Connect this pin to AVSS when using a unipolar
VREFCOM
10
Analog output
supply, or to the midvoltage of the power supply when using a bipolar supply.
AIN0/IEXC
11
Analog input
Analog input 0, optional excitation current output
AIN1/IEXC
12
Analog input
Analog input 1, optional excitation current output
Analog input
AIN4/IEXC/GPIO4
13
Analog input 4, optional excitation current output, or general-purpose digital input/output pin 4
Digital in/out
Analog input
AIN5/IEXC/GPIO5
14
Analog input 5, optional excitation current output, or general-purpose digital input/output pin 5
Digital in/out
Analog input
AIN6/IEXC/GPIO6
15
Analog input 6, optional excitation current output, or general-purpose digital input/output pin 6
Digital in/out
Analog input
AIN7/IEXC/GPIO7
16
Analog input 7, optional excitation current output, or general-purpose digital input/output pin 7
Digital in/out
Analog input
AIN2/IEXC/GPIO2
17
Analog input 2, optional excitation current output, or general-purpose digital input/output pin 2
Digital in/out
Analog input
AIN3/IEXC/GPIO3
18
Analog input 3, optional excitation current output, or general-purpose digital input/output pin 3
Digital in/out
IEXC2
19
Analog output
Excitation current output 2
IEXC1
20
Analog output
Excitation current output 1
AVSS
21
Analog
Negative analog power supply
AVDD
22
Analog
Positive analog power supply
START
23
Digital input
Conversion start. See text for complete description.
CS
24
Digital input
Chip select (active low)
DRDY
25
Digital output
Data ready (active low)
Serial data out output, or data out combined with data ready (active low when DRDY function
DOUT/DRDY
26
Digital output
enabled)
DIN
27
Digital input
Serial data input
SCLK
28
Digital input
Serial clock input
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS1146 ADS1147 ADS1148


Similar Part No. - ADS1148IRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1148IRHBR TI1-ADS1148IRHBR Datasheet
1Mb / 67P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
More results

Similar Description - ADS1148IRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1146 TI1-ADS1146_14 Datasheet
1Mb / 67P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI-ADS1146 Datasheet
561Kb / 50P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI1-ADS1146_10 Datasheet
781Kb / 54P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
APRIL2010
ADS1246_101 TI-ADS1246_101 Datasheet
1Mb / 65P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246_102 TI-ADS1246_102 Datasheet
1Mb / 66P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI-ADS1246_10 Datasheet
1Mb / 65P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI-ADS1246_13 Datasheet
1Mb / 70P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI1-ADS1246_14 Datasheet
1Mb / 71P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1248EVM-PDK TI1-ADS1248EVM-PDK Datasheet
1Mb / 70P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI-ADS1246 Datasheet
1Mb / 60P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com