Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS72325DBVTG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS72325DBVTG4
Description  Contains all support circuitry needed for the ADS1148/ADS1248
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS72325DBVTG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS72325DBVTG4 Datasheet HTML 2Page - Texas Instruments TPS72325DBVTG4 Datasheet HTML 3Page - Texas Instruments TPS72325DBVTG4 Datasheet HTML 4Page - Texas Instruments TPS72325DBVTG4 Datasheet HTML 5Page - Texas Instruments TPS72325DBVTG4 Datasheet HTML 6Page - Texas Instruments TPS72325DBVTG4 Datasheet HTML 7Page - Texas Instruments TPS72325DBVTG4 Datasheet HTML 8Page - Texas Instruments TPS72325DBVTG4 Datasheet HTML 9Page - Texas Instruments TPS72325DBVTG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Voltage Reference
www.ti.com
5
Voltage Reference
The ADS1248 device has the option of selecting between three different references: REF0, REF1, and the
internal reference, through registers in the ADS1248 chip. The EVM provides a 2.048V reference for
REF1 from U1, filtered and buffered through U2. This 2.048V may be used to drive the REF1P input.
REF1P should not be connected to AVDD through switch S1 because this connection will violate the
specification for the maximum reference input. Figure 1 shows switch S1 as it appears on the EVM. The
low side of the reference (REF1N) is tied to AVSS.The different reference options under different supply
conditions are outlined in Table 5.
Figure 1. Reference Select Switch S1
Table 5. REF1 Reference Voltage Options
REF1
S1 Position
Reference
AVDD
AVSS
J1 Setting
(1)
REF1P
REF1N
Voltage
5V
0V
1-2
BUFF
2.048V
0V
2.048V
5V
0V
2-3
BUFF
0V
0V
Invalid
selection
2.5V
–2.5V
1-2
BUFF
–0.452V
–2.5V
2.048V
2.5V
–2.5V
2-3
BUFF
0V
–2.5V
2.5V
(1)
Switch S1 should not be set to AVDD.
The REF0N and REF0P pins are connected directly to the external reference pins on J8.18 and J8.20,
respectively. These pins are diode-clamped to AVDD and AVSS, and protected with D3, a 5.1V zener. If
the external reference pins are not supplied with a external source, REF0N will be at approximately AVSS
+ 0.6V, and REF0P will be at approximately AVDD
–0.6V.
The internal reference voltage can be measured between testpoints TP3 (Int REF) and TP5 (REFCOM).
6
Clock Source
The ADS1248 has an internal clock or can be provided an external clock. The EVM uses the internal clock
mode only. Provision is made on the EVM circuit board, however, for an external clock source. A footprint
is provided at U8 for a crystal oscillator to be mounted on the board. An external clock may also be
provided by a processor on the TOUT pin (J7.17), or an external clock source connected to J14.1 (ground)
and J14.2 (signal).
J2 controls how the clock source is selected. With pins J2.1 and J2.2 shorted, GPIO5 from J7.19 can
control whether the A or B side of U7 is selected. If the A side is selected, the clock should come from an
external source provided as described above. If the B side is selected, the clock should come from the
crystal oscillator. If a selection is made and no clock is provided on that input, the ADS1248 detects that
no external clock is present and enables its internal oscillator.
6.1
Usage in PDK
If using the ADS1248EVM as part of the ADS1248EVM-PDK, J14 should have a jumper installed.
Remove any shorting blocks on jumper J13, and make sure J2 has a jumper between pins 1 and 2 (the IO
position). This configuration grounds the CLK input to the ADS1248 and ensures that the internal oscillator
starts up.
6
ADS1148EVM, ADS1248EVM, ADS1148EVM-PDK, and ADS1248EVM-PDK
SBAU142B
– April 2009 – Revised May 2011
Submit Documentation Feedback
Copyright
© 2009–2011, Texas Instruments Incorporated


Similar Part No. - TPS72325DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72325DBVTG4 TI1-TPS72325DBVTG4 Datasheet
1Mb / 25P
[Old version datasheet]   200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
TPS72325DBVTG4 TI1-TPS72325DBVTG4 Datasheet
2Mb / 27P
[Old version datasheet]   Contains all support circuitry needed for the ADS1146/ADS1246
July2009
TPS72325DBVTG4 TI1-TPS72325DBVTG4 Datasheet
1Mb / 25P
[Old version datasheet]   TPS723xx 200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
More results

Similar Description - TPS72325DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS79XXEVM TI1-ADS79XXEVM Datasheet
1Mb / 32P
[Old version datasheet]   Contains all support circuitry needed
ADS1146EVM TI1-ADS1146EVM Datasheet
2Mb / 27P
[Old version datasheet]   Contains all support circuitry needed for the ADS1146/ADS1246
July2009
ADS1174EVM TI1-ADS1174EVM Datasheet
2Mb / 48P
[Old version datasheet]   Contains all support circuitry needed for the ADS1174/ADS1274
May2009
logo
Altera Corporation
DE2-115 ALTERA-DE2-115 Datasheet
8Mb / 116P
   The DE2-115 package contains all components needed to use the DE2-115 board in conjunction with a computer that runs the Microsoft Windows OS.
logo
Silicon Laboratories
SI1102EK SILABS-SI1102EK Datasheet
654Kb / 3P
   The Si1102 Evaluation Kit contains the following items
Rev. 0.1 10/09
logo
Texas Instruments
DAC5573EVM TI-DAC5573EVM Datasheet
323Kb / 26P
[Old version datasheet]   This document contains the following chapters
logo
Tyco Electronics
408-4785 MACOM-408-4785 Datasheet
97Kb / 2P
   This instruction sheet contains the assembly
logo
Zilog, Inc.
Z51F0811 ZILOG-Z51F0811 Datasheet
1Mb / 52P
   The Z51F0811 Evaluation Board contains the following components
logo
PHOENIX CONTACT
2702132 PHOENIX-2702132 Datasheet
128Kb / 10P
   The bus coupler for the PROFIBUS has 4 digital outputs and 8 digital inputs. This package contains all the necessary Inline connectors for connecting the supply and the I/Os.
logo
EM Microelectronic - MA...
EMDB65XX EMMICRO-EMDB65XX Datasheet
979Kb / 9P
   This board contains the different MFP?셲
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com