Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24006PWPRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ24006PWPRG4
Description  TWO-CELL Li-ION CHARGE MANAGEMENT IC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24006PWPRG4 Datasheet(HTML) 3 Page - Texas Instruments

  BQ24006PWPRG4 Datasheet HTML 1Page - Texas Instruments BQ24006PWPRG4 Datasheet HTML 2Page - Texas Instruments BQ24006PWPRG4 Datasheet HTML 3Page - Texas Instruments BQ24006PWPRG4 Datasheet HTML 4Page - Texas Instruments BQ24006PWPRG4 Datasheet HTML 5Page - Texas Instruments BQ24006PWPRG4 Datasheet HTML 6Page - Texas Instruments BQ24006PWPRG4 Datasheet HTML 7Page - Texas Instruments BQ24006PWPRG4 Datasheet HTML 8Page - Texas Instruments BQ24006PWPRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
bq24004
bq24005
bq24006
www.ti.com
SLUS476F – DECEMBER 2000 – REVISED MAY 2012
ELECTRICAL CHARACTERISTICS
over recommended operating junction temperature supply and input voltages, and VI (VCC) ≥ VI (IN) ( unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC current
VCC > VCC_UVLO,
EN
≤ V(IHEN)
1
mA
VCC current, standby mode
EN
≤ V(ILEN)
1
µA
IN current, standby mode
EN
≤ V(ILEN)
10
µA
VCC < VCC_UVLO,
VO(OUT) = 8.6 V, VSENSE = 8.6 V
2
8
Standby current (sum of currents
µA
into OUT and VSENSE pins)
EN
≤ V(ILEN),
VO(OUT) = 8.6 V, VSENSE = 8.6 V
2
8
VOLTAGE REGULATION, 0°C
≤ TJ ≤ 125°C
VSEL = VSS,
0 < IO ≤ 1.2 A
8.118
8.20
8.282
Output voltage
V
VSEL = VCC,
0 < IO ≤ 1.2 A
8.316
8.40
8.484
Load regulation
1 mA
≤ IO≤ 1.2 A,VCC = 10 V, VI(IN)= 5 V,TJ = 25°C
1
mV
Line regulation
VO(OUT) + VDO + V(ilim)MAX < VI(VCC) < 10 V, TJ = 25°C
0.01
%/V
Dropout voltage = VI(IN)-Vout
IO = 1.2 A, VO(OUT) + V(DO) + V(ilim)MAX < VI(VCC) < 10 V
0.5
V
CURRENT REGULATION, 0°C
≤ TJ ≤ 125°C
Current regulation threshold,
VSENSE < VO(VSEL-LOW/HIGH)
0.093
0.1
0.107
V
VI(limit)
VSENSE pulsed above V(LOWV) to IO = 10% of regulated
Delay time
1
ms
value(1)
IO increasing from 10% to 90% of regulated value,
Rise time
0.1
1
ms
R(SNS) ≥ 0.2 Ω
(1)
CURRENT SENSE RESISTOR, 0°C
≤ TJ ≤ 125°C
External current sense resistor
100 mA
≤ (ilim) ≤ 1.2
0.083
1
range R(SNS)
A
PRECHARGE CURRENT REGULATION, 0°C
≤ TJ ≤ 125°C
Precharge current regulation
VSENSE<V(LOWV), 0.083 ≤ R(SNS)≤ 1.0 Ω
40
60
80
mA
VCC UVLO COMPARATOR, 0°C ≤ TJ ≤ 125°C
Start threshold
8.75
8.9
9.0
V
Stop threshold
8.50
8.66
8.8
V
Hysteresis
50
mV
APG/THERM COMPARATOR, 0°C
≤ TJ ≤ 125°C
Upper trip threshold
1.480
1.498
1.515
V
Lower trip threshold
0.545
0.558
0.570
V
Input bias current
1
µA
LOWV COMPARATOR, 0°C
≤ TJ ≤ 125°C
Start threshold
5.60
5.75
5.90
V
Stop threshold
6.10
6.25
6.40
V
Hysteresis
100
mV
HIGHV (RECHARGE) COMPARATOR, 0°C
≤ TJ ≤ 125°C
Start threshold
7.70
7.85
8.00
V
OVERV COMPARATOR, 0°C
≤ TJ ≤ 125°C
Start threshold
8.85
9.00
9.15
V
Stop threshold
8.45
8.60
8.75
V
Hysteresis
50
mV
TAPERDET COMPARATOR, 0°C
≤ TJ ≤ 125°C
Trip threshold
12
18.5
25
mV
EN LOGIC INPUT, 0°C
≤ TJ ≤ 125°C
High-level input voltage
2.25
V
Low-level input voltage
0.8
V
Input pulldown resistance
100
200
k
(1)
Specified by design, not production tested.
Copyright © 2000–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): bq24004 bq24005 bq24006


Similar Part No. - BQ24006PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24006PWP TI-BQ24006PWP Datasheet
174Kb / 22P
[Old version datasheet]   TWO-CELL Li-ION CHARGE MANAGEMENT IC FOR PDAs AND INTERNET APPLIANCES
More results

Similar Description - BQ24006PWPRG4

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS4035G SSC-SS4035G Datasheet
802Kb / 11P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
SS4036G SSC-SS4036G Datasheet
879Kb / 9P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
logo
Texas Instruments
BQ24004 TI-BQ24004 Datasheet
174Kb / 22P
[Old version datasheet]   TWO-CELL Li-ION CHARGE MANAGEMENT IC FOR PDAs AND INTERNET APPLIANCES
BQ24010 TI1-BQ24010 Datasheet
977Kb / 24P
[Old version datasheet]   Single-Chip, Li-Ion Charge Management IC
BQ24901 TI-BQ24901 Datasheet
266Kb / 18P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR OFFLINE APPLICATIONS
BQ24001 TI1-BQ24001_12 Datasheet
881Kb / 31P
[Old version datasheet]   SINGLE-CELL LI-ION CHARGE MANAGEMENT ICFOR PDAS
BQ24001 TI-BQ24001 Datasheet
189Kb / 23P
[Old version datasheet]   SINGLE-CELL Li-ION CHARGE MANAGEMENT IC FOR PDAs AND INTERNET APPLIANCES
logo
Renesas Technology Corp
M61038FP RENESAS-M61038FP Datasheet
7Mb / 20P
   LI-ION BATTERY CHARGE CONTROL, POWER MANAGEMENT IC
logo
Texas Instruments
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
logo
Microchip Technology
MCP73831 MICROCHIP-MCP73831 Datasheet
696Kb / 24P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com