Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDN337N Datasheet(PDF) 5 Page - Texas Instruments

Part # FDN337N
Description  Contains all support circuitry needed for the ADS1148/ADS1248
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDN337N Datasheet(HTML) 5 Page - Texas Instruments

  FDN337N Datasheet HTML 1Page - Texas Instruments FDN337N Datasheet HTML 2Page - Texas Instruments FDN337N Datasheet HTML 3Page - Texas Instruments FDN337N Datasheet HTML 4Page - Texas Instruments FDN337N Datasheet HTML 5Page - Texas Instruments FDN337N Datasheet HTML 6Page - Texas Instruments FDN337N Datasheet HTML 7Page - Texas Instruments FDN337N Datasheet HTML 8Page - Texas Instruments FDN337N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
www.ti.com
Power Supplies
Table 2. J7: Serial Interface Pins (continued)
Pin No.
Pin Name
Signal Name
I/O Type
Pullup
Function
J7.16
SCL
SCL
I
2C
High
I
2C clock
J7.17
TOUT
CLK
In
None
Can be used to provide
a clock from a
processor
J7.18
DGND
DGND
In/Out
None
Digital ground
J7.19
GPIO5
CLK Select
None
J7.20
SDA
SDA
I
2C
High
I
2C data
Many pins on J7 have weak pull-up resistors. These resistors provide default settings for many of the
control pins. Many pins on J7 correspond directly to ADS1248 pins. See the ADS1248 product data sheet
for complete details on these pins.
4
Power Supplies
J11 is the power-supply input connector. Table 3 lists the configuration details for J11.
Table 3. J11 Configuration: Power-Supply Input
Pin No.
Pin Name
Function
Required
J11.1
+VA
Unused
No
J11.2
–VA
Unused
No
J11.3
+5VA
+5V analog supply
Always
J11.4
–5VA
–5V analog supply
Only in bipolar mode
J11.5
DGND
Digital ground input
Yes
J11.6
AGND
Analog ground input
Yes
J11.7
+1.8VD
1.8V digital supply
No
J11.8
VD1
Unused
No
J11.9
+3.3VD
3.3V digital supply
Always
J11.10
+5VD
+5V digital supply
No
All of the power supplies (AVDD, AVSS, and DVDD) have corresponding jumpers on J10 that can be
replaced with a current meter to measure the respective supply currents.
4.1
Power Options
J10 is arranged as five rows, each of which can be shorted. Table 4 lists the power option details for J10.
For normal operation, J10.1-2, J10.3-4, and J10.5-6 must be connected (direct or through an ammeter),
and either (or both) of J10.7-8 and J10.9-10 must be connected; otherwise, the board does not function.
Table 4. J10 Configuration: Power Options
Row
Name
Function
1-2
ADC AVDD
AVDD supply current measurement point for the ADC. Must be
connected for operation.
3-4
ADC AVSS
AVSS supply current measurement point for the ADC. Must be
connected for operation.
5-6
ADC DVDD
DVDD supply current measurement point for the ADC. Must be
connected for operation.
7-8
DGND
Connects DGND to board ground.
9-10
AGND
Connects AGND to board ground.
5
SBAU142B
– April 2009 – Revised May 2011
ADS1148EVM, ADS1248EVM, ADS1148EVM-PDK, and ADS1248EVM-PDK
Submit Documentation Feedback
Copyright
© 2009–2011, Texas Instruments Incorporated


Similar Part No. - FDN337N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDN337N FAIRCHILD-FDN337N Datasheet
270Kb / 4P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Texas Instruments
FDN337N TI1-FDN337N Datasheet
2Mb / 27P
[Old version datasheet]   Contains all support circuitry needed for the ADS1146/ADS1246
July2009
logo
Guangdong Youtai Semico...
FDN337N UMW-FDN337N Datasheet
419Kb / 5P
   N-Channel 30 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
FDN337N-NL VBSEMI-FDN337N-NL Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - FDN337N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS79XXEVM TI1-ADS79XXEVM Datasheet
1Mb / 32P
[Old version datasheet]   Contains all support circuitry needed
ADS1146EVM TI1-ADS1146EVM Datasheet
2Mb / 27P
[Old version datasheet]   Contains all support circuitry needed for the ADS1146/ADS1246
July2009
ADS1174EVM TI1-ADS1174EVM Datasheet
2Mb / 48P
[Old version datasheet]   Contains all support circuitry needed for the ADS1174/ADS1274
May2009
logo
Altera Corporation
DE2-115 ALTERA-DE2-115 Datasheet
8Mb / 116P
   The DE2-115 package contains all components needed to use the DE2-115 board in conjunction with a computer that runs the Microsoft Windows OS.
logo
Silicon Laboratories
SI1102EK SILABS-SI1102EK Datasheet
654Kb / 3P
   The Si1102 Evaluation Kit contains the following items
Rev. 0.1 10/09
logo
Texas Instruments
DAC5573EVM TI-DAC5573EVM Datasheet
323Kb / 26P
[Old version datasheet]   This document contains the following chapters
logo
Tyco Electronics
408-4785 MACOM-408-4785 Datasheet
97Kb / 2P
   This instruction sheet contains the assembly
logo
Zilog, Inc.
Z51F0811 ZILOG-Z51F0811 Datasheet
1Mb / 52P
   The Z51F0811 Evaluation Board contains the following components
logo
PHOENIX CONTACT
2702132 PHOENIX-2702132 Datasheet
128Kb / 10P
   The bus coupler for the PROFIBUS has 4 digital outputs and 8 digital inputs. This package contains all the necessary Inline connectors for connecting the supply and the I/Os.
logo
EM Microelectronic - MA...
EMDB65XX EMMICRO-EMDB65XX Datasheet
979Kb / 9P
   This board contains the different MFP?셲
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com