Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCV304PW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CDCV304PW
Description  200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCV304PW Datasheet(HTML) 3 Page - Texas Instruments

  CDCV304PW Datasheet HTML 1Page - Texas Instruments CDCV304PW Datasheet HTML 2Page - Texas Instruments CDCV304PW Datasheet HTML 3Page - Texas Instruments CDCV304PW Datasheet HTML 4Page - Texas Instruments CDCV304PW Datasheet HTML 5Page - Texas Instruments CDCV304PW Datasheet HTML 6Page - Texas Instruments CDCV304PW Datasheet HTML 7Page - Texas Instruments CDCV304PW Datasheet HTML 8Page - Texas Instruments CDCV304PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CDCV304
www.ti.com
SCAS643H
– SEPTEMBER 2000 – REVISED FEBRUARY 2011
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
Supply voltage, VDD
2.3
3.6
V
Low-level input voltage, VIL
0.3 x VDD
V
High-level input voltage, VIH
0.7 x VDD
V
Input voltage, VI
0
VDD
V
VDD = 2.5 V
–12
High-level output current, IOH
mA
VDD = 3.3 V
–24
VDD = 2.5 V
12
Low-level output current, IOL
mA
VDD = 3.3 V
24
Operating free-air temperature, TA
–40
85
°C
TIMING REQUIREMENTS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fclk
Clock frequency
0
200
MHz
ELECTRICAL CHARACTERISTICS
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VIK
Input voltage
VDD = 3 V,
II = –18 mA
–1.2
V
VDD = 2.3 V,
IOH = –8 mA
1.8
VDD = 2.3 V,
IOH = –16 mA
1.5
VOH
High-level output voltage
VDD = min to max,
IOH = –1 mA
VDD – 0.2
V
VDD = 3 V,
IOH = –24 mA
2
VDD = 3 V,
IOH = –12 mA
2.4
VDD = 2.3 V,
IOL = 8 mA
0.5
VDD = 2.3 V,
IOL = 16 mA
0.7
VOL
Low-level output voltage
VDD = min to max,
IOL = 1 mA
0.2
V
VDD = 3 V,
IOL = 24 mA
0.8
VDD = 3 V,
IOL = 12 mA
0.55
VDD = 3 V,
VO = 1 V
–50
IOH
High-level output current
mA
VDD = 3.3 V,
VO = 1.65 V
–55
VDD = 3 V,
VO = 2 V
60
IOL
Low-level output current
mA
VDD = 3.3 V,
VO = 1.65 V
70
II
Input current
VI = VO or VDD
±5
μA
f = 67 MHz,
VDD = 2.7 V
28
IDD
Dynamic current, see Figure 5
mA
f = 67 MHz,
VDD = 3.6 V
37
CI
Input capacitance
VDD = 3.3 V,
VI = 0 V or VDD
3
pF
CO
Output capacitance
VDD = 3.3 V,
VI = 0 V or VDD
3.2
pF
(1)
All typical values are with respect to nominal VDD and TA = 25°C.
© 2000–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): CDCV304


Similar Part No. - CDCV304PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCV304PW TI-CDCV304PW Datasheet
293Kb / 12P
[Old version datasheet]   200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
CDCV304PWG4 TI-CDCV304PWG4 Datasheet
293Kb / 12P
[Old version datasheet]   200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
CDCV304PWR TI-CDCV304PWR Datasheet
293Kb / 12P
[Old version datasheet]   200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
CDCV304PWRG4 TI-CDCV304PWRG4 Datasheet
293Kb / 12P
[Old version datasheet]   200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
More results

Similar Description - CDCV304PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCV304-EP TI1-CDCV304-EP_18 Datasheet
950Kb / 15P
[Old version datasheet]   200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
CDCV304 TI-CDCV304_09 Datasheet
293Kb / 12P
[Old version datasheet]   200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
CDCV304-EP TI1-CDCV304-EP Datasheet
502Kb / 13P
[Old version datasheet]   200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
logo
NXP Semiconductors
PCK2002PL NXP-PCK2002PL Datasheet
66Kb / 8P
   533 MHz PCI-X clock buffer
2002 Oct 10
PCK2002PLPW PHILIPS-PCK2002PLPW Datasheet
66Kb / 8P
   533 MHz PCI-X clock buffer
2002 Oct 10
logo
Texas Instruments
CDCV304 TI-CDCV304 Datasheet
112Kb / 8P
[Old version datasheet]   140-MHz PCI-X CLOCK BUFFER
logo
NXP Semiconductors
PCK2002PLPWDH-T NXP-PCK2002PLPWDH-T Datasheet
58Kb / 8P
   533 MHz PCI-X clock buffer
2002 Oct 10
PCK2002P PHILIPS-PCK2002P Datasheet
74Kb / 8P
   140 MHz PCI-X clock buffer
2001 May 09
logo
Cypress Semiconductor
CY2304NZ CYPRESS-CY2304NZ_12 Datasheet
345Kb / 8P
   Four Output PCI-X and General Purpose Buffer
logo
PulseCore Semiconductor
ASM2P2304NZ PULSECORE-ASM2P2304NZ Datasheet
175Kb / 9P
   Four Output PCI-X and General Purpose Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com