Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-8951106V2A Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-8951106V2A
Description  RAD-TOLERANT CLASS-V REGULATING PULSE WIDTH MODULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-8951106V2A Datasheet(HTML) 4 Page - Texas Instruments

  5962-8951106V2A Datasheet HTML 1Page - Texas Instruments 5962-8951106V2A Datasheet HTML 2Page - Texas Instruments 5962-8951106V2A Datasheet HTML 3Page - Texas Instruments 5962-8951106V2A Datasheet HTML 4Page - Texas Instruments 5962-8951106V2A Datasheet HTML 5Page - Texas Instruments 5962-8951106V2A Datasheet HTML 6Page - Texas Instruments 5962-8951106V2A Datasheet HTML 7Page - Texas Instruments 5962-8951106V2A Datasheet HTML 8Page - Texas Instruments 5962-8951106V2A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CONNECTION DIAGRAM
LCC-20, PLCC-20 (Top View)
FK Package
ELECTRICAL CHARACTERISTICS
UC1525B-SP
SLUS874 – JANUARY 2009............................................................................................................................................................................................... www.ti.com
VIN = 20 V, TA = TJ = –55°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reference Section
Output voltage
TJ = 25°C
5.062
5.10
5.138
V
Line regulation
VIN = 8 V to 35 V
5
10
mV
Load regulation
IL = 0 mA to 20 mA
7
15
mV
Temperature stability(1)
Over operating range
10
50
mV
Total output variation
Over line, load, and temperature
5.036
5.164
V
Short-circuit current
VREF = 0 V, TJ = 25°C
80
100
mA
Output noise voltage(1)
10 Hz
≤ f ≤ 10 kHz, TJ = 25°C
40
200
µVrms
Oscillator Section
Initial accuracy(2)
TJ = 25°C
±2
±6
%
Voltage stability(2)
VIN = 8 V to 35 V
±0.3
±1
%
Temperature stability(1)(2)
Over operating range
±3
±6
%
Minimum frequency
RT = 200 kΩ, CT = 0.1 µF
120
Hz
Maximum frequency
RT = 2 kΩ, CT = 470 pF
400
kHz
Current mirror
IRT = 2 mA
1.7
2.
2.2
mA
Clock amplitude(2)
3
3.5
V
Clock width(2)
TJ = 25°C
0.3
0.5
1
µs
Sync threshold
1.2
2
2.8
V
Sync input current
Sync = 3.5 V
1
2.5
mA
(1)
Parameters ensured by design and/or characterization, if not production tested.
(2)
Tested at fosc = 40 kHz (RT = 3.6 kΩ, CT = 0.01 µF, RD = 0 Ω).
Approximate oscillator frequency is defined by: f = 1/(CT (0.7 x RT + 3RD)).
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): UC1525B-SP


Similar Part No. - 5962-8951106V2A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-89511012A TI-5962-89511012A Datasheet
440Kb / 9P
[Old version datasheet]   Regulating Pulse Width Modulators
5962-89511012A TI1-5962-89511012A Datasheet
747Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
5962-89511032A TI-5962-89511032A Datasheet
440Kb / 9P
[Old version datasheet]   Regulating Pulse Width Modulators
5962-89511032A TI1-5962-89511032A Datasheet
747Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
5962-89511032A TI1-5962-89511032A Datasheet
745Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
More results

Similar Description - 5962-8951106V2A

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
[Old version datasheet]   Regulating Pulse Width Modulator
UC1526 TI-UC1526_07 Datasheet
757Kb / 13P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Intersil Corporation
CA1524 INTERSIL-CA1524 Datasheet
206Kb / 16P
   Regulating Pulse Width Modulator
October 2000
logo
Linear Technology
LT1524 LINER-LT1524 Datasheet
726Kb / 8P
   Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG1526B MICROSEMI-SG1526B Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UC1526AJ TI-UC1526AJ Datasheet
545Kb / 10P
[Old version datasheet]   Regulating Pulse Width Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com