Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UA723CNSR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UA723CNSR
Description  PRECISION VOLTAGE REGULATORS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UA723CNSR Datasheet(HTML) 4 Page - Texas Instruments

  UA723CNSR Datasheet HTML 1Page - Texas Instruments UA723CNSR Datasheet HTML 2Page - Texas Instruments UA723CNSR Datasheet HTML 3Page - Texas Instruments UA723CNSR Datasheet HTML 4Page - Texas Instruments UA723CNSR Datasheet HTML 5Page - Texas Instruments UA723CNSR Datasheet HTML 6Page - Texas Instruments UA723CNSR Datasheet HTML 7Page - Texas Instruments UA723CNSR Datasheet HTML 8Page - Texas Instruments UA723CNSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
µA723
PRECISION VOLTAGE REGULATORS
SLVS057D – AUGUST 1972 – REVISED JULY 1999
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
Table 1. Resistor Values (k
Ω) for Standard Output Voltages
OUTPUT
VOLTAGE
APPLICABLE
FIGURES
FIXED OUTPUT
±5%
OUTPUT ADJUSTABLE
±10%
(SEE NOTE 6)
(V)
(SEE NOTE 5)
R1
(k
Ω)
R2
(k
Ω)
R1
(k
Ω)
P1
(k
Ω )
P2
(k
Ω )
3.0
1, 5, 6, 9, 11, 12 (4)
4.12
3.01
1.8
0.5
1.2
3.6
1, 5, 6, 9, 11, 12 (4)
3.57
3.65
1.5
0.5
1.5
5.0
1, 5, 6, 9, 11, 12 (4)
2.15
4.99
0.75
0.5
2.2
6.0
1, 5, 6, 9, 11, 12 (4)
1.15
6.04
0.5
0.5
2.7
9.0
2, 4, (5, 6, 9, 12)
1.87
7.15
0.75
1.0
2.7
12
2, 4, (5, 6, 9, 12)
4.87
7.15
2.0
1.0
3.0
15
2, 4, (5, 6, 9, 12)
7.87
7.15
3.3
1.0
3.0
28
2, 4, (5, 6, 9, 12)
21.0
7.15
5.6
1.0
2.0
45
7
3.57
48.7
2.2
10
39
75
7
3.57
78.7
2.2
10
68
100
7
3.57
105
2.2
10
91
250
7
3.57
255
2.2
10
240
–6
(see Note 7)
3, 10
3.57
2.43
1.2
0.5
0.75
–9
3, 10
3.48
5.36
1.2
0.5
2.0
–12
3, 10
3.57
8.45
1.2
0.5
3.3
–15
3, 10
3.57
11.5
1.2
0.5
4.3
–28
3, 10
3.57
24.3
1.2
0.5
10
–45
8
3.57
41.2
2.2
10
33
–100
8
3.57
95.3
2.2
10
91
–250
8
3.57
249
2.2
10
240
NOTES:
5. The R1/R2 divider can be across either VO or V(ref). If the divider is across
V(ref), use the figure numbers without parentheses. If the divider is across
VO, use the figure numbers in parentheses.
6. To make the voltage adjustable, the R1/R2 divider shown in the figures must
be replaced by the divider shown below.
R1
P1
R2
Adjustable Output Circuit
7. For Figures 3, 8, and 10, the device requires a minimum of 9 V between VCC+
and VCC– when VO is equal to or more positive than –9 V.


Similar Part No. - UA723CNSR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UA723CN PHILIPS-UA723CN Datasheet
67Kb / 6P
   Precision voltage regulator
1994 Aug 31
More results

Similar Description - UA723CNSR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SFC2723A STMICROELECTRONICS-SFC2723A Datasheet
84Kb / 1P
   Precision Voltage Regulators
logo
Texas Instruments
TLV431 TI-TLV431_06 Datasheet
787Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
SYNC POWER Crop.
SP431 SYNC-POWER-SP431 Datasheet
281Kb / 12P
   High Voltage Adjustable Precision Shunt Regulators
logo
Texas Instruments
TLV431 TI-TLV431 Datasheet
232Kb / 34P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431A-Q1 TI1-TLV431A-Q1 Datasheet
489Kb / 21P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
ACE Technology Co., LTD...
ACE431N ACE-ACE431N Datasheet
2Mb / 14P
   High Voltage Adjustable Precision Shunt Regulators
VER 1.5
logo
Texas Instruments
TLVH431AIDBVRG4 TI1-TLVH431AIDBVRG4 Datasheet
1Mb / 53P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Microsemi Corporation
LX432 MICROSEMI-LX432 Datasheet
155Kb / 8P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Texas Instruments
TLVH431A-Q1 TI1-TLVH431A-Q1 Datasheet
658Kb / 25P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431 TI1-TLVH431_15 Datasheet
1Mb / 50P
[Old version datasheet]   Low-Voltage Adjustable Precision Shunt Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com