Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2825A-EP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UC2825A-EP
Description  HIGH-SPEED PWM CONTROLLER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC2825A-EP Datasheet(HTML) 5 Page - Texas Instruments

  UC2825A-EP Datasheet HTML 1Page - Texas Instruments UC2825A-EP Datasheet HTML 2Page - Texas Instruments UC2825A-EP Datasheet HTML 3Page - Texas Instruments UC2825A-EP Datasheet HTML 4Page - Texas Instruments UC2825A-EP Datasheet HTML 5Page - Texas Instruments UC2825A-EP Datasheet HTML 6Page - Texas Instruments UC2825A-EP Datasheet HTML 7Page - Texas Instruments UC2825A-EP Datasheet HTML 8Page - Texas Instruments UC2825A-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
UC2825A-EP
www.ti.com
SGLS305D – JULY 2005 – REVISED SEPTEMBER 2010
Electrical Characteristics
TA = –40°C to 125°C for Q temperature and TA = –55°C to 125°C for M temperature, RT = 3.65 kΩ, CT = 1 nF, VCC = 12 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reference, VREF
VO
Output voltage range
TJ = 25°C, IO = 1 mA
5.05
5.1
5.15
V
Line regulation
12 V
≤ VCC ≤ 20 V
2
15
mV
Load regulation
1 mA
≤ IO ≤ 10 mA
5
20
mV
Total output variation
Line, load, temperature
5.03
5.17
V
Temperature stability(1)
T(min) < TA < T(max)
0.2
0.4
mV/°C
Output noise voltage(1)
10 Hz < f < 10 kHz
50
mVRMS
Long-term stability(1)
TJ = 125°C, 1000 h
5
25
mV
Short-circuit current
VREF = 0 V
30
60
90
mA
Oscillator
TJ = 25°C
375
400
425
kHz
fOSC
Initial accuracy(1)
RT = 6.6 kΩ, CT = 220 pF, TA = 25°C
0.9
1
1.1
MHz
Line, temperature
350
450
kHz
Total variation(1)
RT = 6.6 kΩ, CT = 220 pF
0.85
1.15
MHz
Voltage stability
12 V
≤ VCC ≤ 20 V
1%
Temperature stability(1)
T(min) < TA < T(max)
5%
High-level output voltage, clock
3.7
4
V
Low-level output voltage, clock
0
0.2
V
Ramp peak
2.6
2.8
3
V
Ramp valley
0.7
1
1.25
V
Ramp valley to peak
1.6
1.8
2
V
IOSC
Oscillator discharge current
RT = OPEN, VCT = 2 V
9
10
11
mA
Error Amplifier
Input offset voltage
2
10
mV
Input bias current
0.6
3
mA
Input offset current
0.1
1
mA
Open-loop gain
1 V < VO < 4 V
60
95
dB
CMRR
Common-mode rejection ratio
1.5 V < VCM < 5.5 V
75
95
dB
PSRR
Power-supply rejection ratio
12 V < VCC < 20 V
85
110
dB
IO(sink)
Output sink current
VEAOUT = 1 V
1
2.5
mA
IO(src)
Output source current
VEAOUT = 4 V
–1.3
–0.5
mA
High-level output voltage
IEAOUT = –0.5 mA
4.5
4.7
5
V
Low-level output voltage
IEAOUT = –1 mA
0
0.5
1
V
Gain bandwidth product
f = 200 kHz
6
12
MHz
Slew rate(1)
6
9
V/ms
PWM Comparator
IBIAS
Bias current, RAMP
VRAMP = 0 V
–1
–8
mA
Minimum duty cycle
0%
Maximum duty cycle
85%
tLEB
Leading-edge blanking time
RLEB = 2 kΩ, CLEB = 470 pF
300
375
450
ns
RLEB
Leading-edge blanking resistance
VCLK/LEB = 3 V
8.5
10
11.5
k
VZDC
Zero dc threshold voltage, EAOUT
VRAMP = 0 V
1.1
1.25
1.4
V
tDELAY
Delay-to-output time(1)
VEAOUT = 2.1 V, VILIM = 0-V to 2-V step
50
80
ns
(1)
Specified by design. Not production tested.
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): UC2825A-EP


Similar Part No. - UC2825A-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2825A-EP TI-UC2825A-EP_15 Datasheet
781Kb / 21P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results

Similar Description - UC2825A-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI1-UC1825_13 Datasheet
968Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825AQDW TI-UC2825AQDW Datasheet
928Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825A-Q1 TI-UC2825A-Q1_15 Datasheet
932Kb / 17P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com