Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2825AQDWREP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UC2825AQDWREP
Description  HIGH-SPEED PWM CONTROLLER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC2825AQDWREP Datasheet(HTML) 9 Page - Texas Instruments

Back Button UC2825AQDWREP Datasheet HTML 5Page - Texas Instruments UC2825AQDWREP Datasheet HTML 6Page - Texas Instruments UC2825AQDWREP Datasheet HTML 7Page - Texas Instruments UC2825AQDWREP Datasheet HTML 8Page - Texas Instruments UC2825AQDWREP Datasheet HTML 9Page - Texas Instruments UC2825AQDWREP Datasheet HTML 10Page - Texas Instruments UC2825AQDWREP Datasheet HTML 11Page - Texas Instruments UC2825AQDWREP Datasheet HTML 12Page - Texas Instruments UC2825AQDWREP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
UDG−95106
1.2 V
5 V
1.2 V
0.2 V
ON
OFF
FAULT
VSS
PWM
UC2825A-EP
www.ti.com
SGLS305D – JULY 2005 – REVISED SEPTEMBER 2010
Undervoltage Lockout (UVLO), Soft-Start, and Fault Management
Soft-start is programmed by a capacitor on the soft-start (SS) pin. At power up, SS is discharged. When SS is
low, the error-amplifier output also is forced low. While the internal 9-mA source charges SS, the error-amplifier
output follows until closed-loop regulation takes over.
Anytime ILIM exceeds 1.2 V, the fault latch is set and the output pins are driven low. The soft-start cap then is
discharged by a 250-mA current sink. No more output pulses are allowed until soft-start is fully discharged and
ILIM is below 1.2 V. At this point, the fault latch resets and the chip executes a soft-start.
Should the fault latch get set during soft-start, the outputs are terminated immediately, but the soft-start capacitor
does not discharge until it has been fully charged first. This results in a controlled hiccup interval for continuous
fault conditions.
Figure 5. Soft-Start and Fault Waveforms
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): UC2825A-EP


Similar Part No. - UC2825AQDWREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2825AQDWRQ1 TI1-UC2825AQDWRQ1 Datasheet
415Kb / 14P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results

Similar Description - UC2825AQDWREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI1-UC1825_13 Datasheet
968Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825AQDW TI-UC2825AQDW Datasheet
928Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825A-Q1 TI-UC2825A-Q1_15 Datasheet
932Kb / 17P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com