Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3912DPG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCC3912DPG4
Description  PROGRAMMABLE HOT SWAP POWER MANAGER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3912DPG4 Datasheet(HTML) 5 Page - Texas Instruments

  UCC3912DPG4 Datasheet HTML 1Page - Texas Instruments UCC3912DPG4 Datasheet HTML 2Page - Texas Instruments UCC3912DPG4 Datasheet HTML 3Page - Texas Instruments UCC3912DPG4 Datasheet HTML 4Page - Texas Instruments UCC3912DPG4 Datasheet HTML 5Page - Texas Instruments UCC3912DPG4 Datasheet HTML 6Page - Texas Instruments UCC3912DPG4 Datasheet HTML 7Page - Texas Instruments UCC3912DPG4 Datasheet HTML 8Page - Texas Instruments UCC3912DPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
UCC2912
UCC3912
PROGRAMMABLE HOT SWAP POWER MANAGER
SLUS241D − MARCH 1994 - REVISED NOVEMBER 2003
5
www.ti.com
pin description (continued)
SHTDWN: When this pin is brought to a logic low, the IC is put into a sleep mode drawing typically less than
1
µA of ICC. The input threshold is hysteretic, allowing the user to program a startup delay with an external RC
circuit.
VIN: Input voltage to the UCC3912. The recommended voltage range is 3 V to 8 V. Both VIN pins should be
connected together and to the power source.
VOUT: Output voltage from the UCC3912. When switched the output voltage will be approximately
VIN − (0.15 Ω × IOUT). Both VOUT pins should be connected together and to the load.
APPLICATION INFORMATION
UDG-99171
NOTE: For demonstration board schematic see Design Note DN-58 (TI Literature Number SLUA187).
6
7
8
9
11
10
B0
B1
B2
B3
IMAX
16
3
2
4
12
13
5
14
15
1
SHTDWN
VOUT
VIN
FAULT
CT
GND
HEAT SINK
GND PINS
RL
COUT
VOUT
CSD
RSD
VIN
CIN
R1
LED
D1
CT
S1
S2
S3
S4
S5
DIP
SWITCH
S6
VIN
VIN
UCC2912
UCC3912
Figure 1. Evaluation Circuit
protecting the UCC3912 from voltage transients
The parasitic inductance associated with the power distribution can cause a voltage spike at VIN if the load
current is suddenly interrupted by the UCC3912. It is important to limit the peak of this spike to less than 8 V
to prevent damage to the UCC3912. This voltage spike can be minimized by:
D Reducing the power distribution inductance (e.g., twist the positive and negative leads of the power supply
feeding VIN, locate the power supply close to the UCC3912, use a PCB ground plane,...etc.).
D Decoupling VIN with a capacitor, CIN (refer to Figure 1), located close to pins 2 and 3. This capacitor is
typically less than 1
µF to limit the inrush current.
D Clamping the voltage at VIN below 8 V with a zener diode, D1 (refer to Figure 1), located close to pins 2
and 3.


Similar Part No. - UCC3912DPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3912DPG4 TI-UCC3912DPG4 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
More results

Similar Description - UCC3912DPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
UCC2915 TI-UCC2915 Datasheet
67Kb / 5P
[Old version datasheet]   15V Programmable Hot Swap Power Manager
UCC39151 TI-UCC39151 Datasheet
203Kb / 6P
[Old version datasheet]   15V Programmable Hot Swap Power Manager
UCC3915DP TI-UCC3915DP Datasheet
663Kb / 15P
[Old version datasheet]   15-V PROGRAMMABLE HOT SWAP POWER MANAGER
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
UCC2913 TI-UCC2913 Datasheet
314Kb / 17P
[Old version datasheet]   NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
UCC3917D TI1-UCC3917D Datasheet
1Mb / 25P
[Old version datasheet]   Positive Floating Hot-Swap Power Manager
TPS2306 TI-TPS2306 Datasheet
407Kb / 28P
[Old version datasheet]   DUAL SEQUENCING HOT SWAP POWER MANAGER
UCC1913 TI-UCC1913 Datasheet
123Kb / 9P
[Old version datasheet]   Negative Voltage Hot Swap Power Manager
UCC1917 TI-UCC1917 Datasheet
228Kb / 9P
[Old version datasheet]   Positive Floating Hot Swap Power Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com