Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD9081RHBT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UCD9081RHBT
Description  8-CHANNEL POWER SUPPLY SEQUENCER AND MONITOR WITH ERROR LOGGING
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD9081RHBT Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCD9081RHBT Datasheet HTML 5Page - Texas Instruments UCD9081RHBT Datasheet HTML 6Page - Texas Instruments UCD9081RHBT Datasheet HTML 7Page - Texas Instruments UCD9081RHBT Datasheet HTML 8Page - Texas Instruments UCD9081RHBT Datasheet HTML 9Page - Texas Instruments UCD9081RHBT Datasheet HTML 10Page - Texas Instruments UCD9081RHBT Datasheet HTML 11Page - Texas Instruments UCD9081RHBT Datasheet HTML 12Page - Texas Instruments UCD9081RHBT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
UCD9081
www.ti.com
SLVS813B – JUNE 2008 – REVISED DECEMBER 2010
FUNCTIONAL DESCRIPTION
POWER SUPPLY SEQUENCING
The UCD9081 can be configured to sequence power supply rails using the enable signals (ENx) or the
general-purpose outputs (GPOx) in one of four ways:
1. A rail can be configured to not be sequenced
2. Using a delay time after UCD9081 RESET. The enable/GPO is asserted after UCD9081 RESET plus the
user specified delay
3. Using a delay time after another (parent) rail has achieved regulation (VRAIL is within specified under- and
overvoltage settings). The enable/GPO is asserted after the (parent) rail is in regulation plus the user
specified delay.
4. Using a (parent) rail voltage. The enable/GPO is asserted after the (parent) rail voltage is greater than or
equal to the user specified voltage.
POWER-SUPPLY ENABLES
The UCD9081 can sequence and enable/disable up to eight power supplies through the ENx (EN1 to EN8)
signals. These signals can be configured active-high or active-low, supporting power supplies with either polarity.
EN8 can also be configured as a GPO (GPO1). EN8/ADDR1/GPO1 is also used for I2C address selection
(ADDR1).
Note that while the UCD9081 is in RESET, the enable signals are in a high-impedance state. The enable signals
should be pulled up or down on the board according to the desired default power-supply state (enabled or
disabled).
GENERAL PURPOSE OUTPUTS
The UCD9081 can control up to four general-purpose digital outputs through the same sequencing mechanisms
as the power supply enables. These general-purpose outputs (GPO1–GPO4) can be used for digital signals such
as resets or status inputs to other devices. Note that these signals are multiplexed with other functions (primarily
I2C address selection). See the Terminal Functions table to ensure that these signals are used properly by the
application. Also note that the GPO1 signal is multiplexed with EN8.
I
2C INTERFACE
The UCD9081 power-supply sequencer has a 100 kHz, slave mode I2C interface for communication with an I2C
master. The I2C master uses this interface to configure and monitor the UCD9081. Note that the master must
support clock stretching in order to properly communicate with the UCD9081.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :UCD9081


Similar Part No. - UCD9081RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9081EVM TI-UCD9081EVM Datasheet
800Kb / 34P
[Old version datasheet]   8-CHANNEL POWER SUPPLY SEQUENCER AND MONITOR WITH ERROR LOGGING
More results

Similar Description - UCD9081RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9081EVM TI-UCD9081EVM Datasheet
800Kb / 34P
[Old version datasheet]   8-CHANNEL POWER SUPPLY SEQUENCER AND MONITOR WITH ERROR LOGGING
UCD9080 TI-UCD9080 Datasheet
558Kb / 32P
[Old version datasheet]   8-CHANNEL POWER SUPPLY SEQUENCER AND MONITOR
UCD9080 TI1-UCD9080_16 Datasheet
1Mb / 38P
[Old version datasheet]   8-CHANNEL POWER-SUPPLY SEQUENCER AND MONITOR
UCD9090A TI1-UCD9090A Datasheet
1Mb / 54P
[Old version datasheet]   10-Rail Power Supply Sequencer and Monitor
UCD90160A TI1-UCD90160A Datasheet
2Mb / 59P
[Old version datasheet]   16-Rail Power Supply Sequencer and Monitor
UCD90120A TI1-UCD90120A Datasheet
1Mb / 43P
[Old version datasheet]   12-Rail Power Supply Sequencer and Monitor with ACPI Support
UCD9090-Q1 TI1-UCD9090-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   10-Rail Power-Supply Sequencer and Monitor With ACPI Support
UCD9090 TI1-UCD9090 Datasheet
1Mb / 55P
[Old version datasheet]   10-Rail Power Supply Sequencer and Monitor With ACPI Support
UCD90120A TI1-UCD90120A_15 Datasheet
1Mb / 58P
[Old version datasheet]   12-Rail Power Supply Sequencer and Monitor With ACPI Support
UCD90160 TI1-UCD90160 Datasheet
1Mb / 41P
[Old version datasheet]   16-Rail Power Supply Sequencer and Monitor with ACPI Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com