Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AVC24T245 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AVC24T245
Description  24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AVC24T245 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74AVC24T245 Datasheet HTML 5Page - Texas Instruments SN74AVC24T245 Datasheet HTML 6Page - Texas Instruments SN74AVC24T245 Datasheet HTML 7Page - Texas Instruments SN74AVC24T245 Datasheet HTML 8Page - Texas Instruments SN74AVC24T245 Datasheet HTML 9Page - Texas Instruments SN74AVC24T245 Datasheet HTML 10Page - Texas Instruments SN74AVC24T245 Datasheet HTML 11Page - Texas Instruments SN74AVC24T245 Datasheet HTML 12Page - Texas Instruments SN74AVC24T245 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
www.ti.com
Switching Charactertistics
Operating Characteristics
SN74AVC24T245
24-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES552C – FEBRUARY 2004 – REVISED AUGUST 2005
over recommended operating free-air temperature range, V
CCA = 3.3 V ± 0.3 V (see Figure 1)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 1.2 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
3.2
0.5
5.5
0.5
4.4
0.5
3.2
0.5
2.7
A
B
ns
tPHL
3.2
0.5
5.5
0.5
4.4
0.5
3.2
0.5
2.7
tPLH
2.8
0.5
3.7
0.5
3.3
0.5
2.8
0.5
2.7
B
A
ns
tPHL
2.8
0.5
3.7
0.5
3.3
0.5
2.8
0.5
2.7
tPZH
2.2
0.5
4.3
0.5
4.2
0.5
4.1
0.5
4
OE
A
ns
tPZL
2.2
0.5
4.3
0.5
4.2
0.5
4.1
0.5
4
tPZH
5.1
0.5
9.3
0.5
7.2
0.5
4.9
0.5
4
OE
B
ns
tPZL
5.1
0.5
9.3
0.5
7.2
0.5
4.9
0.5
4
tPHZ
3.4
0.5
5
0.5
5
0.5
5
0.5
5
OE
A
ns
tPLZ
3.4
0.5
5
0.5
5
0.5
5
0.5
5
tPHZ
4.9
1
7.7
1
6.5
1
5.2
0.5
5
OE
B
ns
tPLZ
4.9
1
7.7
1
6.5
1
5.2
0.5
5
V
CCA and VCCB = 3.3 V, TA = 25°C
VCCA =
VCCA =
VCCA =
VCCA =
VCCA =
TEST
VCCB = 1.5 V
VCCB = 1.2 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
TYP
TYP
Outputs
1
1
1
2
2
enabled
A to B
Outputs
1
1
1
1
2
CL = 0,
disabled
CpdA(1)
f = 10 MHz,
pF
Outputs
tr = tf = 1 ns
19
19
20
21
22
enabled
B to A
Outputs
1
1
1
1
1
disabled
Outputs
19
19
20
21
22
enabled
A to B
Outputs
1
1
1
1
1
CL = 0,
disabled
CpdB(1)
f = 10 MHz,
pF
Outputs
tr = tf = 1 ns
1
1
1
2
2
enabled
B to A
Outputs
1
1
1
1
2
disabled
(1)
Power dissipation capacitance per transceiver
9


Similar Part No. - SN74AVC24T245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC24T245 TI-SN74AVC24T245 Datasheet
286Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245 TI-SN74AVC24T245 Datasheet
287Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245 TI-SN74AVC24T245 Datasheet
1Mb / 29P
[Old version datasheet]   24-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation And 3-State Outputs
SN74AVC24T245GRG/ZRG TI-SN74AVC24T245GRG/ZRG Datasheet
1Mb / 29P
[Old version datasheet]   24-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation And 3-State Outputs
SN74AVC24T245GRGR TI-SN74AVC24T245GRGR Datasheet
286Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Similar Description - SN74AVC24T245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCH24T245 TI-SN74AVCH24T245 Datasheet
347Kb / 15P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
AVCE6467T-2 TI1-AVCE6467T-2 Datasheet
366Kb / 15P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245 TI-SN74AVC24T245_06 Datasheet
287Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245 TI-SN74AVC24T245 Datasheet
286Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245 TI-SN74AVC24T245_V01 Datasheet
1Mb / 29P
[Old version datasheet]   24-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation And 3-State Outputs
SN74AVCH24T245 TI-SN74AVCH24T245_V01 Datasheet
1Mb / 27P
[Old version datasheet]   24-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation And 3-State Outputs
SN74AVC2T45 TI-SN74AVC2T45_08 Datasheet
522Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_07 Datasheet
386Kb / 20P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH2T45 TI-SN74AVCH2T45_09 Datasheet
640Kb / 24P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_10 Datasheet
611Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com