Electronic Components Datasheet Search |
|
SN74HC253QDREP Datasheet(PDF) 4 Page - Texas Instruments |
|
|
SN74HC253QDREP Datasheet(HTML) 4 Page - Texas Instruments |
4 / 12 page SN74HC253EP DUAL 4LINE TO 1LINE DATA SELECTOR/MULTIPLEXER WITH 3STATE OUTPUTS SCLS560 − JANUARY 2004 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage range, VCC −0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input clamp current, IIK (VI < 0 or VI > VCC) (see Note 1) ±20 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output clamp current, IOK (VO < 0 or VO > VCC) (see Note 1) ±20 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous output current, IO (VO = 0 to VCC) ±25 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous current through VCC or GND ±50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Note 2) 73 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed. 2. The package thermal impedance is calculated in accordance with JESD 51-7. recommended operating conditions (see Note 3) MIN NOM MAX UNIT VCC Supply voltage 2 5 6 V VCC = 2 V 1.5 VIH High-level input voltage VCC = 4.5 V 3.15 V VIH High-level input voltage VCC = 6 V 4.2 V VCC = 2 V 0.5 VIL Low-level input voltage VCC = 4.5 V 1.35 V VIL Low-level input voltage VCC = 6 V 1.8 V VI Input voltage 0 VCC V VO Output voltage 0 VCC V VCC = 2 V 1000 ∆t/∆v Input transition rise/fall time VCC = 4.5 V 500 ns ∆t/∆v Input transition rise/fall time VCC = 6 V 400 ns TA Operating free-air temperature −40 125 °C NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. |
Similar Part No. - SN74HC253QDREP |
|
Similar Description - SN74HC253QDREP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |