Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMZ75 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SMZ75
Description  Surface mount Silicon-Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SMZ75 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SMZ75 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SMZ75 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Type
Zener voltage
2)
I
Z = IZtest
V
zmin [V] Vzmax
Test cur.
I
ztest [mA]
Dyn. resistance
I
ztest / 1 kHz
r
zj [Ω]
Temp. Coeffiz.
of Z-voltage
α
VZ [10
-4 /°C]
Reverse volt.
I
R = 1 µA
V
R [V]
Z-current
1)
T
A = 50°C
I
Zmax [mA]
SMZ1-SMZ200
Surface mount Silicon-Zener Diodes
SMZ 1
3)
0.71
0.82
100
0.5 (<1)
–26…–16
1000
SMZ 3.9
3.7
4.1
100
4 (<7)
–7…+2
488
SMZ 4.3
4.0
4.6
100
4 (<7)
–7…+3
435
SMZ 4.7
4.4
5.0
100
4 (<7)
–7…+4
400
SMZ 5.1
4.8
5.4
100
2 (<5)
–6…+5
370
SMZ 5.6
5.2
6.0
100
1 (<3)
–3…+5
> 1.5
333
SMZ 6.2
5.8
6.6
100
1 (<2)
–1…+6
> 1.5
303
SMZ 6.8
6.4
7.2
100
1 (<2)
0…+7
> 2
278
SMZ 7.5
7.0
7.9
100
1 (<2)
0…+7
> 2
253
SMZ 8.2
7.7
8.7
100
1 (<2)
+3…+8
> 3.5
230
SMZ 9.1
8.5
9.6
50
2 (<4)
+3…+8
> 3.5
208
SMZ 10
9.4
10.6
50
2 (<4)
+5…+9
> 5
189
SMZ 11
10.4
11.6
50
4 (<7)
+5…+10
> 5
172
SMZ 12
11.4
12.7
50
4 (<7)
+5…+10
> 7
157
SMZ 13
12.4
14.1
50
5 (<10)
+5…+10
> 7
142
SMZ 15
13.8
15.6
50
5 (<10)
+5…+10
> 10
128
SMZ 16
15.3
17.1
25
6 (<15)
+6…+11
> 10
117
SMZ 18
16.8
19.1
25
6 (<15)
+6…+11
> 10
105
SMZ 20
18.8
21.2
25
6 (<15)
+6…+11
> 10
94
SMZ 22
20.8
23.3
25
6 (<15)
+6…+11
> 12
86
SMZ 24
22.8
25.6
25
7 (<15)
+6…+11
> 12
78
SMZ 27
25.1
28.9
25
7 (<15)
+6…+11
> 14
69
SMZ 30
28
32
25
8 (<15)
+6…+11
> 14
63
SMZ 33
31
35
25
8 (<15)
+6…+11
> 17
57
SMZ 36
34
38
10
16 (<40)
+6…+11
> 17
53
SMZ 39
37
41
10
20 (<40)
+6…+11
> 20
49
SMZ 43
40
46
10
24 (<45)
+7…+12
> 20
43
SMZ 47
44
50
10
24 (<45)
+7…+12
> 24
40
SMZ 51
48
54
10
25 (<60)
+7…+12
> 24
37
SMZ 56
52
60
10
25 (<60)
+7…+12
> 28
33
SMZ 62
58
66
10
25 (<80)
+8…+13
> 28
30
SMZ 68
64
72
10
25 (<80)
+8…+13
> 34
28
SMZ 75
70
79
10
30 (<100)
+8…+13
> 34
25
SMZ 82
77
88
10
30 (<100)
+8…+13
> 41
23
SMZ 91
85
96
5
40 (<200)
+9…+13
> 41
21
SMZ 100
94
106
5
60 (<200)
+9…+13
> 50
19
SMZ 110
104
116
5
80 (<250)
+9…+13
> 50
17
SMZ 120
114
127
5
80 (<250)
+9…+13
> 60
16
SMZ 130
124
141
5
90 (<300)
+9…+13
> 60
14
SMZ 150
138
156
5
100 (<300)
+9…+13
> 75
13
SMZ 160
153
171
5
110 (<350)
+9…+13
> 75
12
SMZ 180
168
191
5
120 (<350)
+9…+13
> 90
10
SMZ 200
188
212
5
150 (<350)
+9…+13
> 90
9


Similar Part No. - SMZ75

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SMZ75 DIOTEC-SMZ75 Datasheet
55Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
SMZ75 DIOTEC-SMZ75 Datasheet
106Kb / 2P
   Surface Mount Silicon-Zener Diodes (non-planar technology)
logo
Semikron International
SMZ75 SEMIKRON-SMZ75 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
Diotec Semiconductor
SMZ75 DIOTEC-SMZ75 Datasheet
158Kb / 3P
   Surface Mount Silicon-Zener Diodes (non-planar technology)
SMZ75 DIOTEC-SMZ75 Datasheet
187Kb / 3P
   SMD Zener Diodes
More results

Similar Description - SMZ75

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com