Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV4052ATPWREP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV4052ATPWREP
Description  DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV4052ATPWREP Datasheet(HTML) 3 Page - Texas Instruments

  SN74LV4052ATPWREP Datasheet HTML 1Page - Texas Instruments SN74LV4052ATPWREP Datasheet HTML 2Page - Texas Instruments SN74LV4052ATPWREP Datasheet HTML 3Page - Texas Instruments SN74LV4052ATPWREP Datasheet HTML 4Page - Texas Instruments SN74LV4052ATPWREP Datasheet HTML 5Page - Texas Instruments SN74LV4052ATPWREP Datasheet HTML 6Page - Texas Instruments SN74LV4052ATPWREP Datasheet HTML 7Page - Texas Instruments SN74LV4052ATPWREP Datasheet HTML 8Page - Texas Instruments SN74LV4052ATPWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SN74LV4052AEP
DUAL 4CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
SCLS502C − MAY 2003 − REVISED MAY 2004
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 4)
MIN
MAX
UNIT
VCC
Supply voltage
2†
5.5
V
VCC = 2 V
1.5
VIH
High-level input voltage, control inputs
VCC = 2.3 V to 2.7 V
VCC × 0.7
V
VIH
High-level input voltage, control inputs
VCC = 3 V to 3.6 V
VCC × 0.7
V
VCC = 4.5 V to 5.5 V
VCC × 0.7
VCC = 2 V
0.5
VIL
Low-level input voltage, control inputs
VCC = 2.3 V to 2.7 V
VCC × 0.3
V
VIL
Low-level input voltage, control inputs
VCC = 3 V to 3.6 V
VCC × 0.3
V
VCC = 4.5 V to 5.5 V
VCC × 0.3
VI
Control input voltage
0
5.5
V
VIO
Input/output voltage
0
VCC
V
VCC = 2.3 V to 2.7 V
200
∆t/∆v
Input transition rise or fall rate
VCC = 3 V to 3.6 V
100
ns/V
∆t/∆v
Input transition rise or fall rate
VCC = 4.5 V to 5.5 V
20
ns/V
TA
Operating free-air temperature
−40
105
°C
† With supply voltages at or near 2 V, the analog switch on-state resistance becomes very nonlinear. It is recommended that only digital signals
be transmitted at these low supply voltages.
NOTE 4: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
UNIT
On-state
2.3 V
225
ron
On-state
switch resistance
IT = 2 mA, VI = VCC or GND, VINH = VIL, (see Figure 1)
3 V
190
ron
switch resistance
IT = 2 mA, VI = VCC or GND, VINH = VIL, (see Figure 1)
4.5 V
100
Peak on-state
2.3 V
600
ron(p)
Peak on-state
resistance
IT = 2 mA, VI = VCC to GND, VINH = VIL
3 V
225
ron(p)
resistance
IT = 2 mA, VI = VCC to GND, VINH = VIL
4.5 V
125
Difference in
2.3 V
40
∆ron
Difference in
on-state resistance
between switches
IT = 2 mA, VI = VCC to GND, VINH = VIL
3 V
30
∆ron
on-state resistance
between switches
IT = 2 mA, VI = VCC to GND, VINH = VIL
4.5 V
20
II
Control input
current
VI = 5.5 V or GND
0 to
5.5 V
±1
µA
IS(off)
Off-state switch
leakage current
VI = VCC and VO = GND, or VI = GND and VO = VCC,
VINH = VIH, (see Figure 2)
5.5 V
±1
µA
IS(on)
On-state switch
leakage current
VI = VCC or GND, VINH = VIL, (see Figure 3)
5.5 V
±1
µA
ICC
Supply current
VI = VCC or GND
5.5 V
20
µA


Similar Part No. - SN74LV4052ATPWREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV4052ATPWRQ1 TI1-SN74LV4052ATPWRQ1 Datasheet
805Kb / 18P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com