Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLVC1G374QDBVRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CLVC1G374QDBVRQ1
Description  SINFLE D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLVC1G374QDBVRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  CLVC1G374QDBVRQ1 Datasheet HTML 1Page - Texas Instruments CLVC1G374QDBVRQ1 Datasheet HTML 2Page - Texas Instruments CLVC1G374QDBVRQ1 Datasheet HTML 3Page - Texas Instruments CLVC1G374QDBVRQ1 Datasheet HTML 4Page - Texas Instruments CLVC1G374QDBVRQ1 Datasheet HTML 5Page - Texas Instruments CLVC1G374QDBVRQ1 Datasheet HTML 6Page - Texas Instruments CLVC1G374QDBVRQ1 Datasheet HTML 7Page - Texas Instruments CLVC1G374QDBVRQ1 Datasheet HTML 8Page - Texas Instruments CLVC1G374QDBVRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SN74LVC1G374Q1
SINGLE DTYPE FLIPFLOP
WITH 3STATE OUTPUT
SCES607A − SEPTEMBER 2004 − REVISED APRIL 2008
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over free-air temperature range of −40
5C to 855C, CL = 30 pF or 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 1.8 V
± 0.15 V
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
VCC = 5 V
± 0.5 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
100
125
150
175
MHz
tpd
CLK
Q
2.7
18.3
1.8
8.2
1.6
6
1
4
ns
ten
OE
Q
2
13
1.5
6.3
0.9
5
0.7
3.5
ns
tdis
OE
Q
2
14
1.1
5.3
1.4
4.5
0.8
3.1
ns
switching characteristics over free-air temperature range of −40
5C to 1255C, CL = 30 pF or 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 1.8 V
± 0.15 V
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
VCC = 5 V
± 0.5 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
100
125
150
175
MHz
tpd
CLK
Q
2.7
18.3
1.8
10.2
1.6
7
1
5
ns
ten
OE
Q
2
14
1.5
8.3
0.9
6.5
0.7
5.5
ns
tdis
OE
Q
2
16
1.1
7.3
1.4
6
0.8
5.1
ns
operating characteristics, TA = 25°C
PARAMETER
TEST
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
UNIT
PARAMETER
TEST
CONDITIONS
TYP
TYP
TYP
TYP
UNIT
Cpd
Power dissipation
Outputs enabled
f = 10 MHz
24
24
25
27
pF
Cpd
Power dissipation
capacitance
Outputs disabled
f = 10 MHz
8
8
9
11
pF


Similar Part No. - CLVC1G374QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CLVC1G3208IDCKRQ1 TI1-CLVC1G3208IDCKRQ1 Datasheet
380Kb / 11P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE OR-AND GATE
CLVC1G32MDCKREPG4 TI1-CLVC1G32MDCKREPG4 Datasheet
502Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com