Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA171 Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA171
Description  36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA171 Datasheet(HTML) 3 Page - Texas Instruments

  OPA171_12 Datasheet HTML 1Page - Texas Instruments OPA171_12 Datasheet HTML 2Page - Texas Instruments OPA171_12 Datasheet HTML 3Page - Texas Instruments OPA171_12 Datasheet HTML 4Page - Texas Instruments OPA171_12 Datasheet HTML 5Page - Texas Instruments OPA171_12 Datasheet HTML 6Page - Texas Instruments OPA171_12 Datasheet HTML 7Page - Texas Instruments OPA171_12 Datasheet HTML 8Page - Texas Instruments OPA171_12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
OPA171
OPA2171
OPA4171
www.ti.com
SBOS516C
– SEPTEMBER 2010 – REVISED JUNE 2011
ELECTRICAL CHARACTERISTICS
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, VS = +2.7V to +36V, VCM = VOUT = VS/2, and RLOAD = 10kΩ connected to VS/2, unless otherwise noted.
OPA171, OPA2171, OPA4171
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
Input offset voltage
VOS
0.25
±1.8
mV
Over temperature
0.3
±2
mV
Drift
dVOS/dT
0.3
±2
µV/°C
vs power supply
PSRR
VS = +4V to +36V
1
±3
µV/V
Channel separation, dc
dc
5
µV/V
INPUT BIAS CURRENT
Input bias current
IB
±8
±15
pA
Over temperature
±3.5
nA
Input offset current
IOS
±4
pA
Over temperature
±3.5
nA
NOISE
Input voltage noise
f = 0.1Hz to 10Hz
3
µVPP
f = 100Hz
25
nV/
√Hz
Input voltage noise density
en
f = 1kHz
14
nV/
√Hz
INPUT VOLTAGE
Common-mode voltage range(1)
VCM
(V
–) – 0.1V
(V+)
– 2V
V
VS = ±2V, (V–) – 0.1V < VCM < (V+) – 2V
90
104
dB
Common-mode rejection ratio
CMRR
VS = ±18V, (V–) – 0.1V < VCM < (V+) – 2V
104
120
dB
INPUT IMPEDANCE
Differential
100 || 3
M
Ω || pF
1012
Ω ||
Common-mode
6 || 3
pF
OPEN-LOOP GAIN
Open-loop voltage gain
AOL VS = +4V to +36V, (V–) + 0.35V < VO < (V+) – 0.35V
110
130
dB
FREQUENCY RESPONSE
Gain bandwidth product
GBP
3.0
MHz
Slew rate
SR
G = +1
1.5
V/
µs
To 0.1%, VS = ±18V, G = +1, 10V step
6
µs
Settling time
tS
To 0.01% (12 bit), VS = ±18V, G = +1, 10V step
10
µs
Overload recovery time
VIN × Gain > VS
2
µs
Total harmonic distortion + noise
THD+N
G = +1, f = 1kHz, VO = 3VRMS
0.0002
%
OUTPUT
Voltage output swing from rail
VO
VS = 5V, RL = 10kΩ
30
mV
Over temperature
RL = 10kΩ, AOL ≥ 110dB
(V
–) + 0.35
(V+)
– 0.35
V
Short-circuit current
ISC
+25/
–35
mA
Capacitive load drive
CLOAD
See Typical Characteristics
pF
Open-loop output resistance
RO
f = 1MHz, IO = 0A
150
Ω
POWER SUPPLY
Specified voltage range
VS
+2.7
+36
V
Quiescent current per amplifier
IQ
IO = 0A
475
595
µA
Over temperature
IO = 0A
650
µA
TEMPERATURE
Specified range
–40
+125
°C
Operating range
–55
+150
°C
(1)
The input range can be extended beyond (V+)
– 2V up to V+. See the Typical Characteristics and Application Information sections for
additional information.
Copyright
© 2010–2011, Texas Instruments Incorporated
3


Similar Part No. - OPA171_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA171 TI1-OPA171_11 Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
JUNE2011
OPA171 TI1-OPA171_15 Datasheet
1Mb / 43P
[Old version datasheet]   Single-Supply, SOT553, General-Purpose Operational Amplifiers
More results

Similar Description - OPA171_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA171 TI1-OPA171_11 Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
JUNE2011
OPA171 TI1-OPA171 Datasheet
790Kb / 25P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA171 TI1-OPA171_15 Datasheet
1Mb / 43P
[Old version datasheet]   Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA2171-EP TI1-OPA2171-EP Datasheet
1Mb / 28P
[Old version datasheet]   Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA170 TI1-OPA170_12 Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
OPA170 TI1-OPA170 Datasheet
1Mb / 28P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
SEPTEMBER2011
OPA2171-EP TI1-OPA2171-EP_16 Datasheet
1Mb / 28P
[Old version datasheet]   36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA170 TI-OPA170_15 Datasheet
2Mb / 34P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS Value Line Series
OPA2171-EP TI-OPA2171-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   OPA2171-EP 36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA171-Q1 TI1-OPA171-Q1 Datasheet
767Kb / 18P
[Old version datasheet]   36V, SINGLE-SUPPLY, GENERAL-PURPOSE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com