Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLUU110A Datasheet(PDF) 11 Page - Texas Instruments

Part # SLUU110A
Description  BQ2004/5/6 DUAL-CELL LI-LON CHARGER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLUU110A Datasheet(HTML) 11 Page - Texas Instruments

Back Button SLUU110A Datasheet HTML 7Page - Texas Instruments SLUU110A Datasheet HTML 8Page - Texas Instruments SLUU110A Datasheet HTML 9Page - Texas Instruments SLUU110A Datasheet HTML 10Page - Texas Instruments SLUU110A Datasheet HTML 11Page - Texas Instruments SLUU110A Datasheet HTML 12Page - Texas Instruments SLUU110A Datasheet HTML 13Page - Texas Instruments SLUU110A Datasheet HTML 14Page - Texas Instruments SLUU110A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Test Procedures
2-3
Test Summary
Note:
For the two-cell case, at 1-A charge rate, where the battery pack is at 6 V,
the power dissipation is temporarily as high as 3.1 W until the pack charges
to 6.8 V. This condition is fine for the short time (~1 min.) before the pack
reaches 6.8 V.
Adjust the input power supply for 9.1 V. The red LED illuminates to indicate
charging, unless there is a fault or the battery is fully charged.
The bq24004/5/6 enters preconditioning mode if the battery is below the LowV
threshold. In this mode, the bq24004/5/6 trickle-charges with approximately
65 mA for approximately 23 minutes. If the battery does not reach the LowV
threshold during this period, then the charge current is terminated and the
bq24004/5/6 enters fault mode. The red LED flashes in fault mode. This
feature may be tested by removing input power, replacing the battery with a
30–40-
Ω resistor from BAT+ to DC–, and applying power (Vin) for more than
23 minutes. Fault mode is reset by toggling input power or enable pin.
Once the battery charges to the LowV-stop threshold, the battery enters fast-
charge mode and charges at the programmed 1-A level. Program charge level
may be changed by adjusting R3
R3
+ 0.10 V
I
chg
.
The battery remains at the fast-charge mode until either the selected time
expires or the battery charges to the selected regulation voltage.
The time-out feature is tested by using a 25–28-
Ω, 5-W resistor in place of the
battery. Apply the resistor after the unit is powered.
If the battery discharges down to the HighV threshold, the charger starts fast
charging. The refresh feature may be tested by charging a battery to
completion (Iterm + 23 minutes) and, without disconnecting the battery,
installing a 8–10-
Ω, 10-W resistor in parallel with the battery. The regulator
should start charging once the HIGHV threshold is reached. Note: The battery
is still charging for another 23 minutes after the LED turns off. If a load (>Iterm)
is applied before the 23 minutes has timed out then the load resets the 23
minute timer.
The circuit has an overvoltage comparator for added protection. If the battery
voltage exceeds this threshold for 330 ms, then the charger goes into fault
mode. This may be tested by connecting an external power supply in place of
the battery and adjusting the voltage above the threshold.


Similar Part No. - SLUU110A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLUU391 TI1-SLUU391 Datasheet
1Mb / 31P
[Old version datasheet]   Thermal Shutdown and Overcurrent Protection
SLUU633A TI1-SLUU633A Datasheet
372Kb / 13P
[Old version datasheet]   2-A to 6-A Integrated Power Solution
SLUU763 TI1-SLUU763 Datasheet
249Kb / 12P
[Old version datasheet]   bq2026 Evaluation Software
SLUU937 TI1-SLUU937 Datasheet
1Mb / 26P
[Old version datasheet]   a Phase-Dimmable, Primary-Side Regulated LED Driver
More results

Similar Description - SLUU110A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9519B RICHTEK-RT9519B Datasheet
386Kb / 18P
   Linear Single Cell Li-lon Battery Charger with Auto Power Path Management
RT9519A RICHTEK-RT9519A Datasheet
369Kb / 17P
   Linear Single Cell Li-lon Battery Charger with Auto Power Path Management
logo
Seaward Electronics Inc...
SE9018 SEAWARD-SE9018 Datasheet
314Kb / 9P
   1A Standalone Linear Li-lon Battery Charger
logo
SHOUDING Shouding Semic...
SD9057 SHOUDING-SD9057 Datasheet
1Mb / 10P
   Linear Li-Lon Battery Charger High Accuracy
logo
ON Semiconductor
FAN54120 ONSEMI-FAN54120 Datasheet
521Kb / 13P
   500 mA USB Compatible Single Cell Li-Lon Linear Charger with ?쏱ower Back??Capability
November, 2019 ??Rev. 0
logo
Richtek Technology Corp...
RT9516 RICHTEK-RT9516 Datasheet
218Kb / 11P
   Linear Single Cell Li-lon Battery Charger with Single Input Supply for Portable Applications
logo
Linear Technology
LTC4061 LINER-LTC4061_05 Datasheet
790Kb / 20P
   Standalone Linear Li-lon Battery Charger with Thermistor Input
LTC4061 LINER-LTC4061 Datasheet
665Kb / 20P
   Standalone Linear Li-lon Battery Charger with Thermistor Input
logo
SHOUDING Shouding Semic...
SD6003 SHOUDING-SD6003 Datasheet
332Kb / 7P
   Standalone Linear Li-Lon Battery Charger with Thermal Regulation
logo
TECHCODE SEMICONDUCTOR,...
TD9054 TECHCODE-TD9054 Datasheet
320Kb / 9P
   Standalone Linear Li-lon Battery Charger with Thermal Regulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com