Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST-351A Datasheet(PDF) 8 Page - Texas Instruments

Part # ST-351A
Description  High-Performance Linear/Interface Products
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ST-351A Datasheet(HTML) 8 Page - Texas Instruments

Back Button ST-351A Datasheet HTML 4Page - Texas Instruments ST-351A Datasheet HTML 5Page - Texas Instruments ST-351A Datasheet HTML 6Page - Texas Instruments ST-351A Datasheet HTML 7Page - Texas Instruments ST-351A Datasheet HTML 8Page - Texas Instruments ST-351A Datasheet HTML 9Page - Texas Instruments ST-351A Datasheet HTML 10Page - Texas Instruments ST-351A Datasheet HTML 11Page - Texas Instruments ST-351A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Overview
1-2
1.1
Overview
The transceivers in the HVD2x family offer performance far exceeding typical
RS-485 devices. In addition to meeting all requirements of the TIA/EIA-485-A
standard, the HVD2x family operates over an extended range common-mode
voltage, and has features such as high ESD protection, wide receiver
hysteresis, and failsafe operation. This family of devices is ideally suited for
long-cable networks and other applications where the environment is too
harsh for ordinary transceivers.
These devices are designed for bidirectional data transmission on multipoint
twisted-pair cables. Example applications are digital motor controllers, remote
sensors and terminals, industrial process control, security stations, and
environmental control systems.
These devices combine a 3-state differential driver and a differential receiver,
which operate from a single 5-V power supply. The driver differential outputs
and the receiver differential inputs are connected internally to form a
differential bus port that offers minimum loading to the bus. This port features
an extended common-mode voltage range making the device suitable for
multipoint applications over long cable runs. Figure 1 - 1 shows the basic
functions of the SN65HVD22.
The SN65HVD22 has controlled driver output slew rate for low radiated noise
in emission-sensitive applications and for improved signal quality with long
stubs. Up to 256 SN65HVD22 nodes can be connected at signaling rates up
to 500 kbps.
Figure 1 - 1. Functional Configurations of the SN65HVD22
B
A
R
RE
DE
D
0 V
Received Data
B
A
R
RE
DE
D
5 V
Transmit Data
B
A
R
RE
DE
D
5 V
Transmit
Data
0 V
Received
Data
(a) Differential Receiver
(b) Differential Driver
(b) Differential Transceiver
Figure 1 - 2 is a picture of the SN65HVD22 EVM. The EVM part number is
SN65HVD22EVM and comes with the SN65HVD22D (U2) installed. A copy
of the data sheet is shipped with the EVM—however, the latest version of the
data sheet is available from www.ti.com.


Similar Part No. - ST-351A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ST-351A TI-ST-351A Datasheet
2Mb / 29P
[Old version datasheet]   The following sections describe the function of individual circuits.
More results

Similar Description - ST-351A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELIS-1024 ETC2-ELIS-1024 Datasheet
278Kb / 11P
   High Performance Linear Image Sensors
logo
Applied Micro Circuits ...
S2042 AMCC-S2042 Datasheet
230Kb / 20P
   HIGH PERFORMANCE SERIAL INTERFACE CIRCUITS
logo
Advanced Micro Devices
AM29843 AMD-AM29843 Datasheet
597Kb / 15P
   HIGH PERFORMANCE BUS INTERFACE LATCHES
logo
STMicroelectronics
L6932H12 STMICROELECTRONICS-L6932H12 Datasheet
259Kb / 13P
   High performance 2A ULDO linear regulator
logo
Zarlink Semiconductor I...
ZL60010 ZARLINK-ZL60010 Datasheet
250Kb / 7P
   High-Performance Linear PIN 1300nm, 1550nm
logo
Maxim Integrated Produc...
MAX38907 MAXIM-MAX38907 Datasheet
1Mb / 25P
   4A, High-Performance LDO Linear Regulators
2020
logo
STMicroelectronics
L6932 STMICROELECTRONICS-L6932_05 Datasheet
353Kb / 11P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932 STMICROELECTRONICS-L6932 Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
logo
Integrated Device Techn...
IDTQS4A105 IDT-IDTQS4A105_09 Datasheet
100Kb / 7P
   QUICKSWITCH짰 PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL 4PST SWITCH
IDTQS4A105 IDT-IDTQS4A105_14 Datasheet
253Kb / 7P
   QUICKSWITCH PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL 4PST SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com