Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIC3213MF28 Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part # KIC3213MF28
Description  150mA CMOS High Performance LDO Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC3213MF28 Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KIC3213MF28 Datasheet HTML 1Page - KEC(Korea Electronics) KIC3213MF28 Datasheet HTML 2Page - KEC(Korea Electronics) KIC3213MF28 Datasheet HTML 3Page - KEC(Korea Electronics) KIC3213MF28 Datasheet HTML 4Page - KEC(Korea Electronics) KIC3213MF28 Datasheet HTML 5Page - KEC(Korea Electronics) KIC3213MF28 Datasheet HTML 6Page - KEC(Korea Electronics) KIC3213MF28 Datasheet HTML 7Page - KEC(Korea Electronics) KIC3213MF28 Datasheet HTML 8Page - KEC(Korea Electronics) KIC3213MF28 Datasheet HTML 9Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2012. 7. 5
4/9
KIC3213MF12~33
Revision No : 2
Absolute Maximum Ratings
Note) Package Mounted on FR-4 PCB board (40
㎜×40㎜×1.6㎜)
Characteristics
Symbol
Rating
Units
Input Voltage
VIN
5.5
V
Output Current
IOUT
150
mA
Power Dissipation (Note)
PD
400
mW
Operating Junction Temperature
Tj(opr)
-40~125
Storage Temperature
TSTG
-55~150
Electrical Characteristics
(V
IN = Set VOUT + 1V for VOUT options greater than 1.5V, VIN=2.5V for VOUT ≤ 1.5V
IOUT=1mA, VEN=VIN, TA=25℃, CIN=0.47μF, COUT=0.47μF, unless otherwise stated)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN
Input Voltage
-
2.0
-
5.5
V
IOUT
Output Current
-
150
-
-
mA
VOUT
Output Voltage
VOUT ≥ 1.5V
x 0.99
-
x 1.01
V
VOUT ≤ 1.5V
-20
-
+20
mV
∆V
OUT / ∆VIN
Line Regulation
Set VOUT + 0.5V ≤ VIN ≤ 5.5V
-
0.02
0.1
% / V
∆V
OUT / ∆IOUT
Load Regulation
1mA
≤ I
OUT ≤ 150mA
-
30
50
mV
VD
Dropout Voltage
1.2V
≤ V
OUT ≤ 1.5V
-
0.50
0.62
V
1.5V
≤ V
OUT ≤ 1.7V
-
0.38
0.47
V
1.7V
≤ V
OUT ≤ 2.0V
-
0.34
0.42
V
2.0V
≤ V
OUT ≤ 2.5V
-
0.28
0.36
V
2.5V
≤ V
OUT ≤ 2.8V
-
0.22
0.30
V
2.8V
≤ V
OUT ≤ 3.3V
-
0.21
0.27
V
IGND
Ground Pin Current
IOUT = 0mA
-
36
50
IQ
Quiescent Current
VEN = 0V(Shutdown)
-
0.1
1.0
∆V
OUT / ∆Ta
Output VoltageTemperature Coefficient
-40
℃≤ T
OPR ≤ 85℃
-
±100
-
ppm /
ISC
Short Current Limit
VOUT = 0V
-
40
-
mA
VEN(ON)
Output Control Voltage (ON-State)
-
1.1
-
5.5
V
VEN(OFF)
Output Control Voltage (OFF-State)
-
0
-
0.3
V
PSRR
Power Supply Ripple Rejection
f=1kHz, Ripple 0.2Vp-p
VIN=Set VOUT+1V, IOUT=30mA
(In case that VOUT≤1.5V, VIN=2.5V)
-
60
-
dB


Similar Part No. - KIC3213MF28

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC3213MF28 KEC-KIC3213MF28 Datasheet
457Kb / 9P
   SEMICONDUCTOR
More results

Similar Description - KIC3213MF28

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215_06 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Advanced Analog Technol...
AAT3215 AAT-AAT3215 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215 Datasheet
283Kb / 16P
   150mA CMOS High Performance LDO
logo
KEC(Korea Electronics)
KIC3210T-025 KEC-KIC3210T-025 Datasheet
431Kb / 5P
   CMOS Linear Integrated Circuit 150mA CMOS High Performance LDO Regulator
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5168 SEAWARD-SE5168 Datasheet
215Kb / 8P
   150mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217_08 Datasheet
274Kb / 10P
   150mA CMOS LDO Regulator
logo
List of Unclassifed Man...
SE5166 ETC1-SE5166 Datasheet
153Kb / 7P
   150mA CMOS LDO Regulator(Preliminary)
logo
California Micro Device...
CM3112 CALMIRCO-CM3112 Datasheet
277Kb / 14P
   150mA/1.2V CMOS LDO Regulator
logo
List of Unclassifed Man...
CYT6166 ETC2-CYT6166 Datasheet
1Mb / 7P
   150mA CMOS LDO Regulator (Preliminary)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com