Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR222E104MARAP1 Datasheet(PDF) 8 Page - AVX Corporation

Part # SR222E104MARAP1
Description  Radial Leads/SkyCap짰/SR Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR222E104MARAP1 Datasheet(HTML) 8 Page - AVX Corporation

Back Button SR222E104MARAP1 Datasheet HTML 4Page - AVX Corporation SR222E104MARAP1 Datasheet HTML 5Page - AVX Corporation SR222E104MARAP1 Datasheet HTML 6Page - AVX Corporation SR222E104MARAP1 Datasheet HTML 7Page - AVX Corporation SR222E104MARAP1 Datasheet HTML 8Page - AVX Corporation SR222E104MARAP1 Datasheet HTML 9Page - AVX Corporation SR222E104MARAP1 Datasheet HTML 10Page - AVX Corporation SR222E104MARAP1 Datasheet HTML 11Page - AVX Corporation SR222E104MARAP1 Datasheet HTML 12Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
22
Radial Leads/SkyCap
®/SL Series
Z5U Dielectric
For other styles, voltages, tolerances and lead lengths see Part No. Codes or contact factory.
*Other capacitance values available upon special request.
MAXIMUM CAPACITANCE VALUE
STYLE*
C0G (NP0)
X7R
SL29
900 pF
.015 µF
SL20
1800 pF
.033 µF
SL28
SL59
900 pF
.015 µF
SL13
SL21
1800 pF
.033 µF
SL30
SL61
7200 pF
.12 µF
SL65
SL40
SL75
.015 µF
.27 µF
SL22
1800 pF
.033 µF
SL27
1800 pF
.033 µF
SL76
.015 µF
.27 µF
SL50
.036 µF
.59 µF
AVX 500 VOLT SKYCAPS**
*Consult pages 27 and 28 for style sizes.
**Voltage rating based on DWV of 150% of rated voltage.
AVX Style
SL15
SL20
SL21
SL22
SL27
SL30
SL40
SL50
AVX “Insertable”
SL07
SL29
SL59
N/A
N/A
SL65
SL75
N/A
Width
3.81
5.08
5.08
5.08
6.604
7.62
10.16
12.70
(W)
(.150)
(.200)
(.200)
(.200)
(.260)
(.300)
(.400)
(.500)
Height
3.81
5.08
5.08
5.08
6.35
7.62
10.16
12.70
(H)
(.150)
(.200)
(.200)
(.200)
(.250)
(.300)
(.400)
(.500)
Thickness
2.54
3.175
3.175
3.175
4.06
3.81
3.81
5.08
(T)
(.100)
(.125)
(.125)
(.125)
(.160)
(.150)
(.150)
(.200)
Lead Spacing
2.54
2.54
5.08
6.35
7.62
5.08
5.08
10.16
(L.S.)
(.100)
(.100)
(.200)
(.250)
(.300)
(.200)
(.200)
(.400)
Lead Diameter
.508
.508
.508
.508
.508
.508
.508
.635
(L.D.)
(.020)
(.020)
(.020)
(.020)
(.020)
(.020)
(.020)
(.025)
Cap. in.* Industry Preferred
WVDC
WVDC
WVDC
WVDC
WVDC
WVDC
WVDC
WVDC
pF
Values in Blue
100
50
100
50
100
50
100
50
100
50
100
50
100
50
100
50
10,000
SL155E103ZAB
47,000
SL-----E473ZAB
100,000
SL215E104ZAB
150,000
SL-----E154ZAB
220,000
SL215E224ZAB
330,000
SL215E334ZAB
470,000
SL215E474ZAB
680,000
SL-----E684ZAB
1.0 µF
SL-----105ZAB
1.5 µF
SL30E155ZAB
2.2 µF
SL30E225ZAB
3.3 µF
SL30E335ZAB
4.7 µF
SL30E475ZAB
= Industry preferred values
= SL20 only
SIZE AND CAPACITANCE SPECIFICATIONS
EIA Characteristic
Dimensions: Millimeters (Inches)


Similar Part No. - SR222E104MARAP1

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SR222E104MARAP1 AVX-SR222E104MARAP1 Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
More results

Similar Description - SR222E104MARAP1

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SR211C104KAA AVX-SR211C104KAA Datasheet
267Kb / 8P
   Radial Leads/SkyCap짰
SR155E103MAR AVX-SR155E103MAR Datasheet
267Kb / 8P
   Radial Leads/SkyCap짰
AR215F104M4R AVX-AR215F104M4R Datasheet
202Kb / 9P
   Radial Leads/SkyCap짰/AR Series
SR152A3R0CAR AVX-SR152A3R0CAR Datasheet
177Kb / 4P
   Radial Leads/SkyCap /SR Series
SR212A220JAA AVX-SR212A220JAA Datasheet
169Kb / 1P
   Radial Leads/SkyCap/SR Series
SR155C102KAR AVX-SR155C102KAR Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
SR215C104KAR AVX-SR215C104KAR Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
SR211C105KAR AVX-SR211C105KAR Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
BF01 AVX-BF01 Datasheet
57Kb / 4P
   Radial Leads
SR201A102JAR AVX-SR201A102JAR Datasheet
267Kb / 8P
   Radial Leads/SkyCap
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com