Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C5750C0G1A102WTXXXX Datasheet(PDF) 3 Page - TDK Electronics

Part # C5750C0G1A102WTXXXX
Description  General Application
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C5750C0G1A102WTXXXX Datasheet(HTML) 3 Page - TDK Electronics

  C5750C0G1A102WTXXXX Datasheet HTML 1Page - TDK Electronics C5750C0G1A102WTXXXX Datasheet HTML 2Page - TDK Electronics C5750C0G1A102WTXXXX Datasheet HTML 3Page - TDK Electronics C5750C0G1A102WTXXXX Datasheet HTML 4Page - TDK Electronics C5750C0G1A102WTXXXX Datasheet HTML 5Page - TDK Electronics C5750C0G1A102WTXXXX Datasheet HTML 6Page - TDK Electronics C5750C0G1A102WTXXXX Datasheet HTML 7Page - TDK Electronics C5750C0G1A102WTXXXX Datasheet HTML 8Page - TDK Electronics C5750C0G1A102WTXXXX Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 72 page
background image
C Series
General Application
Type: C0402, C0603, C1005, C1608,
C2012, C3216, C3225, C4532, C5750
• High capacitance has been achieved through precision
technologies that enable the use of multiple thinner
ceramic dielectric layers.
• A monolithic structure ensures superior mechanical
strength and reliability.
• High-accuracy automatic mounting is facilitated through
the maintenance of very precise dimensional tolerances.
• Composed of only ceramics and metals, these
capacitors provide extremely dependable performance,
exhibiting virtually no degradation even when subjected to
temperature extremes.
• Low stray capacitance ensures high conformity with
nominal values, thereby simplifying the circuit design
process.
• Low residual inductance assures superior frequency
characteristics.
• Because electrostatic capacity has been obtained up to
the electrolytic capacitor range, these capacitors offer
long service life and are optimally suited for power supply
designs that require high levels of reliability.
• Owing to their low ESR and excellent frequency
characteristics, these products are optimally suited for
high frequency and high-density type power supplies.
Applications
• Electronics equipment
• Mobile communications equipment
• Office automation equipment
• Automotive electronics
• Test and measurement equipment
• Hybrid ICs, etc.
• Decoupling
• Smoothing
• Charge pump
Features
Shape &
Dimensions
Dimensions in mm
Part Number
Construction
Series Name
C
2012 X7R 1E 105 K T XXXX
Dimensions L x W (mm)
Temperature Characteristic
Rated Voltage (DC)
Nominal Capacitance (pF)
Capacitance Tolerance
Packaging Style
Internal Codes
The capacitance is expressed in three digit
codes and in units of pico Farads (pF). The first
and second digits identify the first and second
significant figures of the capacitance. The third
digit identifies the multiplier. R designates a
decimal point.
Case Code
Length
Width
C0402
0.40 ± 0.02
0.20 ± 0.02
C0603
0.60 ± 0.03
0.30 ± 0.03
C1005
1.00 ± 0.05
0.50 ± 0.05
C1608
1.60 ± 0.10
0.80 ± 0.10
C2012
2.00 ± 0.20
1.25 ± 0.20
C3216
3.20 ± 0.20
1.60 ± 0.20
C3225
3.20 ± 0.40
2.50 ± 0.30
C4532
4.50 ± 0.40
3.20 ± 0.40
C5750
5.70 ± 0.40
5.00 ± 0.40
Temperature
Characteristics
Capacitance
Change
Temperature
Range
C0G
0±30 ppm/ºC
-55 to +125ºC
SL
+350/-1000 ppm/ºC -25 to +85ºC
X5R
±15%
-55 to +85ºC
X6S
+22%
-55 to +105ºC
X7R
±15%
-55 to +125ºC
X7S
±22%
-55 to +125ºC
Y5V
+22/-82%
-33 to +85ºC
Packaging Code
Style
T
Tape & Reel
Tolerance Code
Tolerance
W
± 0.05 pF
B
± 0.10 pF
C
± 0.25 pF
D
± 0.50 pF
E
± 0.20 pF
G
± 2%
J
± 5%
K
± 10%
M
± 20%
Z
+80-20%
Capacitance Code
Capacitance
0R5
0.5pF
010
1pF
102
1,000pF (1nF)
105
1,000,000pF (1µF)
Voltage
Code
Voltage
(DC)
1C
16V
1E
25V
1V
35V
Voltage
Code
Voltage
(DC)
0G
4V
0J
6.3V
1A
10V
TDK MLCC US Catalog
Version B11
Page 5
L
Body Length
W Body Width
T
Body Height
B
Terminal Width
Voltage
Code
Voltage
(DC)
1H
50V


Similar Part No. - C5750C0G1A102WTXXXX

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C5750C0G1A100B050A TDK-C5750C0G1A100B050A Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C5750C0G1A102WTXXXX

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3875S KEC-KTC3875S Datasheet
95Kb / 3P
   GENERAL PURPOSE APPLICATION SWITCHING APPLICATION.
logo
KODENSHI_AUK CORP.
BC856F KODENSHI-BC856F Datasheet
284Kb / 4P
   General purpose application Switching application
logo
First Silicon Co., Ltd
FTA1504 FS-FTA1504 Datasheet
281Kb / 3P
   GENERAL PURPOSE APPLICATION. SWITCHING APPLICATION.
logo
KODENSHI_AUK CORP.
BC846 KODENSHI-BC846 Datasheet
267Kb / 4P
   General purpose application
BC857F KODENSHI-BC857F Datasheet
284Kb / 4P
   General purpose application
BC857U KODENSHI-BC857U Datasheet
274Kb / 4P
   General purpose application
BC846 KODENSHI-BC846 Datasheet
267Kb / 4P
   General purpose application
BC846F KODENSHI-BC846F Datasheet
279Kb / 4P
   General purpose application
BC846U KODENSHI-BC846U Datasheet
268Kb / 4P
   General purpose application
BC846UF KODENSHI-BC846UF Datasheet
179Kb / 3P
   General purpose application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com