Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1T45DCKRG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1T45DCKRG4
Description  SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1T45DCKRG4 Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC1T45DCKRG4 Datasheet HTML 1Page - Texas Instruments SN74LVC1T45DCKRG4 Datasheet HTML 2Page - Texas Instruments SN74LVC1T45DCKRG4 Datasheet HTML 3Page - Texas Instruments SN74LVC1T45DCKRG4 Datasheet HTML 4Page - Texas Instruments SN74LVC1T45DCKRG4 Datasheet HTML 5Page - Texas Instruments SN74LVC1T45DCKRG4 Datasheet HTML 6Page - Texas Instruments SN74LVC1T45DCKRG4 Datasheet HTML 7Page - Texas Instruments SN74LVC1T45DCKRG4 Datasheet HTML 8Page - Texas Instruments SN74LVC1T45DCKRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Electrical Characteristics
(1) (2)
SN74LVC1T45
www.ti.com ..................................................................................................................................................... SCES515I – DECEMBER 2003 – REVISED MAY 2009
over recommended operating free-air temperature range (unless otherwise noted)
TA = 25°C
–40°C to 85°C
PARAMETER
TEST CONDITIONS
VCCA
VCCB
UNIT
MIN
TYP
MAX
MIN
MAX
VCCO
IOH = –100 µA
1.65 V to 4.5 V
1.65 V to 4.5 V
– 0.1
IOH = –4 mA
1.65 V
1.65 V
1.2
VOH
VI = VIH
V
IOH = –8 mA
2.3 V
2.3 V
1.9
IOH = –24 mA
3 V
3 V
2.4
IOH = –32 mA
4.5 V
4.5 V
3.8
IOL = 100 µA
1.65 V to 4.5 V
1.65 V to 4.5 V
0.1
IOL = 4 mA
1.65 V
1.65 V
0.45
VOL
IOL = 8 mA
VI = VIL
2.3 V
2.3 V
0.3
V
IOL = 24 mA
3 V
3 V
0.55
IOL = 32 mA
4.5 V
4.5 V
0.55
II
DIR
VI = VCCA or GND
1.65 V to 5.5 V
1.65 V to 5.5 V
±1
±2
µA
A port
0 V
0 to 5.5 V
±1
±2
Ioff
VI or VO = 0 to 5.5 V
µA
B port
0 to 5.5 V
0 V
±1
±2
A or B
IOZ
VO = VCCO or GND
1.65 V to 5.5 V
1.65 V to 5.5 V
±1
±2
µA
port
1.65 V to 5.5 V
1.65 V to 5.5 V
3
ICCA
VI = VCCI or GND, IO = 0
5.5 V
0 V
2
µA
0 V
5.5 V
-2
1.65 V to 5.5 V
1.65 V to 5.5 V
3
ICCB
VI = VCCI or GND, IO = 0
5.5 V
0 V
-2
µA
0 V
5.5 V
2
ICCA + ICCB
VI = VCCI or GND, IO = 0
1.65 V to 5.5 V
1.65 V to 5.5 V
4
µA
(see Table 1)
A port at VCCA – 0.6 V,
A port
50
DIR at VCCA, B port = open
ΔICCA
3 V to 5.5 V
3 V to 5.5 V
µA
DIR at VCCA – 0.6 V,
DIR
B port = open,
50
A port at VCCA or GND
B port at VCCB – 0.6 V,
ΔICCB
B port
DIR at GND,
3 V to 5.5 V
3 V to 5.5 V
50
µA
A port = open
Ci
DIR
VI = VCCA or GND
3.3 V
3.3 V
2.5
pF
A or B
Cio
VO = VCCA/B or GND
3.3 V
3.3 V
6
pF
port
(1)
VCCO is the VCC associated with the output port.
(2)
VCCI is the VCC associated with the input port.
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN74LVC1T45


Similar Part No. - SN74LVC1T45DCKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1T45DCKRG4 TI-SN74LVC1T45DCKRG4 Datasheet
379Kb / 22P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45DCKRG4 TI-SN74LVC1T45DCKRG4 Datasheet
466Kb / 22P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45DCKRG4 TI-SN74LVC1T45DCKRG4 Datasheet
601Kb / 24P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45DCKRG4 TI-SN74LVC1T45DCKRG4 Datasheet
831Kb / 25P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45DCKRG4 TI-SN74LVC1T45DCKRG4 Datasheet
832Kb / 25P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Similar Description - SN74LVC1T45DCKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCH1T45 TI-SN74AVCH1T45 Datasheet
427Kb / 21P
[Old version datasheet]   SINGLE BIT DUAL SUPPLY BUS TRANSCEIVER
SN74LVC1T45-Q1 TI1-SN74LVC1T45-Q1_14 Datasheet
761Kb / 21P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVC2T245 TI1-SN74AVC2T245_16 Datasheet
354Kb / 21P
[Old version datasheet]   Dual-Bit Dual-Supply Bus Transceiver
SN74LVC2T45-EP TI-SN74LVC2T45-EP Datasheet
187Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC32DB TI1-SN74LVC32DB Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER
logo
Toshiba Semiconductor
TC74VCX163245FT TOSHIBA-TC74VCX163245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74LCX163245FT TOSHIBA-TC74LCX163245FT_07 Datasheet
194Kb / 11P
   16-Bit Dual Supply Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com