Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD3085EDGKG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN65HVD3085EDGKG4
Description  Low-Power RS-485 Transceivers, Available in a Small MSOP-8Package
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD3085EDGKG4 Datasheet(HTML) 3 Page - Texas Instruments

  SN65HVD3085EDGKG4 Datasheet HTML 1Page - Texas Instruments SN65HVD3085EDGKG4 Datasheet HTML 2Page - Texas Instruments SN65HVD3085EDGKG4 Datasheet HTML 3Page - Texas Instruments SN65HVD3085EDGKG4 Datasheet HTML 4Page - Texas Instruments SN65HVD3085EDGKG4 Datasheet HTML 5Page - Texas Instruments SN65HVD3085EDGKG4 Datasheet HTML 6Page - Texas Instruments SN65HVD3085EDGKG4 Datasheet HTML 7Page - Texas Instruments SN65HVD3085EDGKG4 Datasheet HTML 8Page - Texas Instruments SN65HVD3085EDGKG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
SN65HVD3082E, SN75HVD3082E
SN65HVD3085E, SH65HVD3088E
www.ti.com
SLLS562G – AUGUST 2009 – REVISED MAY 2009
RECOMMENDED OPERATING CONDITIONS
(1)
over operating free-air temperature range unless otherwise noted
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.5
5.5
V
Voltage at any bus terminal (separately or common mode) , VI
–7
12
High-level input voltage (D, DE, or RE inputs), VIH
2
VCC
V
Low-level input voltage (D, DE, or RE inputs), VIL
0
0.8
V
Differential input voltage, VID
–12
12
V
Driver
–60
60
Output current, IO
mA
Receiver
–8
8
Differential load resistance, RL
54
60
SN65HVD3082E, SN75HVD3082E
0.2
Signaling rate, 1/tUI
SN65HVD3085E
1
Mbps
SN65HVD3088E
20
SN65HVD3082E, SN65HVD3085E, SN65HVD3088E
–40
85
Operating free–air temperature, TA
°C
SN75HVD3082E
0
70
Junction temperature, TJ
(2)
–40
130
°C
(1)
The algebraic convention, in which the least positive (most negative) limit is designated as minimum is used in this data sheet.
(2)
See thermal characteristics table for information on maintenance of this specification for the DGK package.
SUPPLY CURRENT
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
D at VCC or open, DE at VCC,
Driver and receiver enabled
425
900
µA
RE at 0 V, No load
D at VCC or open, DE at VCC,
Driver enabled, receiver disabled
330
600
µA
RE at VCC, No load
ICC
D at VCC or open, DE at 0 V,
Receiver enabled, driver disabled
300
600
µA
RE at 0 V, No load
D at VCC or open, DE at 0 V,
Driver and receiver disabled
0.001
2
µA
RE at VCC
(1)
All typical values are at 25°C and with a 5–V supply.
ELECTROSTATIC DISCHARGE PROTECTION
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Human body model
Bus terminals and GND
±15
kV
Human body model(2)
All pins
±4
kV
Charged-device-model(3)
All pins
±1
kV
Electrical Fast Transient/Burst(4)
A, B, and GND
±4
kV
(1)
All typical values at 25°C.
(2)
Tested in accordance with JEDEC Standard 22, Test Method A114–A and IEC 60749–26.
(3)
Tested in accordance with JEDEC Standard 22, Test Method C101.
(4)
Tested in accordance with IEC 61000–4–4.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN65HVD3082E SN75HVD3082E SN65HVD3085E SH65HVD3088E


Similar Part No. - SN65HVD3085EDGKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3085EDGKG4 TI-SN65HVD3085EDGKG4 Datasheet
524Kb / 23P
[Old version datasheet]   LOW-POWER RS-485 TRANSCEIVER
SN65HVD3085EDGKG4 TI-SN65HVD3085EDGKG4 Datasheet
692Kb / 24P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN65HVD3085EDGKG4 TI1-SN65HVD3085EDGKG4 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
More results

Similar Description - SN65HVD3085EDGKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3082E TI-SN65HVD3082E_09 Datasheet
692Kb / 24P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN65HVD3082E TI1-SN65HVD3082E_17 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN65HVD3082E TI-SN65HVD3082E_V01 Datasheet
1Mb / 39P
[Old version datasheet]   SNx5HVD308xE Low-Power RS-485 Transceivers
REVISED JUNE 2023
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
   3.3V Low Power RS-485/RS-422 Transceivers
logo
Exar Corporation
SP483 EXAR-SP483_17 Datasheet
633Kb / 13P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481 Datasheet
100Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
SP481 SIPEX-SP481 Datasheet
78Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP485EN-L EXAR-SP485EN-L Datasheet
564Kb / 11P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481_04 Datasheet
168Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com