Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR225A104CARAP1 Datasheet(PDF) 5 Page - AVX Corporation

Part # SR225A104CARAP1
Description  Radial Leads/SkyCap짰/SR Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR225A104CARAP1 Datasheet(HTML) 5 Page - AVX Corporation

  SR225A104CARAP1 Datasheet HTML 1Page - AVX Corporation SR225A104CARAP1 Datasheet HTML 2Page - AVX Corporation SR225A104CARAP1 Datasheet HTML 3Page - AVX Corporation SR225A104CARAP1 Datasheet HTML 4Page - AVX Corporation SR225A104CARAP1 Datasheet HTML 5Page - AVX Corporation SR225A104CARAP1 Datasheet HTML 6Page - AVX Corporation SR225A104CARAP1 Datasheet HTML 7Page - AVX Corporation SR225A104CARAP1 Datasheet HTML 8Page - AVX Corporation SR225A104CARAP1 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
19
Radial Leads/SkyCap
®/SL Series
See Note
See Note
Dimensions: Millimeters (Inches)
Note: Coating clean .784/.031 min.
above seating plane
Styles SL15, SL20,
SL30, SL40, SL50
Style SL21
Styles SL22, SL27
W
Max.
W
Max.
W
Max.
Max.
T
Max.
T
Max.
T
L.S.
.762/.030
L.S.
.762/.030
L.S.
.762/.030
H Max.
H Max.
H Max.
1.0" Min.
1.0" Min.
1.0" Min.
LD
Nom.
LD
Nom.
LD
Nom.
1.52/.060
Max.
AVX SL Series
Conformally Coated Radial Leaded MLC
Temperature Coefficients: C0G (NP0), X7R, Z5U
200, 100, 50 Volts (300V, 400V & 500V also available)
Case Material: Epoxy
Lead Material: Solderable Sn/Pb
XXX
X X X
FRONT
XXX
A XX
BACK
Capacitance Code
Tolerance Code
Voltage Code
Temp. Char. Code
3 Digit Date Code
Lot Code
AVX Logo
Quantity per Bag
SL15, 20, 21, 22, 27, 30
1000 Pieces
SL40, 50
500 Pieces
Note: SL15, SL20, SL21, SL30, and SL40 available on tape and reel per EIA
specifications RS-468. See Pages 33 and 34.
GENERAL INFORMATION
MARKING
PACKAGING REQUIREMENTS
Not RoHS Compliant
HOW TO ORDER
SL21
AVX Style
SL15
SL20
SL21
SL22
SL27
SL30
SL40
SL50
5
Voltage
5 = 50V
1 = 100V
2 = 200V
9 = 300V
8 = 400V
7 = 500V
E
Temperature
Coefficient
A = C0G (NP0)
C = X7R
E = Z5U
104
Capacitance
First two digits are the
significant figures of
capacitance. Third digit
indicates the additional
number of zeros. For
example, order 100,000
pF as 104. (For values
below 10pF use “R” in
place of decimal point,
e.g., 1R4 = 1.4pF.)
M
Capacitance
Tolerance
C0G (NP0):
C = ±.25pF
D = ±.5pF
F = ±1%
(>50pF only)
G = ±2%
(>25pF only)
J = ±5%
K = ±10%
X7R:
J = ±5%
K = ±10%
M = ±20%
Z5U:
M = ±20%
Z = +80%
-20%
A
Failure Rate
A = Not Applicable
B
Leads
B = Leads Sn/Pb
(Tin lead product)
TR1
Packaging
Blank = Bulk Packaging
T = Trimmed Leads
.230"± .030"
Bulk packaging
TR1 = Tape and Reel
Packaging
AP1 = Ammopack
Packaging
See packaging specification
page 33-34.


Similar Part No. - SR225A104CARAP1

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SR225A104CARAP1 AVX-SR225A104CARAP1 Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
More results

Similar Description - SR225A104CARAP1

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SR211C104KAA AVX-SR211C104KAA Datasheet
267Kb / 8P
   Radial Leads/SkyCap짰
SR155E103MAR AVX-SR155E103MAR Datasheet
267Kb / 8P
   Radial Leads/SkyCap짰
AR215F104M4R AVX-AR215F104M4R Datasheet
202Kb / 9P
   Radial Leads/SkyCap짰/AR Series
SR152A3R0CAR AVX-SR152A3R0CAR Datasheet
177Kb / 4P
   Radial Leads/SkyCap /SR Series
SR212A220JAA AVX-SR212A220JAA Datasheet
169Kb / 1P
   Radial Leads/SkyCap/SR Series
SR155C102KAR AVX-SR155C102KAR Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
SR215C104KAR AVX-SR215C104KAR Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
SR211C105KAR AVX-SR211C105KAR Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
BF01 AVX-BF01 Datasheet
57Kb / 4P
   Radial Leads
SR201A102JAR AVX-SR201A102JAR Datasheet
267Kb / 8P
   Radial Leads/SkyCap
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com