Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB05-10B05 Datasheet(PDF) 5 Page - MORNSUN Science& Technology Ltd.

Part # LB05-10B05
Description  LB series ---- is a compact size power converter offered by Mornsun.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LB05-10B05 Datasheet(HTML) 5 Page - MORNSUN Science& Technology Ltd.

  LB05-10B05 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LB05-10B05 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LB05-10B05 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LB05-10B05 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LB05-10B05 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LB05-10B05 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
LB03-15
A/3-2012
Page 5 of 6
OUTLINE AND DIMENSIONS (Unit: mm)
NO.
LB03
LB05
LB10
LB15
A
48.50
55.00
62.00
70.00
B
36.00
45.00
45.00
48.00
C
20.50
21.00
22.50
23.50
D
40.50
47.00
54.00
62.00
E
12.50
17.50
17.50
20.00
F
4.00
5.00
5.00
5.75
G
10.00
12.50
12.50
12.50
MODLES WEIGHT
WEIGHT
LB03
LB05
LB10
LB15
(Typ.)
50g
70g
80g
120g
FOOTPRINT DETAILS
Pin
LBXX-10B
LBXX-10A
LBXX-10C
LBXX-10D
1
2
AC(N)
AC(N)
AC(N)
AC(N)
3
AC(L)
AC(L)
AC(L)
AC(L)
4
-Vo
-Vo
-Vo1
-Vo1
5
No Pin
No Pin
+Vo1
+Vo1
6
No Pin
COM
-Vo2
No Pin
7
No Pin
No Pin
COM
-Vo2
8
+Vo
+Vo
+Vo2
+Vo2
Trim
Trim**
No Pin
No Pin
No Pin
There is no pin
“1”
on LB10-10BXX
Trim**: only for LB15-10BXX Series.
LBXXA2 CHASSIS MOUNTING WITH SCREW TERMINALS
86.10[3.390]
96.10[3.783]
2
3
1
4
5
6
7
8
Ф3.50[0.138]
8.50[0.335]
20.60[0.811]
(
)
Top View
(
)
Main View
Note:
Unit: mm[inch]
General tolerances: ±0.50mm[±0.020inch]
*The figure above is related to LB10 series, the height of other series is different.
OUTLINE AND DIMENSIONS (Unit: mm)
MODEL
DIMENSIONS
LB03XXA2
96.1x54x29mm
LB05XXA2
96.1x54x29.5mm
LB10XXA2
96.1x54x31mm
LB15XXA2
96.1x54x32mm
MODELS WEIGHT
WEIGHT
LB03
LB05
LB10
LB15
Typ.
100g
120g
130g
170g
FOOTPRINT DETAILS
Pin
LBXX-10B
LBXX-10A
LBXX-10D
1
2
AC(N)
AC(N)
AC(N)
3
AC(L)
AC(L)
AC(L)
4
-Vo
-Vo
-Vo1
5
NC
NC
+Vo1
6
NC/Trim**
COM
NC
7
NC
NC
-Vo2
8
+Vo
+Vo
+Vo2
There is no pin
“1”
on LB10-10BXXA2.
NC/Trim** : The pin is Trim on LB15-10BXXA2 ,
The pin is not connected on other single output products.


Similar Part No. - LB05-10B05

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LB05-10B05 MORNSUN-LB05-10B05 Datasheet
220Kb / 10P
   AC-DC CONVERTER
LB05-10B05LT MORNSUN-LB05-10B05LT Datasheet
282Kb / 7P
   AC/DC Converter
More results

Similar Description - LB05-10B05

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH10-10B24A2 MORNSUN-LH10-10B24A2 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LD10-20B24A2 MORNSUN-LD10-20B24A2 Datasheet
473Kb / 4P
   LD10 series ----is a compact size power converter offered by Mornsun.
LD12-20B12A2 MORNSUN-LD12-20B12A2 Datasheet
543Kb / 5P
   LD12 series ----- are the 12W compact size power converter offered by Mornsun.
LO10-00B24E MORNSUN-LO10-00B24E Datasheet
242Kb / 4P
   LO10 series -- is a open frame switching power supply offered by MORNSUN.
LH10-10B12ER2A2 MORNSUN-LH10-10B12ER2A2 Datasheet
597Kb / 6P
   LH(ER2) series ----- is the improved version of Mornsun?셲 dedicated power converter for power systems.
logo
Cherry Semiconductor Co...
JK-0700 CHERRY-JK-0700 Datasheet
88Kb / 2P
   CHERRY JK-0700 is advanced CHERRY technology in a compact size
logo
TOKYO SEIMITSU CO., LTD
OPT-MEASURE ACCRETECH-OPT-MEASURE Datasheet
454Kb / 1P
   Texture, contour and hybrid. Unprecedented scalability offered by one machine
logo
MORNSUN Science& Techno...
LS01-15B15S MORNSUN-LS01-15B15S Datasheet
412Kb / 4P
   LS01 Series ----- are high efficiency green power modules with miniature packaging provided by Mornsun.
logo
Communications & Power ...
3CPX800A7 CPI-3CPX800A7 Datasheet
104Kb / 1P
   The 3CPX800A7 is a compact high-mu power
logo
Littelfuse
K2000YH LITTELFUSE-K2000YH Datasheet
247Kb / 10P
   It is offered in a DO-15 and TO-92 leaded packages
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com