Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75HVD3082EDR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN75HVD3082EDR
Description  Low-Power RS-485 Transceivers, Available in a Small MSOP-8Package
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75HVD3082EDR Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN75HVD3082EDR Datasheet HTML 6Page - Texas Instruments SN75HVD3082EDR Datasheet HTML 7Page - Texas Instruments SN75HVD3082EDR Datasheet HTML 8Page - Texas Instruments SN75HVD3082EDR Datasheet HTML 9Page - Texas Instruments SN75HVD3082EDR Datasheet HTML 10Page - Texas Instruments SN75HVD3082EDR Datasheet HTML 11Page - Texas Instruments SN75HVD3082EDR Datasheet HTML 12Page - Texas Instruments SN75HVD3082EDR Datasheet HTML 13Page - Texas Instruments SN75HVD3082EDR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
500 W
16 V
Input
D and RE Input
500 W
9 V
VCC
Input
R Output
50 kW
50 kW
180 kW
36 kW
VCC
DE Input
A and B Output
VCC
VCC
Input
Output
9 V
9 V
16 V
36 kW
16 V
5 W
16 V
36 kW
B Input
A Input
VCC
16 V
16 V
Input
VCC
Output
180 kW
36 kW
SN65HVD3082E, SN75HVD3082E
SN65HVD3085E, SH65HVD3088E
SLLS562G – AUGUST 2009 – REVISED MAY 2009
www.ti.com
Receiver failsafe is accomplished by offsetting the receiver thresholds so that the “input indeterminate” range
does not include zero volts differential. To comply with the RS-422 and RS-485 standards, the receiver output
must output a High when the differential input VID is more positive than +200 mV, and must output a Low when
the VID is more negative than -200 mV. The receiver parameters which determine the failsafe performance are
VIT+ and VIT-and VHYS. As seen in the RECEIVER ELECTRICAL CHARACTERISTICS table, differential signals
more negative than -200 mV will always cause a Low receiver output. Similarly, differential signals more positive
than +200 mV will always cause a High receiver output.
When the differential input signal is close to zero, it will still be above the VIT+ threshold, and the receiver output
is High. Only when the differential input is more negative than VIT-will the receiver output transition to a Low state.
So, the noise immunity of the receiver inputs during a bus fault condition includes the receiver hysteresis value
VHYS (the separation between VIT+ and VIT-) as well as the value of VIT+.
EQUIVALENT INPUT AND OUTPUT SCHEMATIC DIAGRAMS
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): SN65HVD3082E SN75HVD3082E SN65HVD3085E SH65HVD3088E


Similar Part No. - SN75HVD3082EDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75HVD3082EDR TI-SN75HVD3082EDR Datasheet
524Kb / 23P
[Old version datasheet]   LOW-POWER RS-485 TRANSCEIVER
SN75HVD3082EDR TI-SN75HVD3082EDR Datasheet
692Kb / 24P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN75HVD3082EDR TI1-SN75HVD3082EDR Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN75HVD3082EDR TI-SN75HVD3082EDR Datasheet
1Mb / 39P
[Old version datasheet]   SNx5HVD308xE Low-Power RS-485 Transceivers
REVISED JUNE 2023
SN75HVD3082EDRG4 TI-SN75HVD3082EDRG4 Datasheet
524Kb / 23P
[Old version datasheet]   LOW-POWER RS-485 TRANSCEIVER
More results

Similar Description - SN75HVD3082EDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3082E TI-SN65HVD3082E_09 Datasheet
692Kb / 24P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN65HVD3082E TI1-SN65HVD3082E_17 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN65HVD3082E TI-SN65HVD3082E_V01 Datasheet
1Mb / 39P
[Old version datasheet]   SNx5HVD308xE Low-Power RS-485 Transceivers
REVISED JUNE 2023
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
   3.3V Low Power RS-485/RS-422 Transceivers
logo
Exar Corporation
SP483 EXAR-SP483_17 Datasheet
633Kb / 13P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481 Datasheet
100Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
SP481 SIPEX-SP481 Datasheet
78Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP485EN-L EXAR-SP485EN-L Datasheet
564Kb / 11P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481_04 Datasheet
168Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com