Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD12-20B12 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # LD12-20B12
Description  LD12 series ----- are the 12W compact size power converter offered by Mornsun.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LD12-20B12 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  LD12-20B12 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LD12-20B12 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LD12-20B12 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LD12-20B12 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LD12-20B12 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
LD12-20BXX
A/2-2012
Page2 of 5
LD12-20B03
10000
LD12-20B05
10000
LD12-20B12
5400
LD12-20B15
2700
Maximum capacitive load (
µF)
LD12-20B24
1500
COMMON SPECIFICATIONS
Operating
-40℃~+70℃
(55℃~70)
3.3% / ℃
Power derating
(-40℃~0)
1% / ℃
Storage
-40℃~+105℃
Temperature ranges
Case temperature
+90
max
(Vin=230VAC)
50ms(typ)
Hold-up time
(Vin=115VAC)
10ms(typ)
Humidity
95%(max)
Temperature coefficient
±0.02%/℃
Switching frequency
100KHz(typ)
I/O-isolation voltage
4000VAC/1Min
CE
CISPR22/EN55022, CLASS B(without external circuit)
EMI
RE
CISPR22/EN55022, CLASS B(without external circuit)
ESD
IEC/EN 61000-4-2
Contact
±6KV /Air ±8KV
perf. Criteria B
RS
IEC/EN 61000-4-3
10V/m
perf. Criteria A
EFT
IEC/EN 61000-4-4
±4KV(without external circuit)
perf. Criteria B
IEC/EN 61000-4-5
±2KV(without external circuit)
perf. Criteria B
Surge
IEC/EN 61000-4-5
±4KV/±6KV
(with typical applications Figure 3)
perf. Criteria B
CS
IEC/EN61000-4-6
10 Vr.m.s
perf. Criteria A
PFM
IEC/EN61000-4-8
10A/m
perf. Criteria A
EMC
EMS
Voltage dips、short and
interruptions immunity
IEC/EN61000-4-11
0%-70%
perf. Criteria B
Safety standards
IEC60950/EN60950/UL60950
Safety approvals
EN60950/UL60950
Safety class
CLASS Ⅱ
Case material
UL94V-0
Install
PCB mounting,
Chassis mounting with Screw Terminals,
DIN-Rail mounting
Cooling
Free air convection
MTBF
>300,000H @25℃
Package
PCB mounting
Chassis mounting with Screw Terminals
DIN-Rail mounting
53.8x28.8x23.5mm
96.1X54.0X32.0mm
96.1X54.0X36.6mm
Weight
60g(PCB mounting)
110g(Chassis mounting with Screw Terminals)
150g(DIN-Rail mounting)
Note:
1.
Ripple and Noise were measured by the method of anear measure;
2.
All specifications measured at Ta=25
°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
PARALLEL LINES MEASURE
AC-DC
+Vo
-Vo
FUSE
L
N
25 . 4 mm
2 5 . 4 mm
C1
C2
1 2 . 7 mm
Co pp er she et
C on ne ct
Osc illo gra ph Pro be
Load
L
N
C1: 1
μF (ceramic capacitor)
C2: 10
μF (electrolytic capacitor)


Similar Part No. - LD12-20B12

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LD12-20B12 MORNSUN-LD12-20B12 Datasheet
489Kb / 7P
   12W, AC-DC converter
More results

Similar Description - LD12-20B12

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH10-10B24A2 MORNSUN-LH10-10B24A2 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LD10-20B24A2 MORNSUN-LD10-20B24A2 Datasheet
473Kb / 4P
   LD10 series ----is a compact size power converter offered by Mornsun.
LB10-10B24A2 MORNSUN-LB10-10B24A2 Datasheet
658Kb / 6P
   LB series ---- is a compact size power converter offered by Mornsun.
LO10-00B24E MORNSUN-LO10-00B24E Datasheet
242Kb / 4P
   LO10 series -- is a open frame switching power supply offered by MORNSUN.
LS01-15B15S MORNSUN-LS01-15B15S Datasheet
412Kb / 4P
   LS01 Series ----- are high efficiency green power modules with miniature packaging provided by Mornsun.
LH10-10B12ER2A2 MORNSUN-LH10-10B12ER2A2 Datasheet
597Kb / 6P
   LH(ER2) series ----- is the improved version of Mornsun?셲 dedicated power converter for power systems.
logo
Sanken electric
LC5710S SANKEN-LC5710S Datasheet
2Mb / 42P
   Operation Types: The following converter types are applicable by the external circuit configuration
logo
Murata Manufacturing Co...
SFECF10M7DA0001-R0 MURATA-SFECF10M7DA0001-R0 Datasheet
211Kb / 3P
   The filters are mountable by automatic placers
SFECF10M7DF00S0-R0 MURATA-SFECF10M7DF00S0-R0 Datasheet
211Kb / 3P
   The filters are mountable by automatic placers
SFECF10M7EA00S0-R0 MURATA-SFECF10M7EA00S0-R0 Datasheet
210Kb / 3P
   The filters are mountable by automatic placers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com