Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC3104IRHBT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC3104IRHBT
Description  LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC3104IRHBT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV320AIC3104IRHBT Datasheet HTML 3Page - Texas Instruments TLV320AIC3104IRHBT Datasheet HTML 4Page - Texas Instruments TLV320AIC3104IRHBT Datasheet HTML 5Page - Texas Instruments TLV320AIC3104IRHBT Datasheet HTML 6Page - Texas Instruments TLV320AIC3104IRHBT Datasheet HTML 7Page - Texas Instruments TLV320AIC3104IRHBT Datasheet HTML 8Page - Texas Instruments TLV320AIC3104IRHBT Datasheet HTML 9Page - Texas Instruments TLV320AIC3104IRHBT Datasheet HTML 10Page - Texas Instruments TLV320AIC3104IRHBT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 91 page
background image
TLV320AIC3104
www.ti.com
SLAS510C – FEBRUARY 2007 – REVISED DECEMBER 2010
ELECTRICAL CHARACTERISTICS
At 25°C, AVDD = DRVDD = IOVDD = 3.3 V, DVDD = 1.8 V, fS = 48 kHz, 16-bit audio data (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AUDIO ADC
Input signal level
Single-ended
0.707
VRMS
SNR
Signal-to-noise ratio (1) (2)
A-weighted, fS = 48 ksps, 0-dB PGA gain, inputs ac-shorted to ground
80
92
dB
Dynamic range (1) (2)
fS = 48 ksps; 0-dB PGA gain; 1-kHz, –60-dB full-scale input signal
93
dB
THD
Total harmonic distortion
fS = 48 ksps; 0-dB PGA gain; 1-kHz, –2-dB full-scale input signal
–89
–75
dB
217-Hz signal applied to DRVDD
55
PSRR
Power-supply rejection ratio
dB
1-kHz signal applied to DRVDD
44
Input channel separation
1-kHz, –2-dB full-scale signal, MIC1L to MIC1R
–71
dB
Gain error
fS = 48 ksps; 0-dB PGA gain; 1-kHz, –2-dB full-scale input signal
0.82
dB
ADC programmable-gain
1-kHz input tone
59.5
dB
amplifier maximum gain
ADC programmable-gain
0.5
dB
amplifier step size
MIC1L/MIC1R inputs routed to single ADC
20
input mix attenuation = 0 dB
MIC1L/MIC1R inputs routed to single ADC
80
input mix attenuation = 12 dB
Input resistance
k
MIC2L/MIC2R inputs routed to single ADC
20
input mix attenuation = 0 dB
MIC2L/MIC2R inputs routed to single ADC
80
input mix attenuation = 12 dB
Input resistance
80
k
Input capacitance
MIC1/LINE1 inputs
10
pF
Input level control minimum
0
dB
attenuation setting
Input level control maximum
12
dB
attenuation setting
Input level control attenuation
1.5
dB
step size
ANALOG PASSTHROUGH MODE
MIC1/LIN1 to LINEOUT
330
Input-to-output switch
RDS(on)
resistance
MIC2/LIN2 to LINEOUT
330
Input Signal Level, Differential
SNR
Signal-to-noise ratio
A-weighted, fS = 48 ksps, 0 dB PGA gain, inputs ac-shorted to ground
92
dB
THD
Total harmonic distortion
fS = 48 kHz; 0-dB PGA gain, 1-kHz, –2-dB full-scale input signal
–94
dB
ADC DIGITAL DECIMATION FILTER, fS = 48 kHz
From 0 to 0.39 fS
±0.1
At 0.4125 fS
–0.25
Filter gain
At 0.45 fS
–3
dB
At 0.5 fS
–17.5
From 0.55 fS to 64 fS
–75
Filter group delay
17/fS
s
MICROPHONE BIAS
Programmable setting = 2 V
2
Programmable setting = 2.5 V
2.3
2.455
2.7
Bias voltage
V
DRVDD –
Programmable setting = DRVDD
0.24
Current sourcing
Programmable setting = 2.5 V
4
mA
AUDIO DAC – DIFFERENTIAL LINE OUTPUT, RLOAD = 10 kΩ
(1)
Ratio of output level with 1-kHz full-scale sine-wave input, to the output level with the inputs short-circuited, measured A-weighted over a
20-Hz to 20-kHz bandwidth using an audio analyzer.
(2)
All performance measurements done with 20-kHz low-pass filter and, where noted, A-weighted filter. Failure to use such a filter may
result in higher THD+N and lower SNR and dynamic range readings than shown in the Electrical Characteristics. The low-pass filter
removes out-of-band noise, which, although not audible, may affect dynamic specification values.
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TLV320AIC3104


Similar Part No. - TLV320AIC3104IRHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3104IRHBT TI-TLV320AIC3104IRHBT Datasheet
1Mb / 93P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3104IRHBT TI-TLV320AIC3104IRHBT Datasheet
1Mb / 93P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3104IRHBT TI1-TLV320AIC3104IRHBT Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power Stereo Audio Codec
TLV320AIC3104IRHBT TI1-TLV320AIC3104IRHBT Datasheet
1Mb / 97P
[Old version datasheet]   Low-Power Stereo Audio Codec for Portable Audio and Telephony
More results

Similar Description - TLV320AIC3104IRHBT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV320AIC31 BURR-BROWN-TLV320AIC31_07 Datasheet
1Mb / 77P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3105 BURR-BROWN-TLV320AIC3105_08 Datasheet
1Mb / 95P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLVAIC3106IRGZRG4 TI-TLVAIC3106IRGZRG4 Datasheet
1Mb / 103P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320ALC31 BURR-BROWN-TLV320ALC31 Datasheet
1,008Kb / 74P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC32 BURR-BROWN-TLV320AIC32_07 Datasheet
1Mb / 87P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3106-Q1 TI1-TLV320AIC3106-Q1 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3101 TI1-TLV320AIC3101 Datasheet
2Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio Codec for Portable Audio/Telephony
TLV320AIC31 TI-TLV320AIC31 Datasheet
2Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3106_0706 TI-TLV320AIC3106_0706 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320AIC3105 BURR-BROWN-TLV320AIC3105 Datasheet
1Mb / 93P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3101 TI-TLV320AIC3101 Datasheet
1Mb / 95P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com