Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB15-10B05 Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # LB15-10B05
Description  LB series ---- is a compact size power converter offered by Mornsun.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LB15-10B05 Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  LB15-10B05 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LB15-10B05 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LB15-10B05 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LB15-10B05 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LB15-10B05 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LB15-10B05 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
LB03-15
A/3-2012
Page 4 of 6
EXTERNAL TYPICAL VALUE(UNIT:
μF )
MODEL
C2
C4
TVS1
TVS2
MODEL
C2
C4
TVS1
TVS2
LB03-10B03
220
SMBJ7.0A
LB05-10D0524-01
220
47
SMBJ7.0A
SMBJ33A
LB03-10B05
220
SMBJ7.0A
LB10-10B03
470
SMBJ7.0A
LB03-10B09
120
SMBJ12A
LB10-10B05
330
SMBJ7.0A
LB03-10B12
120
SMBJ20A
LB10-10B09
120
SMBJ12A
LB03-10B15
68
SMBJ20A
LB10-10B12
120
SMBJ20A
LB03-10B24
10
SMBJ33A
LB10-10B15
120
SMBJ20A
LB05-10B03
330
SMBJ7.0A
LB10-10B24
68
SMBJ33A
LB05-10B05
330
SMBJ7.0A
LB10-10A05
220
220
SMBJ7.0A
SMBJ7.0A
LB05-10B09
120
SMBJ12A
LB10-10A12
120
120
SMBJ20A
SMBJ20A
LB05-10B12
120
SMBJ20A
LB10-10A15
47
47
SMBJ20A
SMBJ20A
LB05-10B15
68
SMBJ20A
LB15-10B03
330
SMBJ7.0A
LB05-10B24
68
SMBJ33A
LB15-10B05
680
SMBJ7.0A
LB05-10A05
120
120
SMBJ7.0A
SMBJ7.0A
LB15-10B12
220
SMBJ20A
LB05-10A12
68
68
SMBJ20A
SMBJ20A
LB15-10B15
220
SMBJ20A
LB05-10A15
47
47
SMBJ20A
SMBJ20A
LB15-10B24
68
SMBJ33A
LB05-10A24
10
10
SMBJ33A
SMBJ33A
LB05-10D0505-01
220
68
SMBJ7.0A
SMBJ7.0A
LB05-10D0512-01
220
68
SMBJ7.0A
SMBJ20A
LB05-10D0515-01
220
47
SMBJ7.0A
SMBJ20A
Note:
1.
Output filtering capacitor C2 and C4 are electrolytic capacitor. It is recommended to use high frequency and low resistance electrolytic capacitor. For capacitance
and current of the capacitor please refer to suppliers
’ specifications. Voltage derating of capacitor should be 80% or above. C1andC3 eliminate high frequency
noise,advice use 1
μF/50V.TVS is a recommended component to protect post-circuits (when converter fails).External input NTC is recommended to use 5D-9.
2.
For standard EMC requirement, please refer to figure 1 , figure 2 or figure 3, if higher EMC requirement ,please refer to figure 5 or figure 6.
MOV: Varistor,
model: 561KD14,it is used to protect the device under surge;
C5,C6:Y capacitor, recommended parameter 222K/400V;
C7:X capacitor, recommended parameter 0.1
μF/275V;
NF: common model choke, recommended inductance is about 10mH-30mH;
FC-L01D:Mornsun
’s 2KV/4KV Surge protector.
FUSE:LB03/05 is recommended to use 1A/250V,LB10/15 is recommended to use 2A/250V;
PCB MOUNTING WITH SOLDER PINS
Note:
Unit:mm[inch]
Pin
tolerances:
±0.10mm[±0.004inch]
General tolerances:
±0.50mm[±0.020inch]
diameter
(Front View)
(Bottom View)
Note:grid 2.54*2.54mm
LB
series
10
LB
series
03
LB
series
15
LB
series
05
3
7
6
5
4
1
2
8
Ф1.50[0.059]
3
7
6
5
4
1
2
8
Ф1.50[0.059]
3
7
6
5
4
1
2
8
Ф1.50[0.059]
3
8
7
6
5
4
1
2
Trim
Ф1.50[0.059]
A
D
8
7
6
5
4
1
2
3
Trim
Ф1.00[0.039]


Similar Part No. - LB15-10B05

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LB15-10B05 MORNSUN-LB15-10B05 Datasheet
220Kb / 10P
   AC-DC CONVERTER
LB15-10B05LT MORNSUN-LB15-10B05LT Datasheet
282Kb / 7P
   AC/DC Converter
More results

Similar Description - LB15-10B05

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH10-10B24A2 MORNSUN-LH10-10B24A2 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LD10-20B24A2 MORNSUN-LD10-20B24A2 Datasheet
473Kb / 4P
   LD10 series ----is a compact size power converter offered by Mornsun.
LD12-20B12A2 MORNSUN-LD12-20B12A2 Datasheet
543Kb / 5P
   LD12 series ----- are the 12W compact size power converter offered by Mornsun.
LO10-00B24E MORNSUN-LO10-00B24E Datasheet
242Kb / 4P
   LO10 series -- is a open frame switching power supply offered by MORNSUN.
LH10-10B12ER2A2 MORNSUN-LH10-10B12ER2A2 Datasheet
597Kb / 6P
   LH(ER2) series ----- is the improved version of Mornsun?셲 dedicated power converter for power systems.
logo
Cherry Semiconductor Co...
JK-0700 CHERRY-JK-0700 Datasheet
88Kb / 2P
   CHERRY JK-0700 is advanced CHERRY technology in a compact size
logo
TOKYO SEIMITSU CO., LTD
OPT-MEASURE ACCRETECH-OPT-MEASURE Datasheet
454Kb / 1P
   Texture, contour and hybrid. Unprecedented scalability offered by one machine
logo
MORNSUN Science& Techno...
LS01-15B15S MORNSUN-LS01-15B15S Datasheet
412Kb / 4P
   LS01 Series ----- are high efficiency green power modules with miniature packaging provided by Mornsun.
logo
Communications & Power ...
3CPX800A7 CPI-3CPX800A7 Datasheet
104Kb / 1P
   The 3CPX800A7 is a compact high-mu power
logo
Littelfuse
K2000YH LITTELFUSE-K2000YH Datasheet
247Kb / 10P
   It is offered in a DO-15 and TO-92 leaded packages
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com